Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 232 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 232 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 228Page - Cirrus Logic CS47L35 Datasheet HTML 229Page - Cirrus Logic CS47L35 Datasheet HTML 230Page - Cirrus Logic CS47L35 Datasheet HTML 231Page - Cirrus Logic CS47L35 Datasheet HTML 232Page - Cirrus Logic CS47L35 Datasheet HTML 233Page - Cirrus Logic CS47L35 Datasheet HTML 234Page - Cirrus Logic CS47L35 Datasheet HTML 235Page - Cirrus Logic CS47L35 Datasheet HTML 236Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 300 page
background image
232
DS1085F3
CS47L35
5.1 Recommended External Components
Figure 5-6. ESD Diode Configuration for External Output Connections
5.1.5
Speaker-Driver Output Path
The CS47L35 incorporates a Class D speaker driver, offering high amplifier efficiency at large signal levels. As the Class D
output is a pulse-width modulated signal, the choice of speakers and tracking of signals is critical for ensuring good
performance and reducing EMI in this mode.
The efficiency of the speaker driver is affected by the series resistance between the CS47L35 and the speaker (e.g., PCB
track loss and inductor ESR) as shown in Fig. 5-7. This resistance should be as low as possible to maximize efficiency.
Figure 5-7. Speaker Connection Losses
The Class D output requires external filtering to recreate the audio signal. This may be implemented using a 2nd order LC
or 1st order RC filter, or else may be achieved by using a loudspeaker whose internal inductance provides the required
filter response. An LC or RC filter should be used if the loudspeaker characteristics are unknown or unsuitable, or if the
length of the loudspeaker connection is likely to lead to EMI problems.
In applications where it is necessary to provide Class D filter components, a second-order LC filter is the recommended
solution as it provides more attenuation at higher frequencies and minimizes power dissipated in the filter when compared
to a first order RC filter (lower ESR). This maximizes both rejection of unwanted switching frequencies and overall speaker
efficiency. A suitable implementation is shown in Fig. 5-8.
HPOUTL
HPOUTR
External Headphone/Line
Output Connection
External Headphone/Line
Output Connection
ESD Protection Diodes
CS47L35
GND
Switching
Losses
Class D
output
SPKVDD
SPKVDD/2
Losses due to resistance between output driver and
speaker (e.g., inductor ESR). This resistance must be
minimised in order to maximise efficiency .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com