Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 236 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 236 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 232Page - Cirrus Logic CS47L35 Datasheet HTML 233Page - Cirrus Logic CS47L35 Datasheet HTML 234Page - Cirrus Logic CS47L35 Datasheet HTML 235Page - Cirrus Logic CS47L35 Datasheet HTML 236Page - Cirrus Logic CS47L35 Datasheet HTML 237Page - Cirrus Logic CS47L35 Datasheet HTML 238Page - Cirrus Logic CS47L35 Datasheet HTML 239Page - Cirrus Logic CS47L35 Datasheet HTML 240Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 300 page
background image
236
DS1085F3
CS47L35
5.1 Recommended External Components
Figure 5-11. External Accessory Detection
The accessory detection circuit measures the impedance of an external load connected to one of the MICDET pins.
The microphone-detection circuit uses MICVDD, MICBIAS1A, MICBIAS1B, or MICBIAS2A as a reference. The applicable
source is configured using MICD_BIAS_SRC.
The CS47L35 can detect the presence of a typical microphone and up to six push buttons, using the components shown
in Fig. 5-12. When the microphone detection circuit is enabled, each of the push buttons shown causes a different bit in
the MICD_LVL field to be set.
The choice of external resistor values must take into account the impedance of the microphone—the detected impedance
corresponds to the combined parallel resistance of the microphone and any asserted push button. The components shown
in Fig. 5-12 are examples only, assuming default impedance measurement ranges and a microphone impedance of 1 k
or higher.
HPOUTL
HPOUTR
HPOUTFB1
JACKDETn
MICDET1
Note: The illustrated circuit
assumes the jack insertion
switch contacts are closed
when the jack is inserted.
* Note that the IN1Bxx analog mic
channels are recommended with the
external accessory detect function
(jack insertion switch )
MICBIASnx
2.2 k
(±2%)
C
* IN1BLP, IN1BRP
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com