Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 233 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 233 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 229Page - Cirrus Logic CS47L35 Datasheet HTML 230Page - Cirrus Logic CS47L35 Datasheet HTML 231Page - Cirrus Logic CS47L35 Datasheet HTML 232Page - Cirrus Logic CS47L35 Datasheet HTML 233Page - Cirrus Logic CS47L35 Datasheet HTML 234Page - Cirrus Logic CS47L35 Datasheet HTML 235Page - Cirrus Logic CS47L35 Datasheet HTML 236Page - Cirrus Logic CS47L35 Datasheet HTML 237Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 300 page
background image
DS1085F3
233
CS47L35
5.1 Recommended External Components
Figure 5-8. Class D Output Filter Components
A simple equivalent circuit of a loudspeaker consists of a serially-connected resistor and inductor, as shown in Fig. 5-9.
This circuit provides a low-pass filter for the speaker output. If the loudspeaker characteristics are suitable, the
loudspeaker itself can be used in place of the filter components described earlier. This is known as filterless operation.
Figure 5-9. Speaker Equivalent Circuit for Filterless Operation
For filterless Class D operation, it is important to ensure that a speaker with suitable inductance is chosen. For example,
if we know the speaker impedance is 8
 and the desired cut-off frequency is 20 kHz, the optimum speaker inductance
may be calculated as shown in Eq. 5-1.
Equation 5-1. Speaker Inductance Calculation
An 8-
 loudspeaker typically has an inductance in the range 20–100 H; however, it should be noted that a loudspeaker
inductance is not constant across the relevant frequencies for Class D operation (up to and beyond the Class D switching
frequency). Care should be taken to ensure that the cut-off frequency of the loudspeaker’s filtering is low enough to
suppress the high-frequency energy of the Class D switching and, in so doing, to prevent speaker damage. The Class D
outputs of the CS47L35 operate at much higher frequencies than is recommended for most speakers, and it must be
ensured that the cut-off frequency is low enough to protect the speaker.
The Class D speaker outputs are designed to support monitoring of external loudspeakers, giving real-time feedback for
algorithms such as Cirrus Logic’s speaker protection software. This enables maximum audio output to be achieved, while
ensuring the loudspeakers are also fully protected from damage.
The external speaker connections, incorporating the output current monitoring requirements, are shown in Fig. 5-10. Note
that, if output current monitoring is not required on one or more speaker channels, the respective ground connections
should be tied directly to ground on the PCB.
C = 3
F
L = 22
H
SPKOUTP
SPKOUTN
Fc
= Low-pass 3 dB cut-off frequency
Fc
=
1
2
 LC
CS47L35
Fc
=
R
2
 L
R
L
SPKOUTP
SPKOUTN
Fc
= Low-pass 3 dB cut-off frequency
CS47L35
L
R
2
Fc
-----------
8
2
20kHz
-------------------------
64
H
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com