Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 235 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 235 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 231Page - Cirrus Logic CS47L35 Datasheet HTML 232Page - Cirrus Logic CS47L35 Datasheet HTML 233Page - Cirrus Logic CS47L35 Datasheet HTML 234Page - Cirrus Logic CS47L35 Datasheet HTML 235Page - Cirrus Logic CS47L35 Datasheet HTML 236Page - Cirrus Logic CS47L35 Datasheet HTML 237Page - Cirrus Logic CS47L35 Datasheet HTML 238Page - Cirrus Logic CS47L35 Datasheet HTML 239Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 300 page
background image
DS1085F3
235
CS47L35
5.1 Recommended External Components
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the selected components
provide the required capacitance across the required temperature and voltage ranges in the intended application. For most
application the use of ceramic capacitors with capacitor dielectric X5R is recommended.
5.1.7
Charge-Pump Components
The CS47L35 incorporates two charge-pump circuits (CP1 and CP2).
CP1 generates the CP1VOUTnx supply rails for the ground-referenced headphone drivers; CP2 generates the CP2VOUT
supply rail for the microphone bias (MICBIAS) regulators.
Decoupling capacitors are required on each of the charge-pump outputs. Two fly-back capacitors are required for CP1; a
single fly-back capacitor is required for CP2.
The recommended charge-pump capacitors for CS47L35 are detailed in Table 5-2.
Ceramic capacitors are recommended for these charge-pump requirements. Note that, due to the wide tolerance of many
types of ceramic capacitors, care must be taken to ensure that the selected components provide the required capacitance
across the required temperature and voltage ranges in the intended application. Ceramic capacitors with X5R dielectric
are recommended.
The positioning of the charge-pump capacitors is important. These capacitors (particularly the fly-back capacitors) must
be placed as close as possible to the CS47L35. The component choice and positioning of the CP1 components are more
critical than those of CP2, due to the higher output power requirements of CP1.
5.1.8
External Accessory Detection Components
The external accessory detection circuit measures jack insertion using the JACKDET1 and JACKDET2 pins. The insertion
switch status is detected using an internal pull-up resistor circuit on the respective pin. Note that the logic thresholds
associated with the two JACKDET differ from each other, as described in Table 3-11—this provides support for different
jack switch configurations.
Microphone detection and key-button press detection is supported using the MICDETn pins. The applicable pin should be
connected to one of the MICBIASnx outputs, via a 2.2-k
 bias resistor, as described in Section 5.1.3. Note that, when
using the external accessory detection function, the MICBIASnx resistor must be 2.2 k
 ±2%.
A recommended circuit configuration, including headphone output on HPOUT and microphone connections, is shown in
Fig. 5-11. See Section 5.1.1 for details of the DC-blocking microphone input capacitor selection.
The recommended external components and connections for microphone/push-button detection are shown in Fig. 5-11.
Note that, when using the microphone detect circuit, it is recommended to use the IN1BLP or IN1BRP analog microphone
input paths to ensure best immunity to electrical transients arising from the external accessory.
Table 5-2. Charge-Pump External Capacitors
Description
Capacitor
CP1VOUT1P decoupling
Required capacitance is 2.0
F at 2 V.
Suitable component typically 4.7
F.
CP1VOUT1N decoupling
Required capacitance is 2.0
F at 2 V.
Suitable component typically 4.7
F.
CP1 fly-back 1
(connect between CP1C1A and CP1C1B)
Required capacitance is 1.0
F at 2 V.
Suitable component typically 2.2
F.
CP1VOUT2P decoupling
Required capacitance is 2.0
F at 2 V.
Suitable component typically 4.7
F.
CP1VOUT2N decoupling
Required capacitance is 2.0
F at 2 V.
Suitable component typically 4.7
F.
CP1 fly-back 2
(connect between CP1C2A and CP1C2B)
Required capacitance is 1.0
F at 2 V.
Suitable component typically 2.2
F.
CP2VOUT decoupling
Required capacitance is 1.0
F at 3.6 V.
Suitable component typically 4.7
F.
CP2 fly-back
(connect between CP2CA and CP2CB)
Required capacitance is 220 nF at 2 V.
Suitable component typically 470 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com