Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 234 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 234 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 230Page - Cirrus Logic CS47L35 Datasheet HTML 231Page - Cirrus Logic CS47L35 Datasheet HTML 232Page - Cirrus Logic CS47L35 Datasheet HTML 233Page - Cirrus Logic CS47L35 Datasheet HTML 234Page - Cirrus Logic CS47L35 Datasheet HTML 235Page - Cirrus Logic CS47L35 Datasheet HTML 236Page - Cirrus Logic CS47L35 Datasheet HTML 237Page - Cirrus Logic CS47L35 Datasheet HTML 238Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 300 page
background image
234
DS1085F3
CS47L35
5.1 Recommended External Components
Figure 5-10. Speaker Output Current Monitoring Connections (Speaker Protection)
5.1.6
Power Supply/Reference Decoupling
Electrical coupling exists particularly in digital logic systems where switching in one subsystem causes fluctuations on the
power supply. This effect occurs because the inductance of the power supply acts in opposition to the changes in current
flow that are caused by the logic switching. The resultant variations (spikes) in the power-supply voltage can cause
malfunctions and unintentional behavior in other components. A decoupling (bypass) capacitor can be used as an energy
storage component that provides power to the decoupled circuit for the duration of these power-supply variations,
protecting it from malfunctions that could otherwise arise.
Coupling also occurs in a lower frequency form when ripple is present on the power supply rail caused by changes in the
load current or by limitations of the power-supply regulation method. In audio components such as the CS47L35, these
variations can alter the performance of the signal path, leading to degradation in signal quality. A decoupling capacitor can
be used to filter these effects by presenting the ripple voltage with a low-impedance path that does not affect the circuit to
be decoupled.
These coupling effects are addressed by placing a capacitor between the supply rail and the corresponding ground
reference. In the case of systems comprising multiple power supply rails, decoupling should be provided on each rail.
PCB layout is also a contributory factor for coupling effects. If multiple power supply rails are connected to a single supply
source, it is recommended to provide separate PCB tracks connecting each rail to the supply. See Section 5.5 for
PCB-layout recommendations.
The recommended power-supply decoupling capacitors for CS47L35 are detailed in Table 5-1.
All decoupling capacitors should be placed as close as possible to the CS47L35 device. The connection between AGND,
the AVDD decoupling capacitor, and the main system ground should be made at a single point as close as possible to the
AGND balls of the CS47L35.
Table 5-1. Power Supply Decoupling Capacitors
Power Supply
Decoupling Capacitor
AVDD1, AVDD2
2 x 1.0
F ceramic—one capacitor on each AVDDn pin
CPVDD1
4.7
F ceramic
CPVDD2
4.7
F ceramic
DBVDD1, DBVDD2
2 x 0.1
F ceramic 1—one capacitor on each DBVDDn pin
1.Total capacitance of 4.7
F is required for each DBVDDn domain. This can be provided by dedicated DBVDDn
decoupling or by other capacitors on the same power rail.
DCVDD
4.7
F ceramic
FLLVDD
1.0
F ceramic
MICVDD
4.7
F ceramic
SPKVDD
4.7
F ceramic
VREFC
2.2
F ceramic
SPKOUTP
SPKOUTN
IN2RP
IN2RN
SPKGNDP
SPKGNDN
0.1
(1%, 100ppm/°C)
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com