Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 238 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 238 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 234Page - Cirrus Logic CS47L35 Datasheet HTML 235Page - Cirrus Logic CS47L35 Datasheet HTML 236Page - Cirrus Logic CS47L35 Datasheet HTML 237Page - Cirrus Logic CS47L35 Datasheet HTML 238Page - Cirrus Logic CS47L35 Datasheet HTML 239Page - Cirrus Logic CS47L35 Datasheet HTML 240Page - Cirrus Logic CS47L35 Datasheet HTML 241Page - Cirrus Logic CS47L35 Datasheet HTML 242Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 300 page
background image
238
DS1085F3
CS47L35
5.3 Output-Signal Drive-Strength Control
The drive-strength control bits are described in Table 5-4. Note that, in the case of bidirectional pins (e.g., GPIOn), the
drive-strength control bits are only applicable if the pin is configured as an output.
Table 5-4. Output Drive-Strength and Slew-Rate Control
Register Address
Bit
Label
Default
Description
R8 (0x0008)
Ctrl_IF_CFG_1
8CIF1MISO_DRV_
STR
1
CIF1MISO output drive strength
0 = 4 mA
1 = 8 mA
R9 (0x0009)
Ctrl_IF_CFG_2
9
CIF2SDA_DRV_
STR
1
CIF2SDA output drive strength
0 = 4 mA
1 = 8 mA
R1520 (0x05F0)
Slimbus_Pad_Ctrl
1
SLIMDAT_DRV_
STR
0
SLIMDAT output drive strength
0 = 8 mA
1 = 12 mA
R5889 (0x1701)
GPIO1_CTRL2
12
GP1_DRV_STR
1
AIF3TXDAT/GPIO1 output drive strength
0 = 4 mA
1 = 8 mA
R5891 (0x1703)
GPIO2_CTRL2
12
GP2_DRV_STR
1
AIF3BCLK/GPIO2 output drive strength
0 = 4 mA
1 = 8 mA
R5893 (0x1705)
GPIO3_CTRL2
12
GP3_DRV_STR
1
AIF3RXDAT/GPIO3 output drive strength
0 = 4 mA
1 = 8 mA
R5895 (0x1707)
GPIO4_CTRL2
12
GP4_DRV_STR
1
AIF3LRCLK/GPIO4 output drive strength
0 = 4 mA
1 = 8 mA
R5897 (0x1709)
GPIO5_CTRL2
12
GP5_DRV_STR
1
SPKDAT/GPIO5 output drive strength
0 = 4 mA
1 = 8 mA
R5899 (0x170B)
GPIO6_CTRL2
12
GP6_DRV_STR
1
SPKCLK/GPIO6 output drive strength
0 = 4 mA
1 = 8 mA
R5901 (0x170D)
GPIO7_CTRL2
12
GP7_DRV_STR
1
MIF1SDA/GPIO7 output drive strength
0 = 4 mA
1 = 8 mA
R5903 (0x170F)
GPIO8_CTRL2
12
GP8_DRV_STR
1
AIF1RXDAT/GPIO8 output drive strength
0 = 4 mA
1 = 8 mA
R5905 (0x1711)
GPIO9_CTRL2
12
GP9_DRV_STR
1
AIF1BCLK/GPIO9 output drive strength
0 = 4 mA
1 = 8 mA
R5907 (0x1713)
GPIO10_CTRL2
12
GP10_DRV_STR
1
AIF1TXDAT/GPIO10 output drive strength
0 = 4 mA
1 = 8 mA
R5909 (0x1715)
GPIO11_CTRL2
12
GP11_DRV_STR
1
AIF1LRCLK/GPIO11 output drive strength
0 = 4 mA
1 = 8 mA
R5911 (0x1717)
GPIO12_CTRL2
12
GP12_DRV_STR
1
AIF2TXDAT/GPIO12 output drive strength
0 = 4 mA
1 = 8 mA
R5913 (0x1719)
GPIO13_CTRL2
12
GP13_DRV_STR
1
AIF2BCLK/GPIO13 output drive strength
0 = 4 mA
1 = 8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com