Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 297 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 297 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 292Page - Cirrus Logic CS47L35 Datasheet HTML 293Page - Cirrus Logic CS47L35 Datasheet HTML 294Page - Cirrus Logic CS47L35 Datasheet HTML 295Page - Cirrus Logic CS47L35 Datasheet HTML 296Page - Cirrus Logic CS47L35 Datasheet HTML 297Page - Cirrus Logic CS47L35 Datasheet HTML 298Page - Cirrus Logic CS47L35 Datasheet HTML 299Page - Cirrus Logic CS47L35 Datasheet HTML 300Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 297 / 300 page
background image
DS1085F3
297
CS47L35
7 Thermal Characteristics
7 Thermal Characteristics
Notes:
• Natural convection at the maximum recommended operating temperature TA (see Table 3-3)
• Four-layer, 2s2p PCB as specified by JESD51-9 and JESD51-11; dimensions: 101.5 x 114.5 x 1.6 mm
• Thermal parameters as defined by JESD51-12
R2096730
(1FFE5Ah)
DSP3_Ext_window_D
DSP3_
EXT_D_
PSIZE16
00
000
000
00
000
00
00000000h
DSP3_EXT_D_PAGE [15:0]
R2096736
(1FFE60h)
DSP3_Identity
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
DSP3_CORE_NUMBER [4:0]
Table 7-1. Typical JEDEC Four-Layer, 2s2p Board Thermal Characteristics
Parameter
Symbol
WLCSP
Units
Junction-to-ambient thermal resistance
JA
34.5
°C/W
Junction-to-board thermal resistance
JB
7.6
°C/W
Junction-to-case thermal resistance
JC
0.895
°C/W
Junction-to-board thermal-characterization parameter
JB
7.6
°C/W
Junction-to-package-top thermal-characterization parameter
JT
0.075
°C/W
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com