Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 299 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 299 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 292Page - Cirrus Logic CS47L35 Datasheet HTML 293Page - Cirrus Logic CS47L35 Datasheet HTML 294Page - Cirrus Logic CS47L35 Datasheet HTML 295Page - Cirrus Logic CS47L35 Datasheet HTML 296Page - Cirrus Logic CS47L35 Datasheet HTML 297Page - Cirrus Logic CS47L35 Datasheet HTML 298Page - Cirrus Logic CS47L35 Datasheet HTML 299Page - Cirrus Logic CS47L35 Datasheet HTML 300Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 299 / 300 page
background image
DS1085F3
299
CS47L35
9 Ordering Information
9 Ordering Information
10 References
• MIPI Alliance, MIPI Alliance Specification for Serial Low-Power Inter-Chip Media Bus (SLIMbus). http://
www.mipi.org
• Google Inc, Android Wired Headset Specification, Version 1.1. https://source.android.com/accessories/
headset-spec.html
• International Electrotechnical Commission, IEC60958-3 Digital Audio Interface—Consumer. http://www.ansi.org/
11 Revision History
Table 9-1. Ordering Information
Product
Description
Package
Halogen
Free
Pb
Free
Grade
Temperature
Range
Container
Order #
CS47L35 Smart Codec with
Low-Power Audio DSP
101-ball
WLCSP
Yes
Yes
Commercial
–40 to +85°C
Tape and
Reel 1
1.Reel quantity = 7000
CS47L35-CWZR
Table 11-1. Revision History
Revision
Changes
F1
JUN ‘16
• Series resistor recommended on FLLVDD connection (Section 2, Table 3-3).
• THD+N test limits updated (Table 3-9).
• Typical power consumption updated (Table 3-23).
• DMA data word format (DSPn_DMA_WORD_SEL) control field added (Section 4.4.3).
• GPn_OP_CFG and GPn_DIR field descriptions updated (Section 4.14.1, Section 4.14.3).
• Deleted I2C support for multiple register read from previous register address (Section 4.17.2).
• PCB layout guidelines updated (Section 5.1.6).
F2
JAN ‘17
• Clarification of PDM input/output digital signal levels (Section 4.2.7, Section 4.11.4).
• Clarification of DSPn_DUALMEM_COLLISION_ADDR field (Section 4.4.1, Table 4-25).
• FLL configuration and example settings updated (Section 4.16.9).
• Correction to FLL synchronizer example settings (Table 4-98).
• Thermal characteristics updated (Section 7).
F3
SEP ‘18
• Correction to HPD_DACVAL limit (Section 4.12.4.2).
• Fixed incorrect labeling describing FLL configuration (Fig. 4-65).
• Default value of CP2_ENA corrected (Table 4-112).
• Package outline drawing updated for clarity (Section 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com