Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 292 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 292 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 288Page - Cirrus Logic CS47L35 Datasheet HTML 289Page - Cirrus Logic CS47L35 Datasheet HTML 290Page - Cirrus Logic CS47L35 Datasheet HTML 291Page - Cirrus Logic CS47L35 Datasheet HTML 292Page - Cirrus Logic CS47L35 Datasheet HTML 293Page - Cirrus Logic CS47L35 Datasheet HTML 294Page - Cirrus Logic CS47L35 Datasheet HTML 295Page - Cirrus Logic CS47L35 Datasheet HTML 296Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 300 page
background image
292
DS1085F3
CS47L35
6 Register Map
R332836
(51424h)
RA_SPARE_B2_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B2_IN_USE_CLR [4:0]
R332840
(51428h)
RA_SPARE_B2_
Thread_Ctrl_Debug_1
RA_SPARE_B2_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_B2_IN_USE_DBG0 [15:0]
R332848
(51430h)
RA_SPARE_B3_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
B3_IN_
USE_STS
RA_
SPARE_
B3_
SHARE
0
000
000
00
RA_SPARE_B3_OWNER [4:0]
R332850
(51432h)
RA_SPARE_B3_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B3_IN_USE_SET [4:0]
R332852
(51434h)
RA_SPARE_B3_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B3_IN_USE_CLR [4:0]
R332856
(51438h)
RA_SPARE_B3_
Thread_Ctrl_Debug_1
RA_SPARE_B3_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_B3_IN_USE_DBG0 [15:0]
R332864
(51440h)
RA_SPARE_B4_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
B4_IN_
USE_STS
RA_
SPARE_
B4_
SHARE
0
000
000
00
RA_SPARE_B4_OWNER [4:0]
R332866
(51442h)
RA_SPARE_B4_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B4_IN_USE_SET [4:0]
R332868
(51444h)
RA_SPARE_B4_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B4_IN_USE_CLR [4:0]
R332872
(51448h)
RA_SPARE_B4_
Thread_Ctrl_Debug_1
RA_SPARE_B4_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_B4_IN_USE_DBG0 [15:0]
R332880
(51450h)
RA_SPARE_B5_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
B5_IN_
USE_STS
RA_
SPARE_
B5_
SHARE
0
000
000
00
RA_SPARE_B5_OWNER [4:0]
R332882
(51452h)
RA_SPARE_B5_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B5_IN_USE_SET [4:0]
R332884
(51454h)
RA_SPARE_B5_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B5_IN_USE_CLR [4:0]
R332888
(51458h)
RA_SPARE_B5_
Thread_Ctrl_Debug_1
RA_SPARE_B5_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_B5_IN_USE_DBG0 [15:0]
R332896
(51460h)
RA_SPARE_B6_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
B6_IN_
USE_STS
RA_
SPARE_
B6_
SHARE
0
000
000
00
RA_SPARE_B6_OWNER [4:0]
R332898
(51462h)
RA_SPARE_B6_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B6_IN_USE_SET [4:0]
R332900
(51464h)
RA_SPARE_B6_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B6_IN_USE_CLR [4:0]
R332904
(51468h)
RA_SPARE_B6_
Thread_Ctrl_Debug_1
RA_SPARE_B6_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_B6_IN_USE_DBG0 [15:0]
R332912
(51470h)
RA_SPARE_B7_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
B7_IN_
USE_STS
RA_
SPARE_
B7_
SHARE
0
000
000
00
RA_SPARE_B7_OWNER [4:0]
R332914
(51472h)
RA_SPARE_B7_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B7_IN_USE_SET [4:0]
R332916
(51474h)
RA_SPARE_B7_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B7_IN_USE_CLR [4:0]
R332920
(51478h)
RA_SPARE_B7_
Thread_Ctrl_Debug_1
RA_SPARE_B7_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_B7_IN_USE_DBG0 [15:0]
R332928
(51480h)
RA_SPARE_B8_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
B8_IN_
USE_STS
RA_
SPARE_
B8_
SHARE
0
000
000
00
RA_SPARE_B8_OWNER [4:0]
R332930
(51482h)
RA_SPARE_B8_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B8_IN_USE_SET [4:0]
R332932
(51484h)
RA_SPARE_B8_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B8_IN_USE_CLR [4:0]
R332936
(51488h)
RA_SPARE_B8_
Thread_Ctrl_Debug_1
RA_SPARE_B8_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_B8_IN_USE_DBG0 [15:0]
R524288
(80000h)
DSP1_PMEM_0
0
0
0
0
0
0
0
0
DSP1_PM_START [39:32]
00000000h
DSP1_PM_START [31:16]
R524290
(80002h)
DSP1_PMEM_1
DSP1_PM_START [15:0]
00000000h
0
0
0
000
00
DSP1_PM_1 [39:32]
R524292
(80004h)
DSP1_PMEM_2
DSP1_PM_1 [31:16]
00000000h
DSP1_PM_1 [15:0]
R548858
(85FFAh)
DSP1_PMEM_12285
0
0
0
0
0
0
0
0
DSP1_PM_8190 [39:32]
00000000h
DSP1_PM_8190 [31:16]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com