Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 289 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 289 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 285Page - Cirrus Logic CS47L35 Datasheet HTML 286Page - Cirrus Logic CS47L35 Datasheet HTML 287Page - Cirrus Logic CS47L35 Datasheet HTML 288Page - Cirrus Logic CS47L35 Datasheet HTML 289Page - Cirrus Logic CS47L35 Datasheet HTML 290Page - Cirrus Logic CS47L35 Datasheet HTML 291Page - Cirrus Logic CS47L35 Datasheet HTML 292Page - Cirrus Logic CS47L35 Datasheet HTML 293Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 300 page
background image
DS1085F3
289
CS47L35
6 Register Map
R330788
(50C24h)
RA_DSPGP_SET2_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_DSPGP_SET2_IN_USE_CLR [4:0]
R330792
(50C28h)
RA_DSPGP_SET2_
Thread_Ctrl_Debug_1
RA_DSPGP_SET2_IN_USE_DBG0 [31:16]
00000000h
RA_DSPGP_SET2_IN_USE_DBG0 [15:0]
R330800
(50C30h)
RA_DSPGP_SET3_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
DSPGP_
SET3_IN_
USE_STS
RA_
DSPGP_
SET3_
SHARE
0
000
000
00
RA_DSPGP_SET3_OWNER [4:0]
R330802
(50C32h)
RA_DSPGP_SET3_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_DSPGP_SET3_IN_USE_SET [4:0]
R330804
(50C34h)
RA_DSPGP_SET3_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_DSPGP_SET3_IN_USE_CLR [4:0]
R330808
(50C38h)
RA_DSPGP_SET3_
Thread_Ctrl_Debug_1
RA_DSPGP_SET3_IN_USE_DBG0 [31:16]
00000000h
RA_DSPGP_SET3_IN_USE_DBG0 [15:0]
R330816
(50C40h)
RA_DSPGP_SET4_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
DSPGP_
SET4_IN_
USE_STS
RA_
DSPGP_
SET4_
SHARE
0
000
000
00
RA_DSPGP_SET4_OWNER [4:0]
R330818
(50C42h)
RA_DSPGP_SET4_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_DSPGP_SET4_IN_USE_SET [4:0]
R330820
(50C44h)
RA_DSPGP_SET4_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_DSPGP_SET4_IN_USE_CLR [4:0]
R330824
(50C48h)
RA_DSPGP_SET4_
Thread_Ctrl_Debug_1
RA_DSPGP_SET4_IN_USE_DBG0 [31:16]
00000000h
RA_DSPGP_SET4_IN_USE_DBG0 [15:0]
R331776
(51000h)
RA_SPARE_A_Thread_
Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_SPARE_A_STS [15:0]
R331780
(51004h)
RA_SPARE_A_Thread_
Ctrl_2
0
0
0
000
000
00
000
00
00000000h
RA_SPARE_A_SHARE_STS [15:0]
R331784
(51008h)
RA_SPARE_A_Thread_
Ctrl_3
0
0
0
000
000
00
000
00
00000010h
0
0
0
000
000
0
RA_SPARE_A_NUM [5:0]
R331792
(51010h)
RA_SPARE_A1_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A1_IN_
USE_STS
RA_
SPARE_
A1_
SHARE
0
000
000
00
RA_SPARE_A1_OWNER [4:0]
R331794
(51012h)
RA_SPARE_A1_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A1_IN_USE_SET [4:0]
R331796
(51014h)
RA_SPARE_A1_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A1_IN_USE_CLR [4:0]
R331800
(51018h)
RA_SPARE_A1_
Thread_Ctrl_Debug_1
RA_SPARE_A1_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A1_IN_USE_DBG0 [15:0]
R331808
(51020h)
RA_SPARE_A2_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A2_IN_
USE_STS
RA_
SPARE_
A2_
SHARE
0
000
000
00
RA_SPARE_A2_OWNER [4:0]
R331810
(51022h)
RA_SPARE_A2_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A2_IN_USE_SET [4:0]
R331812
(51024h)
RA_SPARE_A2_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A2_IN_USE_CLR [4:0]
R331816
(51028h)
RA_SPARE_A2_
Thread_Ctrl_Debug_1
RA_SPARE_A2_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A2_IN_USE_DBG0 [15:0]
R331824
(51030h)
RA_SPARE_A3_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A3_IN_
USE_STS
RA_
SPARE_
A3_
SHARE
0
000
000
00
RA_SPARE_A3_OWNER [4:0]
R331826
(51032h)
RA_SPARE_A3_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A3_IN_USE_SET [4:0]
R331828
(51034h)
RA_SPARE_A3_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A3_IN_USE_CLR [4:0]
R331832
(51038h)
RA_SPARE_A3_
Thread_Ctrl_Debug_1
RA_SPARE_A3_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A3_IN_USE_DBG0 [15:0]
R331840
(51040h)
RA_SPARE_A4_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A4_IN_
USE_STS
RA_
SPARE_
A4_
SHARE
0
000
000
00
RA_SPARE_A4_OWNER [4:0]
R331842
(51042h)
RA_SPARE_A4_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A4_IN_USE_SET [4:0]
R331844
(51044h)
RA_SPARE_A4_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A4_IN_USE_CLR [4:0]
R331848
(51048h)
RA_SPARE_A4_
Thread_Ctrl_Debug_1
RA_SPARE_A4_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A4_IN_USE_DBG0 [15:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com