Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 288 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 288 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 284Page - Cirrus Logic CS47L35 Datasheet HTML 285Page - Cirrus Logic CS47L35 Datasheet HTML 286Page - Cirrus Logic CS47L35 Datasheet HTML 287Page - Cirrus Logic CS47L35 Datasheet HTML 288Page - Cirrus Logic CS47L35 Datasheet HTML 289Page - Cirrus Logic CS47L35 Datasheet HTML 290Page - Cirrus Logic CS47L35 Datasheet HTML 291Page - Cirrus Logic CS47L35 Datasheet HTML 292Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 300 page
background image
288
DS1085F3
CS47L35
6 Register Map
R329746
(50812h)
RA_TIMER1_Thread_
Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_TIMER1_IN_USE_SET [4:0]
R329748
(50814h)
RA_TIMER1_Thread_
Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_TIMER1_IN_USE_CLR [4:0]
R329750
(50816h)
RA_TIMER1_Thread_
Ctrl_4
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
000
0
RA_
TIMER1_
CAP_EVT
R329752
(50818h)
RA_TIMER1_Thread_
Ctrl_Debug_1
RA_TIMER1_IN_USE_DBG0 [31:16]
00000000h
RA_TIMER1_IN_USE_DBG0 [15:0]
R329760
(50820h)
RA_TIMER2_Thread_
Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
TIMER2_
IN_USE_
STS
RA_
TIMER2_
SHARE
0
000
000
00
RA_TIMER2_OWNER [4:0]
R329762
(50822h)
RA_TIMER2_Thread_
Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_TIMER2_IN_USE_SET [4:0]
R329764
(50824h)
RA_TIMER2_Thread_
Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_TIMER2_IN_USE_CLR [4:0]
R329766
(50826h)
RA_TIMER2_Thread_
Ctrl_4
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
000
0
RA_
TIMER2_
CAP_EVT
R329768
(50828h)
RA_TIMER2_Thread_
Ctrl_Debug_1
RA_TIMER2_IN_USE_DBG0 [31:16]
00000000h
RA_TIMER2_IN_USE_DBG0 [15:0]
R329776
(50830h)
RA_TIMER3_Thread_
Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
TIMER3_
IN_USE_
STS
RA_
TIMER3_
SHARE
0
000
000
00
RA_TIMER3_OWNER [4:0]
R329778
(50832h)
RA_TIMER3_Thread_
Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_TIMER3_IN_USE_SET [4:0]
R329780
(50834h)
RA_TIMER3_Thread_
Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_TIMER3_IN_USE_CLR [4:0]
R329782
(50836h)
RA_TIMER3_Thread_
Ctrl_4
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
000
0
RA_
TIMER3_
CAP_EVT
R329784
(50838h)
RA_TIMER3_Thread_
Ctrl_Debug_1
RA_TIMER3_IN_USE_DBG0 [31:16]
00000000h
RA_TIMER3_IN_USE_DBG0 [15:0]
R329792
(50840h)
RA_TIMER4_Thread_
Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
TIMER4_
IN_USE_
STS
RA_
TIMER4_
SHARE
0
000
000
00
RA_TIMER4_OWNER [4:0]
R329794
(50842h)
RA_TIMER4_Thread_
Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_TIMER4_IN_USE_SET [4:0]
R329796
(50844h)
RA_TIMER4_Thread_
Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_TIMER4_IN_USE_CLR [4:0]
R329798
(50846h)
RA_TIMER4_Thread_
Ctrl_4
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
000
0
RA_
TIMER4_
CAP_EVT
R329800
(50848h)
RA_TIMER4_Thread_
Ctrl_Debug_1
RA_TIMER4_IN_USE_DBG0 [31:16]
00000000h
RA_TIMER4_IN_USE_DBG0 [15:0]
R330752
(50C00h)
RA_DSPGP_SET_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
0
RA_DSPGP_SET_STS [3:0]
R330756
(50C04h)
RA_DSPGP_SET_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
0
0
0
0
RA_DSPGP_SET_SHARE_STS [3:0]
R330760
(50C08h)
RA_DSPGP_SET_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000004h
0
0
0
000
000
0
RA_DSPGP_SET_NUM [5:0]
R330768
(50C10h)
RA_DSPGP_SET1_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
DSPGP_
SET1_IN_
USE_STS
RA_
DSPGP_
SET1_
SHARE
0
000
000
00
RA_DSPGP_SET1_OWNER [4:0]
R330770
(50C12h)
RA_DSPGP_SET1_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_DSPGP_SET1_IN_USE_SET [4:0]
R330772
(50C14h)
RA_DSPGP_SET1_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_DSPGP_SET1_IN_USE_CLR [4:0]
R330776
(50C18h)
RA_DSPGP_SET1_
Thread_Ctrl_Debug_1
RA_DSPGP_SET1_IN_USE_DBG0 [31:16]
00000000h
RA_DSPGP_SET1_IN_USE_DBG0 [15:0]
R330784
(50C20h)
RA_DSPGP_SET2_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
DSPGP_
SET2_IN_
USE_STS
RA_
DSPGP_
SET2_
SHARE
0
000
000
00
RA_DSPGP_SET2_OWNER [4:0]
R330786
(50C22h)
RA_DSPGP_SET2_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_DSPGP_SET2_IN_USE_SET [4:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com