Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 287 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 287 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 283Page - Cirrus Logic CS47L35 Datasheet HTML 284Page - Cirrus Logic CS47L35 Datasheet HTML 285Page - Cirrus Logic CS47L35 Datasheet HTML 286Page - Cirrus Logic CS47L35 Datasheet HTML 287Page - Cirrus Logic CS47L35 Datasheet HTML 288Page - Cirrus Logic CS47L35 Datasheet HTML 289Page - Cirrus Logic CS47L35 Datasheet HTML 290Page - Cirrus Logic CS47L35 Datasheet HTML 291Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 300 page
background image
DS1085F3
287
CS47L35
6 Register Map
R327680
(50000h)
RA_MIF_Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
0
RA_MIF_
STS
R327684
(50004h)
RA_MIF_Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
0
RA_MIF_
SHARE_
STS
R327688
(50008h)
RA_MIF_Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
0
RA_MIF_NUM [5:0]
R327696
(50010h)
RA_MIF1_Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_MIF1_
IN_USE_
STS
RA_MIF1_
SHARE
0
000
000
00
RA_MIF1_OWNER [4:0]
R327698
(50012h)
RA_MIF1_Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_MIF1_IN_USE_SET [4:0]
R327700
(50014h)
RA_MIF1_Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_MIF1_IN_USE_CLR [4:0]
R327702
(50016h)
RA_MIF1_Thread_Ctrl_4
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
000
0
RA_MIF1_
CAP_I2C
R327704
(50018h)
RA_MIF1_Thread_Ctrl_
Debug_1
RA_MIF1_IN_USE_DBG0 [31:16]
00000000h
RA_MIF1_IN_USE_DBG0 [15:0]
R328704
(50400h)
RA_EVENTLOG_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
0
RA_EVENTLOG_STS [3:0]
R328708
(50404h)
RA_EVENTLOG_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
0
0
0
0
RA_EVENTLOG_SHARE_STS [3:0]
R328712
(50408h)
RA_EVENTLOG_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000004h
0
0
0
0
0
0
0
0
0
0
RA_EVENTLOG_NUM [5:0]
R328720
(50410h)
RA_EVENTLOG1_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
EVENTLO
G1_IN_
USE_STS
RA_
EVENTLO
G1_
SHARE
0
000
000
00
RA_EVENTLOG1_OWNER [4:0]
R328722
(50412h)
RA_EVENTLOG1_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_EVENTLOG1_IN_USE_SET [4:0]
R328724
(50414h)
RA_EVENTLOG1_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_EVENTLOG1_IN_USE_CLR [4:0]
R328728
(50418h)
RA_EVENTLOG1_
Thread_Ctrl_Debug_1
RA_EVENTLOG1_IN_USE_DBG0 [31:16]
00000000h
RA_EVENTLOG1_IN_USE_DBG0 [15:0]
R328738
(50422h)R3
28736
(50420h)
0
RA_EVENTLOG2_
Thread_Ctrl_2
0
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
0
0
RA_EVENTLOG2_IN_USE_SET [4:0]
R328740
(50424h)
RA_EVENTLOG2_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_EVENTLOG2_IN_USE_CLR [4:0]
R328744
(50428h)
RA_EVENTLOG2_
Thread_Ctrl_Debug_1
RA_EVENTLOG2_IN_USE_DBG0 [31:16]
00000000h
RA_EVENTLOG2_IN_USE_DBG0 [15:0]
R328752
(50430h)
RA_EVENTLOG3_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
EVENTLO
G3_IN_
USE_STS
RA_
EVENTLO
G3_
SHARE
0
000
000
00
RA_EVENTLOG3_OWNER [4:0]
R328754
(50432h)
RA_EVENTLOG3_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_EVENTLOG3_IN_USE_SET [4:0]
R328756
(50434h)
RA_EVENTLOG3_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_EVENTLOG3_IN_USE_CLR [4:0]
R328760
(50438h)
RA_EVENTLOG3_
Thread_Ctrl_Debug_1
RA_EVENTLOG3_IN_USE_DBG0 [31:16]
00000000h
RA_EVENTLOG3_IN_USE_DBG0 [15:0]
R328770
(50442h)R3
28768
(50440h)
0
RA_EVENTLOG4_
Thread_Ctrl_2
0
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
0
0
RA_EVENTLOG4_IN_USE_SET [4:0]
R328772
(50444h)
RA_EVENTLOG4_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_EVENTLOG4_IN_USE_CLR [4:0]
R328776
(50448h)
RA_EVENTLOG4_
Thread_Ctrl_Debug_1
RA_EVENTLOG4_IN_USE_DBG0 [31:16]
00000000h
RA_EVENTLOG4_IN_USE_DBG0 [15:0]
R329728
(50800h)
RA_TIMER_Thread_
Ctrl_1
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
0
RA_TIMER_STS [3:0]
R329732
(50804h)
RA_TIMER_Thread_
Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
0
RA_TIMER_SHARE_STS [3:0]
R329736
(50808h)
RA_TIMER_Thread_
Ctrl_3
0
0
0
000
000
00
000
00
00000004h
0
0
0
000
000
0
RA_TIMER_NUM [5:0]
R329744
(50810h)
RA_TIMER1_Thread_
Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
TIMER1_
IN_USE_
STS
RA_
TIMER1_
SHARE
0
000
000
00
RA_TIMER1_OWNER [4:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com