Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 283 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 283 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 279Page - Cirrus Logic CS47L35 Datasheet HTML 280Page - Cirrus Logic CS47L35 Datasheet HTML 281Page - Cirrus Logic CS47L35 Datasheet HTML 282Page - Cirrus Logic CS47L35 Datasheet HTML 283Page - Cirrus Logic CS47L35 Datasheet HTML 284Page - Cirrus Logic CS47L35 Datasheet HTML 285Page - Cirrus Logic CS47L35 Datasheet HTML 286Page - Cirrus Logic CS47L35 Datasheet HTML 287Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 300 page
background image
DS1085F3
283
CS47L35
6 Register Map
R296116
(484B4h)
EVENTLOG3_FIFO13_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G3_
FIFO13_
POL
0
0
0
EVENTLOG3_FIFO13_ID [8:0]
R296118
(484B6h)
EVENTLOG3_FIFO13_
TIME
EVENTLOG3_FIFO13_TIME [31:16]
00000000h
EVENTLOG3_FIFO13_TIME [15:0]
R296120
(484B8h)
EVENTLOG3_FIFO14_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G3_
FIFO14_
POL
0
0
0
EVENTLOG3_FIFO14_ID [8:0]
R296122
(484BAh)
EVENTLOG3_FIFO14_
TIME
EVENTLOG3_FIFO14_TIME [31:16]
00000000h
EVENTLOG3_FIFO14_TIME [15:0]
R296124
(484BCh)
EVENTLOG3_FIFO15_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G3_
FIFO15_
POL
0
0
0
EVENTLOG3_FIFO15_ID [8:0]
R296126
(484BEh)
EVENTLOG3_FIFO15_
TIME
EVENTLOG3_FIFO15_TIME [31:16]
00000000h
EVENTLOG3_FIFO15_TIME [15:0]
R296448
(48600h)
EVENTLOG4_
CONTROL
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
EVENTLO
G4_RST
EVENTLO
G4_ENA
R296452
(48604h)
EVENTLOG4_TIMER_
SEL
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
EVENTLOG4_
TIMER_SEL [1:0]
R296460
(4860Ch)
EVENTLOG4_FIFO_
CONTROL1
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
0
EVENTLOG4_FIFO_WMARK [3:0]
R296462
(4860Eh)
EVENTLOG4_FIFO_
POINTER1
0
0
0
000
000
00
00
EVENTLO
G4_FULL
EVENTLO
G4_
WMARK_
STS
EVENTLO
G4_NOT_
EMPTY
00000000h
0
0
0
0
EVENTLOG4_FIFO_WPTR [3:0]
0
0
0
0
EVENTLOG4_FIFO_RPTR [3:0]
R296480
(48620h)
EVENTLOG4_CH_
ENABLE1
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH16_
ENA
EVENTLO
G4_CH15_
ENA
EVENTLO
G4_CH14_
ENA
EVENTLO
G4_CH13_
ENA
EVENTLO
G4_CH12_
ENA
EVENTLO
G4_CH11_
ENA
EVENTLO
G4_CH10_
ENA
EVENTLO
G4_CH9_
ENA
EVENTLO
G4_CH8_
ENA
EVENTLO
G4_CH7_
ENA
EVENTLO
G4_CH6_
ENA
EVENTLO
G4_CH5_
ENA
EVENTLO
G4_CH4_
ENA
EVENTLO
G4_CH3_
ENA
EVENTLO
G4_CH2_
ENA
EVENTLO
G4_CH1_
ENA
R296512
(48640h)
EVENTLOG4_CH1_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH1_
DB
EVENTLO
G4_CH1_
POL
0
0
0
0
0
EVENTLOG4_CH1_SEL [8:0]
R296514
(48642h)
EVENTLOG4_CH2_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH2_
DB
EVENTLO
G4_CH2_
POL
0
0
0
0
0
EVENTLOG4_CH2_SEL [8:0]
R296516
(48644h)
EVENTLOG4_CH3_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH3_
DB
EVENTLO
G4_CH3_
POL
0
0
0
0
0
EVENTLOG4_CH3_SEL [8:0]
R296518
(48646h)
EVENTLOG4_CH4_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH4_
DB
EVENTLO
G4_CH4_
POL
0
0
0
0
0
EVENTLOG4_CH4_SEL [8:0]
R296520
(48648h)
EVENTLOG4_CH5_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH5_
DB
EVENTLO
G4_CH5_
POL
0
0
0
0
0
EVENTLOG4_CH5_SEL [8:0]
R296522
(4864Ah)
EVENTLOG4_CH6_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH6_
DB
EVENTLO
G4_CH6_
POL
0
0
0
0
0
EVENTLOG4_CH6_SEL [8:0]
R296524
(4864Ch)
EVENTLOG4_CH7_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH7_
DB
EVENTLO
G4_CH7_
POL
0
0
0
0
0
EVENTLOG4_CH7_SEL [8:0]
R296526
(4864Eh)
EVENTLOG4_CH8_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH8_
DB
EVENTLO
G4_CH8_
POL
0
0
0
0
0
EVENTLOG4_CH8_SEL [8:0]
R296528
(48650h)
EVENTLOG4_CH9_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH9_
DB
EVENTLO
G4_CH9_
POL
0
0
0
0
0
EVENTLOG4_CH9_SEL [8:0]
R296530
(48652h)
EVENTLOG4_CH10_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH10_
DB
EVENTLO
G4_CH10_
POL
0
0
0
0
0
EVENTLOG4_CH10_SEL [8:0]
R296532
(48654h)
EVENTLOG4_CH11_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH11_
DB
EVENTLO
G4_CH11_
POL
0
0
0
0
0
EVENTLOG4_CH11_SEL [8:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com