Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 281 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 281 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 277Page - Cirrus Logic CS47L35 Datasheet HTML 278Page - Cirrus Logic CS47L35 Datasheet HTML 279Page - Cirrus Logic CS47L35 Datasheet HTML 280Page - Cirrus Logic CS47L35 Datasheet HTML 281Page - Cirrus Logic CS47L35 Datasheet HTML 282Page - Cirrus Logic CS47L35 Datasheet HTML 283Page - Cirrus Logic CS47L35 Datasheet HTML 284Page - Cirrus Logic CS47L35 Datasheet HTML 285Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 300 page
background image
DS1085F3
281
CS47L35
6 Register Map
R295948
(4840Ch)
EVENTLOG3_FIFO_
CONTROL1
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
0
EVENTLOG3_FIFO_WMARK [3:0]
R295950
(4840Eh)
EVENTLOG3_FIFO_
POINTER1
0
0
0
000
000
00
00
EVENTLO
G3_FULL
EVENTLO
G3_
WMARK_
STS
EVENTLO
G3_NOT_
EMPTY
00000000h
0
0
0
0
EVENTLOG3_FIFO_WPTR [3:0]
0
0
0
0
EVENTLOG3_FIFO_RPTR [3:0]
R295968
(48420h)
EVENTLOG3_CH_
ENABLE1
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH16_
ENA
EVENTLO
G3_CH15_
ENA
EVENTLO
G3_CH14_
ENA
EVENTLO
G3_CH13_
ENA
EVENTLO
G3_CH12_
ENA
EVENTLO
G3_CH11_
ENA
EVENTLO
G3_CH10_
ENA
EVENTLO
G3_CH9_
ENA
EVENTLO
G3_CH8_
ENA
EVENTLO
G3_CH7_
ENA
EVENTLO
G3_CH6_
ENA
EVENTLO
G3_CH5_
ENA
EVENTLO
G3_CH4_
ENA
EVENTLO
G3_CH3_
ENA
EVENTLO
G3_CH2_
ENA
EVENTLO
G3_CH1_
ENA
R296000
(48440h)
EVENTLOG3_CH1_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH1_
DB
EVENTLO
G3_CH1_
POL
0
0
0
0
0
EVENTLOG3_CH1_SEL [8:0]
R296002
(48442h)
EVENTLOG3_CH2_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH2_
DB
EVENTLO
G3_CH2_
POL
0
0
0
0
0
EVENTLOG3_CH2_SEL [8:0]
R296004
(48444h)
EVENTLOG3_CH3_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH3_
DB
EVENTLO
G3_CH3_
POL
0
0
0
0
0
EVENTLOG3_CH3_SEL [8:0]
R296006
(48446h)
EVENTLOG3_CH4_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH4_
DB
EVENTLO
G3_CH4_
POL
0
0
0
0
0
EVENTLOG3_CH4_SEL [8:0]
R296008
(48448h)
EVENTLOG3_CH5_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH5_
DB
EVENTLO
G3_CH5_
POL
0
0
0
0
0
EVENTLOG3_CH5_SEL [8:0]
R296010
(4844Ah)
EVENTLOG3_CH6_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH6_
DB
EVENTLO
G3_CH6_
POL
0
0
0
0
0
EVENTLOG3_CH6_SEL [8:0]
R296012
(4844Ch)
EVENTLOG3_CH7_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH7_
DB
EVENTLO
G3_CH7_
POL
0
0
0
0
0
EVENTLOG3_CH7_SEL [8:0]
R296014
(4844Eh)
EVENTLOG3_CH8_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH8_
DB
EVENTLO
G3_CH8_
POL
0
0
0
0
0
EVENTLOG3_CH8_SEL [8:0]
R296016
(48450h)
EVENTLOG3_CH9_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH9_
DB
EVENTLO
G3_CH9_
POL
0
0
0
0
0
EVENTLOG3_CH9_SEL [8:0]
R296018
(48452h)
EVENTLOG3_CH10_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH10_
DB
EVENTLO
G3_CH10_
POL
0
0
0
0
0
EVENTLOG3_CH10_SEL [8:0]
R296020
(48454h)
EVENTLOG3_CH11_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH11_
DB
EVENTLO
G3_CH11_
POL
0
0
0
0
0
EVENTLOG3_CH11_SEL [8:0]
R296022
(48456h)
EVENTLOG3_CH12_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH12_
DB
EVENTLO
G3_CH12_
POL
0
0
0
0
0
EVENTLOG3_CH12_SEL [8:0]
R296024
(48458h)
EVENTLOG3_CH13_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH13_
DB
EVENTLO
G3_CH13_
POL
0
0
0
0
0
EVENTLOG3_CH13_SEL [8:0]
R296026
(4845Ah)
EVENTLOG3_CH14_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH14_
DB
EVENTLO
G3_CH14_
POL
0
0
0
0
0
EVENTLOG3_CH14_SEL [8:0]
R296028
(4845Ch)
EVENTLOG3_CH15_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH15_
DB
EVENTLO
G3_CH15_
POL
0
0
0
0
0
EVENTLOG3_CH15_SEL [8:0]
R296030
(4845Eh)
EVENTLOG3_CH16_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G3_CH16_
DB
EVENTLO
G3_CH16_
POL
0
0
0
0
0
EVENTLOG3_CH16_SEL [8:0]
R296064
(48480h)
EVENTLOG3_FIFO0_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G3_
FIFO0_
POL
0
0
0
EVENTLOG3_FIFO0_ID [8:0]
R296066
(48482h)
EVENTLOG3_FIFO0_
TIME
EVENTLOG3_FIFO0_TIME [31:16]
00000000h
EVENTLOG3_FIFO0_TIME [15:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com