Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 280 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 280 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 276Page - Cirrus Logic CS47L35 Datasheet HTML 277Page - Cirrus Logic CS47L35 Datasheet HTML 278Page - Cirrus Logic CS47L35 Datasheet HTML 279Page - Cirrus Logic CS47L35 Datasheet HTML 280Page - Cirrus Logic CS47L35 Datasheet HTML 281Page - Cirrus Logic CS47L35 Datasheet HTML 282Page - Cirrus Logic CS47L35 Datasheet HTML 283Page - Cirrus Logic CS47L35 Datasheet HTML 284Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 300 page
background image
280
DS1085F3
CS47L35
6 Register Map
R295572
(48294h)
EVENTLOG2_FIFO5_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO5_
POL
0
0
0
EVENTLOG2_FIFO5_ID [8:0]
R295574
(48296h)
EVENTLOG2_FIFO5_
TIME
EVENTLOG2_FIFO5_TIME [31:16]
00000000h
EVENTLOG2_FIFO5_TIME [15:0]
R295576
(48298h)
EVENTLOG2_FIFO6_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO6_
POL
0
0
0
EVENTLOG2_FIFO6_ID [8:0]
R295578
(4829Ah)
EVENTLOG2_FIFO6_
TIME
EVENTLOG2_FIFO6_TIME [31:16]
00000000h
EVENTLOG2_FIFO6_TIME [15:0]
R295580
(4829Ch)
EVENTLOG2_FIFO7_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO7_
POL
0
0
0
EVENTLOG2_FIFO7_ID [8:0]
R295582
(4829Eh)
EVENTLOG2_FIFO7_
TIME
EVENTLOG2_FIFO7_TIME [31:16]
00000000h
EVENTLOG2_FIFO7_TIME [15:0]
R295584
(482A0h)
EVENTLOG2_FIFO8_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO8_
POL
0
0
0
EVENTLOG2_FIFO8_ID [8:0]
R295586
(482A2h)
EVENTLOG2_FIFO8_
TIME
EVENTLOG2_FIFO8_TIME [31:16]
00000000h
EVENTLOG2_FIFO8_TIME [15:0]
R295588
(482A4h)
EVENTLOG2_FIFO9_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO9_
POL
0
0
0
EVENTLOG2_FIFO9_ID [8:0]
R295590
(482A6h)
EVENTLOG2_FIFO9_
TIME
EVENTLOG2_FIFO9_TIME [31:16]
00000000h
EVENTLOG2_FIFO9_TIME [15:0]
R295592
(482A8h)
EVENTLOG2_FIFO10_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO10_
POL
0
0
0
EVENTLOG2_FIFO10_ID [8:0]
R295594
(482AAh)
EVENTLOG2_FIFO10_
TIME
EVENTLOG2_FIFO10_TIME [31:16]
00000000h
EVENTLOG2_FIFO10_TIME [15:0]
R295596
(482ACh)
EVENTLOG2_FIFO11_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO11_
POL
0
0
0
EVENTLOG2_FIFO11_ID [8:0]
R295598
(482AEh)
EVENTLOG2_FIFO11_
TIME
EVENTLOG2_FIFO11_TIME [31:16]
00000000h
EVENTLOG2_FIFO11_TIME [15:0]
R295600
(482B0h)
EVENTLOG2_FIFO12_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO12_
POL
0
0
0
EVENTLOG2_FIFO12_ID [8:0]
R295602
(482B2h)
EVENTLOG2_FIFO12_
TIME
EVENTLOG2_FIFO12_TIME [31:16]
00000000h
EVENTLOG2_FIFO12_TIME [15:0]
R295604
(482B4h)
EVENTLOG2_FIFO13_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO13_
POL
0
0
0
EVENTLOG2_FIFO13_ID [8:0]
R295606
(482B6h)
EVENTLOG2_FIFO13_
TIME
EVENTLOG2_FIFO13_TIME [31:16]
00000000h
EVENTLOG2_FIFO13_TIME [15:0]
R295608
(482B8h)
EVENTLOG2_FIFO14_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO14_
POL
0
0
0
EVENTLOG2_FIFO14_ID [8:0]
R295610
(482BAh)
EVENTLOG2_FIFO14_
TIME
EVENTLOG2_FIFO14_TIME [31:16]
00000000h
EVENTLOG2_FIFO14_TIME [15:0]
R295612
(482BCh)
EVENTLOG2_FIFO15_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G2_
FIFO15_
POL
0
0
0
EVENTLOG2_FIFO15_ID [8:0]
R295614
(482BEh)
EVENTLOG2_FIFO15_
TIME
EVENTLOG2_FIFO15_TIME [31:16]
00000000h
EVENTLOG2_FIFO15_TIME [15:0]
R295936
(48400h)
EVENTLOG3_
CONTROL
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
EVENTLO
G3_RST
EVENTLO
G3_ENA
R295940
(48404h)
EVENTLOG3_TIMER_
SEL
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
EVENTLOG3_
TIMER_SEL [1:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com