Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 276 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 276 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 272Page - Cirrus Logic CS47L35 Datasheet HTML 273Page - Cirrus Logic CS47L35 Datasheet HTML 274Page - Cirrus Logic CS47L35 Datasheet HTML 275Page - Cirrus Logic CS47L35 Datasheet HTML 276Page - Cirrus Logic CS47L35 Datasheet HTML 277Page - Cirrus Logic CS47L35 Datasheet HTML 278Page - Cirrus Logic CS47L35 Datasheet HTML 279Page - Cirrus Logic CS47L35 Datasheet HTML 280Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 300 page
background image
276
DS1085F3
CS47L35
6 Register Map
R262530
(40182h)
MIF1_STATUS_2
0
0
0
000
000
00
MIF1_BYTE_COUNT [20:16]
00000000h
MIF1_BYTE_COUNT [15:0]
R262656
(40200h)
MIF1_TX_1
MIF1_TX_BYTE4 [7:0]
MIF1_TX_BYTE3 [7:0]
00000000h
MIF1_TX_BYTE2 [7:0]
MIF1_TX_BYTE1 [7:0]
R262658
(40202h)
MIF1_TX_2
MIF1_TX_BYTE8 [7:0]
MIF1_TX_BYTE7 [7:0]
00000000h
MIF1_TX_BYTE6 [7:0]
MIF1_TX_BYTE5 [7:0]
R262660
(40204h)
MIF1_TX_3
MIF1_TX_BYTE12 [7:0]
MIF1_TX_BYTE11 [7:0]
00000000h
MIF1_TX_BYTE10 [7:0]
MIF1_TX_BYTE9 [7:0]
R262662
(40206h)
MIF1_TX_4
MIF1_TX_BYTE16 [7:0]
MIF1_TX_BYTE15 [7:0]
00000000h
MIF1_TX_BYTE14 [7:0]
MIF1_TX_BYTE13 [7:0]
R262912
(40300h)
MIF1_RX_1
MIF1_RX_BYTE4 [7:0]
MIF1_RX_BYTE3 [7:0]
00000000h
MIF1_RX_BYTE2 [7:0]
MIF1_RX_BYTE1 [7:0]
R262914
(40302h)
MIF1_RX_2
MIF1_RX_BYTE8 [7:0]
MIF1_RX_BYTE7 [7:0]
00000000h
MIF1_RX_BYTE6 [7:0]
MIF1_RX_BYTE5 [7:0]
R262916
(40304h)
MIF1_RX_3
MIF1_RX_BYTE12 [7:0]
MIF1_RX_BYTE11 [7:0]
00000000h
MIF1_RX_BYTE10 [7:0]
MIF1_RX_BYTE9 [7:0]
R262918
(40306h)
MIF1_RX_4
MIF1_RX_BYTE16 [7:0]
MIF1_RX_BYTE15 [7:0]
00000000h
MIF1_RX_BYTE14 [7:0]
MIF1_RX_BYTE13 [7:0]
R294912
(48000h)
EVENTLOG1_
CONTROL
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
EVENTLO
G1_RST
EVENTLO
G1_ENA
R294916
(48004h)
EVENTLOG1_TIMER_
SEL
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
EVENTLOG1_
TIMER_SEL [1:0]
R294924
(4800Ch)
EVENTLOG1_FIFO_
CONTROL1
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
0
EVENTLOG1_FIFO_WMARK [3:0]
R294926
(4800Eh)
EVENTLOG1_FIFO_
POINTER1
0
0
0
000
000
00
00
EVENTLO
G1_FULL
EVENTLO
G1_
WMARK_
STS
EVENTLO
G1_NOT_
EMPTY
00000000h
0
0
0
0
EVENTLOG1_FIFO_WPTR [3:0]
0
0
0
0
EVENTLOG1_FIFO_RPTR [3:0]
R294944
(48020h)
EVENTLOG1_CH_
ENABLE1
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH16_
ENA
EVENTLO
G1_CH15_
ENA
EVENTLO
G1_CH14_
ENA
EVENTLO
G1_CH13_
ENA
EVENTLO
G1_CH12_
ENA
EVENTLO
G1_CH11_
ENA
EVENTLO
G1_CH10_
ENA
EVENTLO
G1_CH9_
ENA
EVENTLO
G1_CH8_
ENA
EVENTLO
G1_CH7_
ENA
EVENTLO
G1_CH6_
ENA
EVENTLO
G1_CH5_
ENA
EVENTLO
G1_CH4_
ENA
EVENTLO
G1_CH3_
ENA
EVENTLO
G1_CH2_
ENA
EVENTLO
G1_CH1_
ENA
R294976
(48040h)
EVENTLOG1_CH1_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH1_
DB
EVENTLO
G1_CH1_
POL
0
0
0
0
0
EVENTLOG1_CH1_SEL [8:0]
R294978
(48042h)
EVENTLOG1_CH2_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH2_
DB
EVENTLO
G1_CH2_
POL
0
0
0
0
0
EVENTLOG1_CH2_SEL [8:0]
R294980
(48044h)
EVENTLOG1_CH3_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH3_
DB
EVENTLO
G1_CH3_
POL
0
0
0
0
0
EVENTLOG1_CH3_SEL [8:0]
R294982
(48046h)
EVENTLOG1_CH4_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH4_
DB
EVENTLO
G1_CH4_
POL
0
0
0
0
0
EVENTLOG1_CH4_SEL [8:0]
R294984
(48048h)
EVENTLOG1_CH5_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH5_
DB
EVENTLO
G1_CH5_
POL
0
0
0
0
0
EVENTLOG1_CH5_SEL [8:0]
R294986
(4804Ah)
EVENTLOG1_CH6_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH6_
DB
EVENTLO
G1_CH6_
POL
0
0
0
0
0
EVENTLOG1_CH6_SEL [8:0]
R294988
(4804Ch)
EVENTLOG1_CH7_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH7_
DB
EVENTLO
G1_CH7_
POL
0
0
0
0
0
EVENTLOG1_CH7_SEL [8:0]
R294990
(4804Eh)
EVENTLOG1_CH8_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH8_
DB
EVENTLO
G1_CH8_
POL
0
0
0
0
0
EVENTLOG1_CH8_SEL [8:0]
R294992
(48050h)
EVENTLOG1_CH9_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH9_
DB
EVENTLO
G1_CH9_
POL
0
0
0
0
0
EVENTLOG1_CH9_SEL [8:0]
R294994
(48052h)
EVENTLOG1_CH10_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH10_
DB
EVENTLO
G1_CH10_
POL
0
0
0
0
0
EVENTLOG1_CH10_SEL [8:0]
R294996
(48054h)
EVENTLOG1_CH11_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G1_CH11_
DB
EVENTLO
G1_CH11_
POL
0
0
0
0
0
EVENTLOG1_CH11_SEL [8:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com