Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 272 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 272 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 268Page - Cirrus Logic CS47L35 Datasheet HTML 269Page - Cirrus Logic CS47L35 Datasheet HTML 270Page - Cirrus Logic CS47L35 Datasheet HTML 271Page - Cirrus Logic CS47L35 Datasheet HTML 272Page - Cirrus Logic CS47L35 Datasheet HTML 273Page - Cirrus Logic CS47L35 Datasheet HTML 274Page - Cirrus Logic CS47L35 Datasheet HTML 275Page - Cirrus Logic CS47L35 Datasheet HTML 276Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 300 page
background image
272
DS1085F3
CS47L35
6 Register Map
R12548
(3104h)
WSEQ_Sequence_131
WSEQ_DATA_WIDTH130 [2:0]
WSEQ_ADDR130 [12:0]
00000000h
WSEQ_DELAY130 [3:0]
WSEQ_DATA_START130 [3:0]
WSEQ_DATA130 [7:0]
R12550
(3106h)
WSEQ_Sequence_132
WSEQ_DATA_WIDTH131 [2:0]
WSEQ_ADDR131 [12:0]
00000000h
WSEQ_DELAY131 [3:0]
WSEQ_DATA_START131 [3:0]
WSEQ_DATA131 [7:0]
R12552
(3108h)
WSEQ_Sequence_133
WSEQ_DATA_WIDTH132 [2:0]
WSEQ_ADDR132 [12:0]
00000000h
WSEQ_DELAY132 [3:0]
WSEQ_DATA_START132 [3:0]
WSEQ_DATA132 [7:0]
R12554
(310Ah)
WSEQ_Sequence_134
WSEQ_DATA_WIDTH133 [2:0]
WSEQ_ADDR133 [12:0]
00000000h
WSEQ_DELAY133 [3:0]
WSEQ_DATA_START133 [3:0]
WSEQ_DATA133 [7:0]
R12556
(310Ch)
WSEQ_Sequence_135
WSEQ_DATA_WIDTH134 [2:0]
WSEQ_ADDR134 [12:0]
00000000h
WSEQ_DELAY134 [3:0]
WSEQ_DATA_START134 [3:0]
WSEQ_DATA134 [7:0]
R12558
(310Eh)
WSEQ_Sequence_136
WSEQ_DATA_WIDTH135 [2:0]
WSEQ_ADDR135 [12:0]
00000000h
WSEQ_DELAY135 [3:0]
WSEQ_DATA_START135 [3:0]
WSEQ_DATA135 [7:0]
R12560
(3110h)
WSEQ_Sequence_137
WSEQ_DATA_WIDTH136 [2:0]
WSEQ_ADDR136 [12:0]
00000000h
WSEQ_DELAY136 [3:0]
WSEQ_DATA_START136 [3:0]
WSEQ_DATA136 [7:0]
R12562
(3112h)
WSEQ_Sequence_138
WSEQ_DATA_WIDTH137 [2:0]
WSEQ_ADDR137 [12:0]
00000000h
WSEQ_DELAY137 [3:0]
WSEQ_DATA_START137 [3:0]
WSEQ_DATA137 [7:0]
R12564
(3114h)
WSEQ_Sequence_139
WSEQ_DATA_WIDTH138 [2:0]
WSEQ_ADDR138 [12:0]
00000000h
WSEQ_DELAY138 [3:0]
WSEQ_DATA_START138 [3:0]
WSEQ_DATA138 [7:0]
R12566
(3116h)
WSEQ_Sequence_140
WSEQ_DATA_WIDTH139 [2:0]
WSEQ_ADDR139 [12:0]
00000000h
WSEQ_DELAY139 [3:0]
WSEQ_DATA_START139 [3:0]
WSEQ_DATA139 [7:0]
R12568
(3118h)
WSEQ_Sequence_141
WSEQ_DATA_WIDTH140 [2:0]
WSEQ_ADDR140 [12:0]
00000000h
WSEQ_DELAY140 [3:0]
WSEQ_DATA_START140 [3:0]
WSEQ_DATA140 [7:0]
R12570
(311Ah)
WSEQ_Sequence_142
WSEQ_DATA_WIDTH141 [2:0]
WSEQ_ADDR141 [12:0]
00000000h
WSEQ_DELAY141 [3:0]
WSEQ_DATA_START141 [3:0]
WSEQ_DATA141 [7:0]
R12572
(311Ch)
WSEQ_Sequence_143
WSEQ_DATA_WIDTH142 [2:0]
WSEQ_ADDR142 [12:0]
00000000h
WSEQ_DELAY142 [3:0]
WSEQ_DATA_START142 [3:0]
WSEQ_DATA142 [7:0]
R12574
(311Eh)
WSEQ_Sequence_144
WSEQ_DATA_WIDTH143 [2:0]
WSEQ_ADDR143 [12:0]
00000000h
WSEQ_DELAY143 [3:0]
WSEQ_DATA_START143 [3:0]
WSEQ_DATA143 [7:0]
R12576
(3120h)
WSEQ_Sequence_145
WSEQ_DATA_WIDTH144 [2:0]
WSEQ_ADDR144 [12:0]
00000000h
WSEQ_DELAY144 [3:0]
WSEQ_DATA_START144 [3:0]
WSEQ_DATA144 [7:0]
R12578
(3122h)
WSEQ_Sequence_146
WSEQ_DATA_WIDTH145 [2:0]
WSEQ_ADDR145 [12:0]
00000000h
WSEQ_DELAY145 [3:0]
WSEQ_DATA_START145 [3:0]
WSEQ_DATA145 [7:0]
R12580
(3124h)
WSEQ_Sequence_147
WSEQ_DATA_WIDTH146 [2:0]
WSEQ_ADDR146 [12:0]
00000000h
WSEQ_DELAY146 [3:0]
WSEQ_DATA_START146 [3:0]
WSEQ_DATA146 [7:0]
R12582
(3126h)
WSEQ_Sequence_148
WSEQ_DATA_WIDTH147 [2:0]
WSEQ_ADDR147 [12:0]
00000000h
WSEQ_DELAY147 [3:0]
WSEQ_DATA_START147 [3:0]
WSEQ_DATA147 [7:0]
R12584
(3128h)
WSEQ_Sequence_149
WSEQ_DATA_WIDTH148 [2:0]
WSEQ_ADDR148 [12:0]
00000000h
WSEQ_DELAY148 [3:0]
WSEQ_DATA_START148 [3:0]
WSEQ_DATA148 [7:0]
R12586
(312Ah)
WSEQ_Sequence_150
WSEQ_DATA_WIDTH149 [2:0]
WSEQ_ADDR149 [12:0]
00000000h
WSEQ_DELAY149 [3:0]
WSEQ_DATA_START149 [3:0]
WSEQ_DATA149 [7:0]
R12588
(312Ch)
WSEQ_Sequence_151
WSEQ_DATA_WIDTH150 [2:0]
WSEQ_ADDR150 [12:0]
00000000h
WSEQ_DELAY150 [3:0]
WSEQ_DATA_START150 [3:0]
WSEQ_DATA150 [7:0]
R12590
(312Eh)
WSEQ_Sequence_152
WSEQ_DATA_WIDTH151 [2:0]
WSEQ_ADDR151 [12:0]
00000000h
WSEQ_DELAY151 [3:0]
WSEQ_DATA_START151 [3:0]
WSEQ_DATA151 [7:0]
R12592
(3130h)
WSEQ_Sequence_153
WSEQ_DATA_WIDTH152 [2:0]
WSEQ_ADDR152 [12:0]
00000000h
WSEQ_DELAY152 [3:0]
WSEQ_DATA_START152 [3:0]
WSEQ_DATA152 [7:0]
R12594
(3132h)
WSEQ_Sequence_154
WSEQ_DATA_WIDTH153 [2:0]
WSEQ_ADDR153 [12:0]
00000000h
WSEQ_DELAY153 [3:0]
WSEQ_DATA_START153 [3:0]
WSEQ_DATA153 [7:0]
R12596
(3134h)
WSEQ_Sequence_155
WSEQ_DATA_WIDTH154 [2:0]
WSEQ_ADDR154 [12:0]
00000000h
WSEQ_DELAY154 [3:0]
WSEQ_DATA_START154 [3:0]
WSEQ_DATA154 [7:0]
R12598
(3136h)
WSEQ_Sequence_156
WSEQ_DATA_WIDTH155 [2:0]
WSEQ_ADDR155 [12:0]
00000000h
WSEQ_DELAY155 [3:0]
WSEQ_DATA_START155 [3:0]
WSEQ_DATA155 [7:0]
R12600
(3138h)
WSEQ_Sequence_157
WSEQ_DATA_WIDTH156 [2:0]
WSEQ_ADDR156 [12:0]
00000000h
WSEQ_DELAY156 [3:0]
WSEQ_DATA_START156 [3:0]
WSEQ_DATA156 [7:0]
R12602
(313Ah)
WSEQ_Sequence_158
WSEQ_DATA_WIDTH157 [2:0]
WSEQ_ADDR157 [12:0]
00000000h
WSEQ_DELAY157 [3:0]
WSEQ_DATA_START157 [3:0]
WSEQ_DATA157 [7:0]
R12604
(313Ch)
WSEQ_Sequence_159
WSEQ_DATA_WIDTH158 [2:0]
WSEQ_ADDR158 [12:0]
00000000h
WSEQ_DELAY158 [3:0]
WSEQ_DATA_START158 [3:0]
WSEQ_DATA158 [7:0]
R12606
(313Eh)
WSEQ_Sequence_160
WSEQ_DATA_WIDTH159 [2:0]
WSEQ_ADDR159 [12:0]
00000000h
WSEQ_DELAY159 [3:0]
WSEQ_DATA_START159 [3:0]
WSEQ_DATA159 [7:0]
R12608
(3140h)
WSEQ_Sequence_161
WSEQ_DATA_WIDTH160 [2:0]
WSEQ_ADDR160 [12:0]
00000000h
WSEQ_DELAY160 [3:0]
WSEQ_DATA_START160 [3:0]
WSEQ_DATA160 [7:0]
R12610
(3142h)
WSEQ_Sequence_162
WSEQ_DATA_WIDTH161 [2:0]
WSEQ_ADDR161 [12:0]
00000000h
WSEQ_DELAY161 [3:0]
WSEQ_DATA_START161 [3:0]
WSEQ_DATA161 [7:0]
R12612
(3144h)
WSEQ_Sequence_163
WSEQ_DATA_WIDTH162 [2:0]
WSEQ_ADDR162 [12:0]
00000000h
WSEQ_DELAY162 [3:0]
WSEQ_DATA_START162 [3:0]
WSEQ_DATA162 [7:0]
R12614
(3146h)
WSEQ_Sequence_164
WSEQ_DATA_WIDTH163 [2:0]
WSEQ_ADDR163 [12:0]
00000000h
WSEQ_DELAY163 [3:0]
WSEQ_DATA_START163 [3:0]
WSEQ_DATA163 [7:0]
R12616
(3148h)
WSEQ_Sequence_165
WSEQ_DATA_WIDTH164 [2:0]
WSEQ_ADDR164 [12:0]
00000000h
WSEQ_DELAY164 [3:0]
WSEQ_DATA_START164 [3:0]
WSEQ_DATA164 [7:0]
R12618
(314Ah)
WSEQ_Sequence_166
WSEQ_DATA_WIDTH165 [2:0]
WSEQ_ADDR165 [12:0]
00000000h
WSEQ_DELAY165 [3:0]
WSEQ_DATA_START165 [3:0]
WSEQ_DATA165 [7:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com