Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 275 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 275 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 271Page - Cirrus Logic CS47L35 Datasheet HTML 272Page - Cirrus Logic CS47L35 Datasheet HTML 273Page - Cirrus Logic CS47L35 Datasheet HTML 274Page - Cirrus Logic CS47L35 Datasheet HTML 275Page - Cirrus Logic CS47L35 Datasheet HTML 276Page - Cirrus Logic CS47L35 Datasheet HTML 277Page - Cirrus Logic CS47L35 Datasheet HTML 278Page - Cirrus Logic CS47L35 Datasheet HTML 279Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 300 page
background image
DS1085F3
275
CS47L35
6 Register Map
R12764
(31DCh)
WSEQ_Sequence_239
WSEQ_DATA_WIDTH238 [2:0]
WSEQ_ADDR238 [12:0]
FFFFFFFFh
WSEQ_DELAY238 [3:0]
WSEQ_DATA_START238 [3:0]
WSEQ_DATA238 [7:0]
R12766
(31DEh)
WSEQ_Sequence_240
WSEQ_DATA_WIDTH239 [2:0]
WSEQ_ADDR239 [12:0]
FFFFFFFFh
WSEQ_DELAY239 [3:0]
WSEQ_DATA_START239 [3:0]
WSEQ_DATA239 [7:0]
R12768
(31E0h)
WSEQ_Sequence_241
WSEQ_DATA_WIDTH240 [2:0]
WSEQ_ADDR240 [12:0]
FFFFFFFFh
WSEQ_DELAY240 [3:0]
WSEQ_DATA_START240 [3:0]
WSEQ_DATA240 [7:0]
R12770
(31E2h)
WSEQ_Sequence_242
WSEQ_DATA_WIDTH241 [2:0]
WSEQ_ADDR241 [12:0]
FFFFFFFFh
WSEQ_DELAY241 [3:0]
WSEQ_DATA_START241 [3:0]
WSEQ_DATA241 [7:0]
R12772
(31E4h)
WSEQ_Sequence_243
WSEQ_DATA_WIDTH242 [2:0]
WSEQ_ADDR242 [12:0]
FFFFFFFFh
WSEQ_DELAY242 [3:0]
WSEQ_DATA_START242 [3:0]
WSEQ_DATA242 [7:0]
R12774
(31E6h)
WSEQ_Sequence_244
WSEQ_DATA_WIDTH243 [2:0]
WSEQ_ADDR243 [12:0]
FFFFFFFFh
WSEQ_DELAY243 [3:0]
WSEQ_DATA_START243 [3:0]
WSEQ_DATA243 [7:0]
R12776
(31E8h)
WSEQ_Sequence_245
WSEQ_DATA_WIDTH244 [2:0]
WSEQ_ADDR244 [12:0]
FFFFFFFFh
WSEQ_DELAY244 [3:0]
WSEQ_DATA_START244 [3:0]
WSEQ_DATA244 [7:0]
R12778
(31EAh)
WSEQ_Sequence_246
WSEQ_DATA_WIDTH245 [2:0]
WSEQ_ADDR245 [12:0]
FFFFFFFFh
WSEQ_DELAY245 [3:0]
WSEQ_DATA_START245 [3:0]
WSEQ_DATA245 [7:0]
R12780
(31ECh)
WSEQ_Sequence_247
WSEQ_DATA_WIDTH246 [2:0]
WSEQ_ADDR246 [12:0]
FFFFFFFFh
WSEQ_DELAY246 [3:0]
WSEQ_DATA_START246 [3:0]
WSEQ_DATA246 [7:0]
R12782
(31EEh)
WSEQ_Sequence_248
WSEQ_DATA_WIDTH247 [2:0]
WSEQ_ADDR247 [12:0]
FFFFFFFFh
WSEQ_DELAY247 [3:0]
WSEQ_DATA_START247 [3:0]
WSEQ_DATA247 [7:0]
R12784
(31F0h)
WSEQ_Sequence_249
WSEQ_DATA_WIDTH248 [2:0]
WSEQ_ADDR248 [12:0]
FFFFFFFFh
WSEQ_DELAY248 [3:0]
WSEQ_DATA_START248 [3:0]
WSEQ_DATA248 [7:0]
R12786
(31F2h)
WSEQ_Sequence_250
WSEQ_DATA_WIDTH249 [2:0]
WSEQ_ADDR249 [12:0]
FFFFFFFFh
WSEQ_DELAY249 [3:0]
WSEQ_DATA_START249 [3:0]
WSEQ_DATA249 [7:0]
R12788
(31F4h)
WSEQ_Sequence_251
WSEQ_DATA_WIDTH250 [2:0]
WSEQ_ADDR250 [12:0]
FFFFFFFFh
WSEQ_DELAY250 [3:0]
WSEQ_DATA_START250 [3:0]
WSEQ_DATA250 [7:0]
R12790
(31F6h)
WSEQ_Sequence_252
WSEQ_DATA_WIDTH251 [2:0]
WSEQ_ADDR251 [12:0]
FFFFFFFFh
WSEQ_DELAY251 [3:0]
WSEQ_DATA_START251 [3:0]
WSEQ_DATA251 [7:0]
R12792
(31F8h)
OTP_HPDET_Cal_1
HP_OFFSET_11 [7:0]
HP_OFFSET_10 [7:0]
00000000h
HP_OFFSET_01 [7:0]
HP_OFFSET_00 [7:0]
R12794
(31FAh)
OTP_HPDET_Cal_2
SPARE2 [7:0]
SPARE1 [7:0]
00000000h
HP_GRADIENT_1X [7:0]
HP_GRADIENT_0X [7:0]
R12796
(31FCh)
OTP_Security_1
SECURITY_VALUE [63:48]
00000000h
SECURITY_VALUE [47:32]
R12798
(31FEh)
OTP_Security_2
SECURITY_VALUE [31:16]
00000000h
SECURITY_VALUE [15:0]
R262146
(40002h)
MIF1_I2C_CONFIG_2
0
0
0
000
000
00
000
00
00000000h
00
00
0
MIF1_SLV_ADDR [9:0]
MIF1_
ADDR_
MODE
R262148
(40004h)
MIF1_I2C_CONFIG_3
0
0
0
000
000
00
000
00
00000004h
0
0
0
0
0
MIF1_HS_MASTER_ID [2:0]
0
0
0
0
MIF1_
NACK_
RESPONS
E
MIF1_
SCL_
MON_ENA
MIF1_
RPT_
START
MIF1_
START_
BYTE_
ENA
R262152
(40008h)
MIF1_I2C_CONFIG_5
0
0
0
000
000
00
000
00
00000001h
00
00
0
0
0
MIF1_
WDT_
VALUE_
FRC_ENA
00
00
0
0
0
MIF1_
WDT_ENA
R262272
(40080h)
MIF1_I2C_STATUS_1
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
00
MIF1_
WDT_
TIMEOUT_
STS
MIF1_
ARBIT_
LOST_
STS
MIF1_
NACK_
STS
R262400
(40100h)
MIF1_CONFIG_1
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
0
MIF1_
START
R262404
(40104h)
MIF1_CONFIG_3
0
0
0
000
000
00
000
MIF1_WORD_SIZE
[1:0]
00000000h
0
0
0
000
000
00
000
0
MIF1_
READ_
WRITE_
SEL
R262406
(40106h)
MIF1_CONFIG_4
0
0
0
000
000
00
MIF1_TX_LENGTH [20:16]
00000000h
MIF1_TX_LENGTH [15:0]
R262416
(40110h)
MIF1_CONFIG_5
0
0
0
000
000
00
MIF1_RX_LENGTH [20:16]
00000000h
MIF1_RX_LENGTH [15:0]
R262418
(40112h)
MIF1_CONFIG_6
0
0
0
000
000
00
000
00
00000010h
0
0
0
000
00
MIF1_TX_BLOCK_LENGTH [7:0]
R262420
(40114h)
MIF1_CONFIG_7
0
0
0
000
000
00
000
00
00000010h
0
0
0
0
0
0
0
0
MIF1_RX_BLOCK_LENGTH [7:0]
R262422
(40116h)
MIF1_CONFIG_8
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
MIF1_RX_
DONE
00
0
MIF1_TX_
DONE
R262528
(40180h)
MIF1_STATUS_1
0
0
0
000
000
00
000
00
00000000h
00
00
0
0
0
MIF1_
BUSY_
STS
00
0
MIF1_RX_
REQUEST
00
0
MIF1_TX_
REQUEST
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com