Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 273 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 273 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 269Page - Cirrus Logic CS47L35 Datasheet HTML 270Page - Cirrus Logic CS47L35 Datasheet HTML 271Page - Cirrus Logic CS47L35 Datasheet HTML 272Page - Cirrus Logic CS47L35 Datasheet HTML 273Page - Cirrus Logic CS47L35 Datasheet HTML 274Page - Cirrus Logic CS47L35 Datasheet HTML 275Page - Cirrus Logic CS47L35 Datasheet HTML 276Page - Cirrus Logic CS47L35 Datasheet HTML 277Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 300 page
background image
DS1085F3
273
CS47L35
6 Register Map
R12620
(314Ch)
WSEQ_Sequence_167
WSEQ_DATA_WIDTH166 [2:0]
WSEQ_ADDR166 [12:0]
00000000h
WSEQ_DELAY166 [3:0]
WSEQ_DATA_START166 [3:0]
WSEQ_DATA166 [7:0]
R12622
(314Eh)
WSEQ_Sequence_168
WSEQ_DATA_WIDTH167 [2:0]
WSEQ_ADDR167 [12:0]
00000000h
WSEQ_DELAY167 [3:0]
WSEQ_DATA_START167 [3:0]
WSEQ_DATA167 [7:0]
R12624
(3150h)
WSEQ_Sequence_169
WSEQ_DATA_WIDTH168 [2:0]
WSEQ_ADDR168 [12:0]
00000000h
WSEQ_DELAY168 [3:0]
WSEQ_DATA_START168 [3:0]
WSEQ_DATA168 [7:0]
R12626
(3152h)
WSEQ_Sequence_170
WSEQ_DATA_WIDTH169 [2:0]
WSEQ_ADDR169 [12:0]
00000000h
WSEQ_DELAY169 [3:0]
WSEQ_DATA_START169 [3:0]
WSEQ_DATA169 [7:0]
R12628
(3154h)
WSEQ_Sequence_171
WSEQ_DATA_WIDTH170 [2:0]
WSEQ_ADDR170 [12:0]
00000000h
WSEQ_DELAY170 [3:0]
WSEQ_DATA_START170 [3:0]
WSEQ_DATA170 [7:0]
R12630
(3156h)
WSEQ_Sequence_172
WSEQ_DATA_WIDTH171 [2:0]
WSEQ_ADDR171 [12:0]
00000000h
WSEQ_DELAY171 [3:0]
WSEQ_DATA_START171 [3:0]
WSEQ_DATA171 [7:0]
R12632
(3158h)
WSEQ_Sequence_173
WSEQ_DATA_WIDTH172 [2:0]
WSEQ_ADDR172 [12:0]
00000000h
WSEQ_DELAY172 [3:0]
WSEQ_DATA_START172 [3:0]
WSEQ_DATA172 [7:0]
R12634
(315Ah)
WSEQ_Sequence_174
WSEQ_DATA_WIDTH173 [2:0]
WSEQ_ADDR173 [12:0]
00000000h
WSEQ_DELAY173 [3:0]
WSEQ_DATA_START173 [3:0]
WSEQ_DATA173 [7:0]
R12636
(315Ch)
WSEQ_Sequence_175
WSEQ_DATA_WIDTH174 [2:0]
WSEQ_ADDR174 [12:0]
00000000h
WSEQ_DELAY174 [3:0]
WSEQ_DATA_START174 [3:0]
WSEQ_DATA174 [7:0]
R12638
(315Eh)
WSEQ_Sequence_176
WSEQ_DATA_WIDTH175 [2:0]
WSEQ_ADDR175 [12:0]
00000000h
WSEQ_DELAY175 [3:0]
WSEQ_DATA_START175 [3:0]
WSEQ_DATA175 [7:0]
R12640
(3160h)
WSEQ_Sequence_177
WSEQ_DATA_WIDTH176 [2:0]
WSEQ_ADDR176 [12:0]
00000000h
WSEQ_DELAY176 [3:0]
WSEQ_DATA_START176 [3:0]
WSEQ_DATA176 [7:0]
R12642
(3162h)
WSEQ_Sequence_178
WSEQ_DATA_WIDTH177 [2:0]
WSEQ_ADDR177 [12:0]
00000000h
WSEQ_DELAY177 [3:0]
WSEQ_DATA_START177 [3:0]
WSEQ_DATA177 [7:0]
R12644
(3164h)
WSEQ_Sequence_179
WSEQ_DATA_WIDTH178 [2:0]
WSEQ_ADDR178 [12:0]
00000000h
WSEQ_DELAY178 [3:0]
WSEQ_DATA_START178 [3:0]
WSEQ_DATA178 [7:0]
R12646
(3166h)
WSEQ_Sequence_180
WSEQ_DATA_WIDTH179 [2:0]
WSEQ_ADDR179 [12:0]
00000000h
WSEQ_DELAY179 [3:0]
WSEQ_DATA_START179 [3:0]
WSEQ_DATA179 [7:0]
R12648
(3168h)
WSEQ_Sequence_181
WSEQ_DATA_WIDTH180 [2:0]
WSEQ_ADDR180 [12:0]
00000000h
WSEQ_DELAY180 [3:0]
WSEQ_DATA_START180 [3:0]
WSEQ_DATA180 [7:0]
R12650
(316Ah)
WSEQ_Sequence_182
WSEQ_DATA_WIDTH181 [2:0]
WSEQ_ADDR181 [12:0]
00000000h
WSEQ_DELAY181 [3:0]
WSEQ_DATA_START181 [3:0]
WSEQ_DATA181 [7:0]
R12652
(316Ch)
WSEQ_Sequence_183
WSEQ_DATA_WIDTH182 [2:0]
WSEQ_ADDR182 [12:0]
00000000h
WSEQ_DELAY182 [3:0]
WSEQ_DATA_START182 [3:0]
WSEQ_DATA182 [7:0]
R12654
(316Eh)
WSEQ_Sequence_184
WSEQ_DATA_WIDTH183 [2:0]
WSEQ_ADDR183 [12:0]
00000000h
WSEQ_DELAY183 [3:0]
WSEQ_DATA_START183 [3:0]
WSEQ_DATA183 [7:0]
R12656
(3170h)
WSEQ_Sequence_185
WSEQ_DATA_WIDTH184 [2:0]
WSEQ_ADDR184 [12:0]
00000000h
WSEQ_DELAY184 [3:0]
WSEQ_DATA_START184 [3:0]
WSEQ_DATA184 [7:0]
R12658
(3172h)
WSEQ_Sequence_186
WSEQ_DATA_WIDTH185 [2:0]
WSEQ_ADDR185 [12:0]
00000000h
WSEQ_DELAY185 [3:0]
WSEQ_DATA_START185 [3:0]
WSEQ_DATA185 [7:0]
R12660
(3174h)
WSEQ_Sequence_187
WSEQ_DATA_WIDTH186 [2:0]
WSEQ_ADDR186 [12:0]
00000000h
WSEQ_DELAY186 [3:0]
WSEQ_DATA_START186 [3:0]
WSEQ_DATA186 [7:0]
R12662
(3176h)
WSEQ_Sequence_188
WSEQ_DATA_WIDTH187 [2:0]
WSEQ_ADDR187 [12:0]
00000000h
WSEQ_DELAY187 [3:0]
WSEQ_DATA_START187 [3:0]
WSEQ_DATA187 [7:0]
R12664
(3178h)
WSEQ_Sequence_189
WSEQ_DATA_WIDTH188 [2:0]
WSEQ_ADDR188 [12:0]
00000000h
WSEQ_DELAY188 [3:0]
WSEQ_DATA_START188 [3:0]
WSEQ_DATA188 [7:0]
R12666
(317Ah)
WSEQ_Sequence_190
WSEQ_DATA_WIDTH189 [2:0]
WSEQ_ADDR189 [12:0]
00000000h
WSEQ_DELAY189 [3:0]
WSEQ_DATA_START189 [3:0]
WSEQ_DATA189 [7:0]
R12668
(317Ch)
WSEQ_Sequence_191
WSEQ_DATA_WIDTH190 [2:0]
WSEQ_ADDR190 [12:0]
00000000h
WSEQ_DELAY190 [3:0]
WSEQ_DATA_START190 [3:0]
WSEQ_DATA190 [7:0]
R12670
(317Eh)
WSEQ_Sequence_192
WSEQ_DATA_WIDTH191 [2:0]
WSEQ_ADDR191 [12:0]
00000000h
WSEQ_DELAY191 [3:0]
WSEQ_DATA_START191 [3:0]
WSEQ_DATA191 [7:0]
R12672
(3180h)
WSEQ_Sequence_193
WSEQ_DATA_WIDTH192 [2:0]
WSEQ_ADDR192 [12:0]
00000000h
WSEQ_DELAY192 [3:0]
WSEQ_DATA_START192 [3:0]
WSEQ_DATA192 [7:0]
R12674
(3182h)
WSEQ_Sequence_194
WSEQ_DATA_WIDTH193 [2:0]
WSEQ_ADDR193 [12:0]
00000000h
WSEQ_DELAY193 [3:0]
WSEQ_DATA_START193 [3:0]
WSEQ_DATA193 [7:0]
R12676
(3184h)
WSEQ_Sequence_195
WSEQ_DATA_WIDTH194 [2:0]
WSEQ_ADDR194 [12:0]
00000000h
WSEQ_DELAY194 [3:0]
WSEQ_DATA_START194 [3:0]
WSEQ_DATA194 [7:0]
R12678
(3186h)
WSEQ_Sequence_196
WSEQ_DATA_WIDTH195 [2:0]
WSEQ_ADDR195 [12:0]
00000000h
WSEQ_DELAY195 [3:0]
WSEQ_DATA_START195 [3:0]
WSEQ_DATA195 [7:0]
R12680
(3188h)
WSEQ_Sequence_197
WSEQ_DATA_WIDTH196 [2:0]
WSEQ_ADDR196 [12:0]
00000000h
WSEQ_DELAY196 [3:0]
WSEQ_DATA_START196 [3:0]
WSEQ_DATA196 [7:0]
R12682
(318Ah)
WSEQ_Sequence_198
WSEQ_DATA_WIDTH197 [2:0]
WSEQ_ADDR197 [12:0]
00000000h
WSEQ_DELAY197 [3:0]
WSEQ_DATA_START197 [3:0]
WSEQ_DATA197 [7:0]
R12684
(318Ch)
WSEQ_Sequence_199
WSEQ_DATA_WIDTH198 [2:0]
WSEQ_ADDR198 [12:0]
00000000h
WSEQ_DELAY198 [3:0]
WSEQ_DATA_START198 [3:0]
WSEQ_DATA198 [7:0]
R12686
(318Eh)
WSEQ_Sequence_200
WSEQ_DATA_WIDTH199 [2:0]
WSEQ_ADDR199 [12:0]
00000000h
WSEQ_DELAY199 [3:0]
WSEQ_DATA_START199 [3:0]
WSEQ_DATA199 [7:0]
R12688
(3190h)
WSEQ_Sequence_201
WSEQ_DATA_WIDTH200 [2:0]
WSEQ_ADDR200 [12:0]
00000000h
WSEQ_DELAY200 [3:0]
WSEQ_DATA_START200 [3:0]
WSEQ_DATA200 [7:0]
R12690
(3192h)
WSEQ_Sequence_202
WSEQ_DATA_WIDTH201 [2:0]
WSEQ_ADDR201 [12:0]
00000000h
WSEQ_DELAY201 [3:0]
WSEQ_DATA_START201 [3:0]
WSEQ_DATA201 [7:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com