Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 269 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 269 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 265Page - Cirrus Logic CS47L35 Datasheet HTML 266Page - Cirrus Logic CS47L35 Datasheet HTML 267Page - Cirrus Logic CS47L35 Datasheet HTML 268Page - Cirrus Logic CS47L35 Datasheet HTML 269Page - Cirrus Logic CS47L35 Datasheet HTML 270Page - Cirrus Logic CS47L35 Datasheet HTML 271Page - Cirrus Logic CS47L35 Datasheet HTML 272Page - Cirrus Logic CS47L35 Datasheet HTML 273Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 300 page
background image
DS1085F3
269
CS47L35
6 Register Map
R12332
(302Ch)
WSEQ_Sequence_23
WSEQ_DATA_WIDTH22 [2:0]
WSEQ_ADDR22 [12:0]
0000F000h
WSEQ_DELAY22 [3:0]
WSEQ_DATA_START22 [3:0]
WSEQ_DATA22 [7:0]
R12334
(302Eh)
WSEQ_Sequence_24
WSEQ_DATA_WIDTH23 [2:0]
WSEQ_ADDR23 [12:0]
0000F000h
WSEQ_DELAY23 [3:0]
WSEQ_DATA_START23 [3:0]
WSEQ_DATA23 [7:0]
R12336
(3030h)
WSEQ_Sequence_25
WSEQ_DATA_WIDTH24 [2:0]
WSEQ_ADDR24 [12:0]
0000F000h
WSEQ_DELAY24 [3:0]
WSEQ_DATA_START24 [3:0]
WSEQ_DATA24 [7:0]
R12338
(3032h)
WSEQ_Sequence_26
WSEQ_DATA_WIDTH25 [2:0]
WSEQ_ADDR25 [12:0]
0000F000h
WSEQ_DELAY25 [3:0]
WSEQ_DATA_START25 [3:0]
WSEQ_DATA25 [7:0]
R12340
(3034h)
WSEQ_Sequence_27
WSEQ_DATA_WIDTH26 [2:0]
WSEQ_ADDR26 [12:0]
0000F000h
WSEQ_DELAY26 [3:0]
WSEQ_DATA_START26 [3:0]
WSEQ_DATA26 [7:0]
R12342
(3036h)
WSEQ_Sequence_28
WSEQ_DATA_WIDTH27 [2:0]
WSEQ_ADDR27 [12:0]
0000F000h
WSEQ_DELAY27 [3:0]
WSEQ_DATA_START27 [3:0]
WSEQ_DATA27 [7:0]
R12344
(3038h)
WSEQ_Sequence_29
WSEQ_DATA_WIDTH28 [2:0]
WSEQ_ADDR28 [12:0]
0000F000h
WSEQ_DELAY28 [3:0]
WSEQ_DATA_START28 [3:0]
WSEQ_DATA28 [7:0]
R12346
(303Ah)
WSEQ_Sequence_30
WSEQ_DATA_WIDTH29 [2:0]
WSEQ_ADDR29 [12:0]
0000F000h
WSEQ_DELAY29 [3:0]
WSEQ_DATA_START29 [3:0]
WSEQ_DATA29 [7:0]
R12348
(303Ch)
WSEQ_Sequence_31
WSEQ_DATA_WIDTH30 [2:0]
WSEQ_ADDR30 [12:0]
0000F000h
WSEQ_DELAY30 [3:0]
WSEQ_DATA_START30 [3:0]
WSEQ_DATA30 [7:0]
R12350
(303Eh)
WSEQ_Sequence_32
WSEQ_DATA_WIDTH31 [2:0]
WSEQ_ADDR31 [12:0]
02253A01h
WSEQ_DELAY31 [3:0]
WSEQ_DATA_START31 [3:0]
WSEQ_DATA31 [7:0]
R12352
(3040h)
WSEQ_Sequence_33
WSEQ_DATA_WIDTH32 [2:0]
WSEQ_ADDR32 [12:0]
C2251300h
WSEQ_DELAY32 [3:0]
WSEQ_DATA_START32 [3:0]
WSEQ_DATA32 [7:0]
R12354
(3042h)
WSEQ_Sequence_34
WSEQ_DATA_WIDTH33 [2:0]
WSEQ_ADDR33 [12:0]
02250B00h
WSEQ_DELAY33 [3:0]
WSEQ_DATA_START33 [3:0]
WSEQ_DATA33 [7:0]
R12356
(3044h)
WSEQ_Sequence_35
WSEQ_DATA_WIDTH34 [2:0]
WSEQ_ADDR34 [12:0]
0225FF01h
WSEQ_DELAY34 [3:0]
WSEQ_DATA_START34 [3:0]
WSEQ_DATA34 [7:0]
R12358
(3046h)
WSEQ_Sequence_36
WSEQ_DATA_WIDTH35 [2:0]
WSEQ_ADDR35 [12:0]
0000F000h
WSEQ_DELAY35 [3:0]
WSEQ_DATA_START35 [3:0]
WSEQ_DATA35 [7:0]
R12360
(3048h)
WSEQ_Sequence_37
WSEQ_DATA_WIDTH36 [2:0]
WSEQ_ADDR36 [12:0]
0000F000h
WSEQ_DELAY36 [3:0]
WSEQ_DATA_START36 [3:0]
WSEQ_DATA36 [7:0]
R12362
(304Ah)
WSEQ_Sequence_38
WSEQ_DATA_WIDTH37 [2:0]
WSEQ_ADDR37 [12:0]
0000F000h
WSEQ_DELAY37 [3:0]
WSEQ_DATA_START37 [3:0]
WSEQ_DATA37 [7:0]
R12364
(304Ch)
WSEQ_Sequence_39
WSEQ_DATA_WIDTH38 [2:0]
WSEQ_ADDR38 [12:0]
0000F000h
WSEQ_DELAY38 [3:0]
WSEQ_DATA_START38 [3:0]
WSEQ_DATA38 [7:0]
R12366
(304Eh)
WSEQ_Sequence_40
WSEQ_DATA_WIDTH39 [2:0]
WSEQ_ADDR39 [12:0]
0000F000h
WSEQ_DELAY39 [3:0]
WSEQ_DATA_START39 [3:0]
WSEQ_DATA39 [7:0]
R12368
(3050h)
WSEQ_Sequence_41
WSEQ_DATA_WIDTH40 [2:0]
WSEQ_ADDR40 [12:0]
82263719h
WSEQ_DELAY40 [3:0]
WSEQ_DATA_START40 [3:0]
WSEQ_DATA40 [7:0]
R12370
(3052h)
WSEQ_Sequence_42
WSEQ_DATA_WIDTH41 [2:0]
WSEQ_ADDR41 [12:0]
C2300001h
WSEQ_DELAY41 [3:0]
WSEQ_DATA_START41 [3:0]
WSEQ_DATA41 [7:0]
R12372
(3054h)
WSEQ_Sequence_43
WSEQ_DATA_WIDTH42 [2:0]
WSEQ_ADDR42 [12:0]
02261301h
WSEQ_DELAY42 [3:0]
WSEQ_DATA_START42 [3:0]
WSEQ_DATA42 [7:0]
R12374
(3056h)
WSEQ_Sequence_44
WSEQ_DATA_WIDTH43 [2:0]
WSEQ_ADDR43 [12:0]
8226191Fh
WSEQ_DELAY43 [3:0]
WSEQ_DATA_START43 [3:0]
WSEQ_DATA43 [7:0]
R12376
(3058h)
WSEQ_Sequence_45
WSEQ_DATA_WIDTH44 [2:0]
WSEQ_ADDR44 [12:0]
82310B02h
WSEQ_DELAY44 [3:0]
WSEQ_DATA_START44 [3:0]
WSEQ_DATA44 [7:0]
R12378
(305Ah)
WSEQ_Sequence_46
WSEQ_DATA_WIDTH45 [2:0]
WSEQ_ADDR45 [12:0]
E231023Bh
WSEQ_DELAY45 [3:0]
WSEQ_DATA_START45 [3:0]
WSEQ_DATA45 [7:0]
R12380
(305Ch)
WSEQ_Sequence_47
WSEQ_DATA_WIDTH46 [2:0]
WSEQ_ADDR46 [12:0]
02313B01h
WSEQ_DELAY46 [3:0]
WSEQ_DATA_START46 [3:0]
WSEQ_DATA46 [7:0]
R12382
(305Eh)
WSEQ_Sequence_48
WSEQ_DATA_WIDTH47 [2:0]
WSEQ_ADDR47 [12:0]
62300000h
WSEQ_DELAY47 [3:0]
WSEQ_DATA_START47 [3:0]
WSEQ_DATA47 [7:0]
R12384
(3060h)
WSEQ_Sequence_49
WSEQ_DATA_WIDTH48 [2:0]
WSEQ_ADDR48 [12:0]
E2314288h
WSEQ_DELAY48 [3:0]
WSEQ_DATA_START48 [3:0]
WSEQ_DATA48 [7:0]
R12386
(3062h)
WSEQ_Sequence_50
WSEQ_DATA_WIDTH49 [2:0]
WSEQ_ADDR49 [12:0]
02310B00h
WSEQ_DELAY49 [3:0]
WSEQ_DATA_START49 [3:0]
WSEQ_DATA49 [7:0]
R12388
(3064h)
WSEQ_Sequence_51
WSEQ_DATA_WIDTH50 [2:0]
WSEQ_ADDR50 [12:0]
02310B00h
WSEQ_DELAY50 [3:0]
WSEQ_DATA_START50 [3:0]
WSEQ_DATA50 [7:0]
R12390
(3066h)
WSEQ_Sequence_52
WSEQ_DATA_WIDTH51 [2:0]
WSEQ_ADDR51 [12:0]
02260E01h
WSEQ_DELAY51 [3:0]
WSEQ_DATA_START51 [3:0]
WSEQ_DATA51 [7:0]
R12392
(3068h)
WSEQ_Sequence_53
WSEQ_DATA_WIDTH52 [2:0]
WSEQ_ADDR52 [12:0]
42310C03h
WSEQ_DELAY52 [3:0]
WSEQ_DATA_START52 [3:0]
WSEQ_DATA52 [7:0]
R12394
(306Ah)
WSEQ_Sequence_54
WSEQ_DATA_WIDTH53 [2:0]
WSEQ_ADDR53 [12:0]
E2310227h
WSEQ_DELAY53 [3:0]
WSEQ_DATA_START53 [3:0]
WSEQ_DATA53 [7:0]
R12396
(306Ch)
WSEQ_Sequence_55
WSEQ_DATA_WIDTH54 [2:0]
WSEQ_ADDR54 [12:0]
02313B01h
WSEQ_DELAY54 [3:0]
WSEQ_DATA_START54 [3:0]
WSEQ_DATA54 [7:0]
R12398
(306Eh)
WSEQ_Sequence_56
WSEQ_DATA_WIDTH55 [2:0]
WSEQ_ADDR55 [12:0]
E2314266h
WSEQ_DELAY55 [3:0]
WSEQ_DATA_START55 [3:0]
WSEQ_DATA55 [7:0]
R12400
(3070h)
WSEQ_Sequence_57
WSEQ_DATA_WIDTH56 [2:0]
WSEQ_ADDR56 [12:0]
E2315294h
WSEQ_DELAY56 [3:0]
WSEQ_DATA_START56 [3:0]
WSEQ_DATA56 [7:0]
R12402
(3072h)
WSEQ_Sequence_58
WSEQ_DATA_WIDTH57 [2:0]
WSEQ_ADDR57 [12:0]
02310B00h
WSEQ_DELAY57 [3:0]
WSEQ_DATA_START57 [3:0]
WSEQ_DATA57 [7:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com