Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 268 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 268 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 264Page - Cirrus Logic CS47L35 Datasheet HTML 265Page - Cirrus Logic CS47L35 Datasheet HTML 266Page - Cirrus Logic CS47L35 Datasheet HTML 267Page - Cirrus Logic CS47L35 Datasheet HTML 268Page - Cirrus Logic CS47L35 Datasheet HTML 269Page - Cirrus Logic CS47L35 Datasheet HTML 270Page - Cirrus Logic CS47L35 Datasheet HTML 271Page - Cirrus Logic CS47L35 Datasheet HTML 272Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 300 page
background image
268
DS1085F3
CS47L35
6 Register Map
The 32-bit DSP register space is described in Table 6-2.
R6550
(1996h)
IRQ2_Raw_Status_23
00
000
000
00
00
EVENT4_
FULL_
STS2
EVENT3_
FULL_
STS2
EVENT2_
FULL_
STS2
EVENT1_
FULL_
STS2
0000h
R6551
(1997h)
IRQ2_Raw_Status_24
00
000
000
00
00
EVENT4_
WMARK_
STS2
EVENT3_
WMARK_
STS2
EVENT2_
WMARK_
STS2
EVENT1_
WMARK_
STS2
0000h
R6552
(1998h)
IRQ2_Raw_Status_25
00
000
000
00
000
DSP3_
DMA_
STS2
DSP2_
DMA_
STS2
DSP1_
DMA_
STS2
0000h
R6557
(199Dh)
IRQ2_Raw_Status_30
00
000
000
00
000
DSP3_
BUSY_
STS2
DSP2_
BUSY_
STS2
DSP1_
BUSY_
STS2
0000h
R6662
(1A06h)
Interrupt_Debounce_7
00
000
000
00
0
MICD_
CLAMP_
DB
0
JD2_DB
0
JD1_DB
0000h
R6784
(1A80h)
IRQ1_CTRL
01
00
IM_IRQ1 IRQ_POL IRQ_OP_
CFG
0
0
0
000
000
4400h
R6786
(1A82h)
IRQ2_CTRL
00
00
IM_IRQ2
000
00
000
000
0000h
R6816
(1AA0h)
Interrupt_Raw_Status_1
00
000
000
00
000
0
IRQ2_STS IRQ1_STS
0000h
R6848
(1AC0h)
GPIO_Debounce_Config
00
000
000
00
00
GP_DBTIME [3:0]
0000h
R6864
(1AD0h)
AOD_Pad_Ctrl
00
000
000
00
000
0
RESET_
PU
RESET_
PD
0002h
Table 6-2. Register Map Definition—32-bit region
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default
R12288
(3000h)
WSEQ_Sequence_1
WSEQ_DATA_WIDTH0 [2:0]
WSEQ_ADDR0 [12:0]
82253719h
WSEQ_DELAY0 [3:0]
WSEQ_DATA_START0 [3:0]
WSEQ_DATA0 [7:0]
R12290
(3002h)
WSEQ_Sequence_2
WSEQ_DATA_WIDTH1 [2:0]
WSEQ_ADDR1 [12:0]
C2300001h
WSEQ_DELAY1 [3:0]
WSEQ_DATA_START1 [3:0]
WSEQ_DATA1 [7:0]
R12292
(3004h)
WSEQ_Sequence_3
WSEQ_DATA_WIDTH2 [2:0]
WSEQ_ADDR2 [12:0]
02251301h
WSEQ_DELAY2 [3:0]
WSEQ_DATA_START2 [3:0]
WSEQ_DATA2 [7:0]
R12294
(3006h)
WSEQ_Sequence_4
WSEQ_DATA_WIDTH3 [2:0]
WSEQ_ADDR3 [12:0]
8225191Fh
WSEQ_DELAY3 [3:0]
WSEQ_DATA_START3 [3:0]
WSEQ_DATA3 [7:0]
R12296
(3008h)
WSEQ_Sequence_5
WSEQ_DATA_WIDTH4 [2:0]
WSEQ_ADDR4 [12:0]
82310B00h
WSEQ_DELAY4 [3:0]
WSEQ_DATA_START4 [3:0]
WSEQ_DATA4 [7:0]
R12298
(300Ah)
WSEQ_Sequence_6
WSEQ_DATA_WIDTH5 [2:0]
WSEQ_ADDR5 [12:0]
E231023Bh
WSEQ_DELAY5 [3:0]
WSEQ_DATA_START5 [3:0]
WSEQ_DATA5 [7:0]
R12300
(300Ch)
WSEQ_Sequence_7
WSEQ_DATA_WIDTH6 [2:0]
WSEQ_ADDR6 [12:0]
02313B01h
WSEQ_DELAY6 [3:0]
WSEQ_DATA_START6 [3:0]
WSEQ_DATA6 [7:0]
R12302
(300Eh)
WSEQ_Sequence_8
WSEQ_DATA_WIDTH7 [2:0]
WSEQ_ADDR7 [12:0]
62300000h
WSEQ_DELAY7 [3:0]
WSEQ_DATA_START7 [3:0]
WSEQ_DATA7 [7:0]
R12304
(3010h)
WSEQ_Sequence_9
WSEQ_DATA_WIDTH8 [2:0]
WSEQ_ADDR8 [12:0]
E2314288h
WSEQ_DELAY8 [3:0]
WSEQ_DATA_START8 [3:0]
WSEQ_DATA8 [7:0]
R12306
(3012h)
WSEQ_Sequence_10
WSEQ_DATA_WIDTH9 [2:0]
WSEQ_ADDR9 [12:0]
02310B00h
WSEQ_DELAY9 [3:0]
WSEQ_DATA_START9 [3:0]
WSEQ_DATA9 [7:0]
R12308
(3014h)
WSEQ_Sequence_11
WSEQ_DATA_WIDTH10 [2:0]
WSEQ_ADDR10 [12:0]
02310B00h
WSEQ_DELAY10 [3:0]
WSEQ_DATA_START10 [3:0]
WSEQ_DATA10 [7:0]
R12310
(3016h)
WSEQ_Sequence_12
WSEQ_DATA_WIDTH11 [2:0]
WSEQ_ADDR11 [12:0]
02250E01h
WSEQ_DELAY11 [3:0]
WSEQ_DATA_START11 [3:0]
WSEQ_DATA11 [7:0]
R12312
(3018h)
WSEQ_Sequence_13
WSEQ_DATA_WIDTH12 [2:0]
WSEQ_ADDR12 [12:0]
42310C02h
WSEQ_DELAY12 [3:0]
WSEQ_DATA_START12 [3:0]
WSEQ_DATA12 [7:0]
R12314
(301Ah)
WSEQ_Sequence_14
WSEQ_DATA_WIDTH13 [2:0]
WSEQ_ADDR13 [12:0]
E2310227h
WSEQ_DELAY13 [3:0]
WSEQ_DATA_START13 [3:0]
WSEQ_DATA13 [7:0]
R12316
(301Ch)
WSEQ_Sequence_15
WSEQ_DATA_WIDTH14 [2:0]
WSEQ_ADDR14 [12:0]
02313B01h
WSEQ_DELAY14 [3:0]
WSEQ_DATA_START14 [3:0]
WSEQ_DATA14 [7:0]
R12318
(301Eh)
WSEQ_Sequence_16
WSEQ_DATA_WIDTH15 [2:0]
WSEQ_ADDR15 [12:0]
E2314266h
WSEQ_DELAY15 [3:0]
WSEQ_DATA_START15 [3:0]
WSEQ_DATA15 [7:0]
R12320
(3020h)
WSEQ_Sequence_17
WSEQ_DATA_WIDTH16 [2:0]
WSEQ_ADDR16 [12:0]
E2315294h
WSEQ_DELAY16 [3:0]
WSEQ_DATA_START16 [3:0]
WSEQ_DATA16 [7:0]
R12322
(3022h)
WSEQ_Sequence_18
WSEQ_DATA_WIDTH17 [2:0]
WSEQ_ADDR17 [12:0]
02310B00h
WSEQ_DELAY17 [3:0]
WSEQ_DATA_START17 [3:0]
WSEQ_DATA17 [7:0]
R12324
(3024h)
WSEQ_Sequence_19
WSEQ_DATA_WIDTH18 [2:0]
WSEQ_ADDR18 [12:0]
02310B00h
WSEQ_DELAY18 [3:0]
WSEQ_DATA_START18 [3:0]
WSEQ_DATA18 [7:0]
R12326
(3026h)
WSEQ_Sequence_20
WSEQ_DATA_WIDTH19 [2:0]
WSEQ_ADDR19 [12:0]
E2251734h
WSEQ_DELAY19 [3:0]
WSEQ_DATA_START19 [3:0]
WSEQ_DATA19 [7:0]
R12328
(3028h)
WSEQ_Sequence_21
WSEQ_DATA_WIDTH20 [2:0]
WSEQ_ADDR20 [12:0]
0225F501h
WSEQ_DELAY20 [3:0]
WSEQ_DATA_START20 [3:0]
WSEQ_DATA20 [7:0]
R12330
(302Ah)
WSEQ_Sequence_22
WSEQ_DATA_WIDTH21 [2:0]
WSEQ_ADDR21 [12:0]
0000F000h
WSEQ_DELAY21 [3:0]
WSEQ_DATA_START21 [3:0]
WSEQ_DATA21 [7:0]
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com