Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 270 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 270 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 266Page - Cirrus Logic CS47L35 Datasheet HTML 267Page - Cirrus Logic CS47L35 Datasheet HTML 268Page - Cirrus Logic CS47L35 Datasheet HTML 269Page - Cirrus Logic CS47L35 Datasheet HTML 270Page - Cirrus Logic CS47L35 Datasheet HTML 271Page - Cirrus Logic CS47L35 Datasheet HTML 272Page - Cirrus Logic CS47L35 Datasheet HTML 273Page - Cirrus Logic CS47L35 Datasheet HTML 274Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 300 page
background image
270
DS1085F3
CS47L35
6 Register Map
R12404
(3074h)
WSEQ_Sequence_59
WSEQ_DATA_WIDTH58 [2:0]
WSEQ_ADDR58 [12:0]
02310B00h
WSEQ_DELAY58 [3:0]
WSEQ_DATA_START58 [3:0]
WSEQ_DATA58 [7:0]
R12406
(3076h)
WSEQ_Sequence_60
WSEQ_DATA_WIDTH59 [2:0]
WSEQ_ADDR59 [12:0]
E2261734h
WSEQ_DELAY59 [3:0]
WSEQ_DATA_START59 [3:0]
WSEQ_DATA59 [7:0]
R12408
(3078h)
WSEQ_Sequence_61
WSEQ_DATA_WIDTH60 [2:0]
WSEQ_ADDR60 [12:0]
0226F501h
WSEQ_DELAY60 [3:0]
WSEQ_DATA_START60 [3:0]
WSEQ_DATA60 [7:0]
R12410
(307Ah)
WSEQ_Sequence_62
WSEQ_DATA_WIDTH61 [2:0]
WSEQ_ADDR61 [12:0]
0000F000h
WSEQ_DELAY61 [3:0]
WSEQ_DATA_START61 [3:0]
WSEQ_DATA61 [7:0]
R12412
(307Ch)
WSEQ_Sequence_63
WSEQ_DATA_WIDTH62 [2:0]
WSEQ_ADDR62 [12:0]
0000F000h
WSEQ_DELAY62 [3:0]
WSEQ_DATA_START62 [3:0]
WSEQ_DATA62 [7:0]
R12414
(307Eh)
WSEQ_Sequence_64
WSEQ_DATA_WIDTH63 [2:0]
WSEQ_ADDR63 [12:0]
0000F000h
WSEQ_DELAY63 [3:0]
WSEQ_DATA_START63 [3:0]
WSEQ_DATA63 [7:0]
R12416
(3080h)
WSEQ_Sequence_65
WSEQ_DATA_WIDTH64 [2:0]
WSEQ_ADDR64 [12:0]
0000F000h
WSEQ_DELAY64 [3:0]
WSEQ_DATA_START64 [3:0]
WSEQ_DATA64 [7:0]
R12418
(3082h)
WSEQ_Sequence_66
WSEQ_DATA_WIDTH65 [2:0]
WSEQ_ADDR65 [12:0]
0000F000h
WSEQ_DELAY65 [3:0]
WSEQ_DATA_START65 [3:0]
WSEQ_DATA65 [7:0]
R12420
(3084h)
WSEQ_Sequence_67
WSEQ_DATA_WIDTH66 [2:0]
WSEQ_ADDR66 [12:0]
0000F000h
WSEQ_DELAY66 [3:0]
WSEQ_DATA_START66 [3:0]
WSEQ_DATA66 [7:0]
R12422
(3086h)
WSEQ_Sequence_68
WSEQ_DATA_WIDTH67 [2:0]
WSEQ_ADDR67 [12:0]
0000F000h
WSEQ_DELAY67 [3:0]
WSEQ_DATA_START67 [3:0]
WSEQ_DATA67 [7:0]
R12424
(3088h)
WSEQ_Sequence_69
WSEQ_DATA_WIDTH68 [2:0]
WSEQ_ADDR68 [12:0]
0000F000h
WSEQ_DELAY68 [3:0]
WSEQ_DATA_START68 [3:0]
WSEQ_DATA68 [7:0]
R12426
(308Ah)
WSEQ_Sequence_70
WSEQ_DATA_WIDTH69 [2:0]
WSEQ_ADDR69 [12:0]
0000F000h
WSEQ_DELAY69 [3:0]
WSEQ_DATA_START69 [3:0]
WSEQ_DATA69 [7:0]
R12428
(308Ch)
WSEQ_Sequence_71
WSEQ_DATA_WIDTH70 [2:0]
WSEQ_ADDR70 [12:0]
0000F000h
WSEQ_DELAY70 [3:0]
WSEQ_DATA_START70 [3:0]
WSEQ_DATA70 [7:0]
R12430
(308Eh)
WSEQ_Sequence_72
WSEQ_DATA_WIDTH71 [2:0]
WSEQ_ADDR71 [12:0]
02263A01h
WSEQ_DELAY71 [3:0]
WSEQ_DATA_START71 [3:0]
WSEQ_DATA71 [7:0]
R12432
(3090h)
WSEQ_Sequence_73
WSEQ_DATA_WIDTH72 [2:0]
WSEQ_ADDR72 [12:0]
C2261300h
WSEQ_DELAY72 [3:0]
WSEQ_DATA_START72 [3:0]
WSEQ_DATA72 [7:0]
R12434
(3092h)
WSEQ_Sequence_74
WSEQ_DATA_WIDTH73 [2:0]
WSEQ_ADDR73 [12:0]
02260B00h
WSEQ_DELAY73 [3:0]
WSEQ_DATA_START73 [3:0]
WSEQ_DATA73 [7:0]
R12436
(3094h)
WSEQ_Sequence_75
WSEQ_DATA_WIDTH74 [2:0]
WSEQ_ADDR74 [12:0]
0226FF01h
WSEQ_DELAY74 [3:0]
WSEQ_DATA_START74 [3:0]
WSEQ_DATA74 [7:0]
R12438
(3096h)
WSEQ_Sequence_76
WSEQ_DATA_WIDTH75 [2:0]
WSEQ_ADDR75 [12:0]
0000F000h
WSEQ_DELAY75 [3:0]
WSEQ_DATA_START75 [3:0]
WSEQ_DATA75 [7:0]
R12440
(3098h)
WSEQ_Sequence_77
WSEQ_DATA_WIDTH76 [2:0]
WSEQ_ADDR76 [12:0]
0000F000h
WSEQ_DELAY76 [3:0]
WSEQ_DATA_START76 [3:0]
WSEQ_DATA76 [7:0]
R12442
(309Ah)
WSEQ_Sequence_78
WSEQ_DATA_WIDTH77 [2:0]
WSEQ_ADDR77 [12:0]
0000F000h
WSEQ_DELAY77 [3:0]
WSEQ_DATA_START77 [3:0]
WSEQ_DATA77 [7:0]
R12444
(309Ch)
WSEQ_Sequence_79
WSEQ_DATA_WIDTH78 [2:0]
WSEQ_ADDR78 [12:0]
0000F000h
WSEQ_DELAY78 [3:0]
WSEQ_DATA_START78 [3:0]
WSEQ_DATA78 [7:0]
R12446
(309Eh)
WSEQ_Sequence_80
WSEQ_DATA_WIDTH79 [2:0]
WSEQ_ADDR79 [12:0]
0000F000h
WSEQ_DELAY79 [3:0]
WSEQ_DATA_START79 [3:0]
WSEQ_DATA79 [7:0]
R12448
(30A0h)
WSEQ_Sequence_81
WSEQ_DATA_WIDTH80 [2:0]
WSEQ_ADDR80 [12:0]
0000F000h
WSEQ_DELAY80 [3:0]
WSEQ_DATA_START80 [3:0]
WSEQ_DATA80 [7:0]
R12450
(30A2h)
WSEQ_Sequence_82
WSEQ_DATA_WIDTH81 [2:0]
WSEQ_ADDR81 [12:0]
0000F000h
WSEQ_DELAY81 [3:0]
WSEQ_DATA_START81 [3:0]
WSEQ_DATA81 [7:0]
R12452
(30A4h)
WSEQ_Sequence_83
WSEQ_DATA_WIDTH82 [2:0]
WSEQ_ADDR82 [12:0]
0000F000h
WSEQ_DELAY82 [3:0]
WSEQ_DATA_START82 [3:0]
WSEQ_DATA82 [7:0]
R12454
(30A6h)
WSEQ_Sequence_84
WSEQ_DATA_WIDTH83 [2:0]
WSEQ_ADDR83 [12:0]
0000F000h
WSEQ_DELAY83 [3:0]
WSEQ_DATA_START83 [3:0]
WSEQ_DATA83 [7:0]
R12456
(30A8h)
WSEQ_Sequence_85
WSEQ_DATA_WIDTH84 [2:0]
WSEQ_ADDR84 [12:0]
0000F000h
WSEQ_DELAY84 [3:0]
WSEQ_DATA_START84 [3:0]
WSEQ_DATA84 [7:0]
R12458
(30AAh)
WSEQ_Sequence_86
WSEQ_DATA_WIDTH85 [2:0]
WSEQ_ADDR85 [12:0]
026D0101h
WSEQ_DELAY85 [3:0]
WSEQ_DATA_START85 [3:0]
WSEQ_DATA85 [7:0]
R12460
(30ACh)
WSEQ_Sequence_87
WSEQ_DATA_WIDTH86 [2:0]
WSEQ_ADDR86 [12:0]
44B00004h
WSEQ_DELAY86 [3:0]
WSEQ_DATA_START86 [3:0]
WSEQ_DATA86 [7:0]
R12462
(30AEh)
WSEQ_Sequence_88
WSEQ_DATA_WIDTH87 [2:0]
WSEQ_ADDR87 [12:0]
04020701h
WSEQ_DELAY87 [3:0]
WSEQ_DATA_START87 [3:0]
WSEQ_DATA87 [7:0]
R12464
(30B0h)
WSEQ_Sequence_89
WSEQ_DATA_WIDTH88 [2:0]
WSEQ_ADDR88 [12:0]
04AE5801h
WSEQ_DELAY88 [3:0]
WSEQ_DATA_START88 [3:0]
WSEQ_DATA88 [7:0]
R12466
(30B2h)
WSEQ_Sequence_90
WSEQ_DATA_WIDTH89 [2:0]
WSEQ_ADDR89 [12:0]
A4AE201Fh
WSEQ_DELAY89 [3:0]
WSEQ_DATA_START89 [3:0]
WSEQ_DATA89 [7:0]
R12468
(30B4h)
WSEQ_Sequence_91
WSEQ_DATA_WIDTH90 [2:0]
WSEQ_ADDR90 [12:0]
A4AE201Fh
WSEQ_DELAY90 [3:0]
WSEQ_DATA_START90 [3:0]
WSEQ_DATA90 [7:0]
R12470
(30B6h)
WSEQ_Sequence_92
WSEQ_DATA_WIDTH91 [2:0]
WSEQ_ADDR91 [12:0]
A4AE301Dh
WSEQ_DELAY91 [3:0]
WSEQ_DATA_START91 [3:0]
WSEQ_DATA91 [7:0]
R12472
(30B8h)
WSEQ_Sequence_93
WSEQ_DATA_WIDTH92 [2:0]
WSEQ_ADDR92 [12:0]
A4AE203Ch
WSEQ_DELAY92 [3:0]
WSEQ_DATA_START92 [3:0]
WSEQ_DATA92 [7:0]
R12474
(30BAh)
WSEQ_Sequence_94
WSEQ_DATA_WIDTH93 [2:0]
WSEQ_ADDR93 [12:0]
A4AE303Ch
WSEQ_DELAY93 [3:0]
WSEQ_DATA_START93 [3:0]
WSEQ_DATA93 [7:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com