Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 271 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 271 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 267Page - Cirrus Logic CS47L35 Datasheet HTML 268Page - Cirrus Logic CS47L35 Datasheet HTML 269Page - Cirrus Logic CS47L35 Datasheet HTML 270Page - Cirrus Logic CS47L35 Datasheet HTML 271Page - Cirrus Logic CS47L35 Datasheet HTML 272Page - Cirrus Logic CS47L35 Datasheet HTML 273Page - Cirrus Logic CS47L35 Datasheet HTML 274Page - Cirrus Logic CS47L35 Datasheet HTML 275Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 300 page
background image
DS1085F3
271
CS47L35
6 Register Map
R12476
(30BCh)
WSEQ_Sequence_95
WSEQ_DATA_WIDTH94 [2:0]
WSEQ_ADDR94 [12:0]
026D4F01h
WSEQ_DELAY94 [3:0]
WSEQ_DATA_START94 [3:0]
WSEQ_DATA94 [7:0]
R12478
(30BEh)
WSEQ_Sequence_96
WSEQ_DATA_WIDTH95 [2:0]
WSEQ_ADDR95 [12:0]
026D0100h
WSEQ_DELAY95 [3:0]
WSEQ_DATA_START95 [3:0]
WSEQ_DATA95 [7:0]
R12480
(30C0h)
WSEQ_Sequence_97
WSEQ_DATA_WIDTH96 [2:0]
WSEQ_ADDR96 [12:0]
04B00200h
WSEQ_DELAY96 [3:0]
WSEQ_DATA_START96 [3:0]
WSEQ_DATA96 [7:0]
R12482
(30C2h)
WSEQ_Sequence_98
WSEQ_DATA_WIDTH97 [2:0]
WSEQ_ADDR97 [12:0]
04C7F101h
WSEQ_DELAY97 [3:0]
WSEQ_DATA_START97 [3:0]
WSEQ_DATA97 [7:0]
R12484
(30C4h)
WSEQ_Sequence_99
WSEQ_DATA_WIDTH98 [2:0]
WSEQ_ADDR98 [12:0]
0000F000h
WSEQ_DELAY98 [3:0]
WSEQ_DATA_START98 [3:0]
WSEQ_DATA98 [7:0]
R12486
(30C6h)
WSEQ_Sequence_100
WSEQ_DATA_WIDTH99 [2:0]
WSEQ_ADDR99 [12:0]
0000F000h
WSEQ_DELAY99 [3:0]
WSEQ_DATA_START99 [3:0]
WSEQ_DATA99 [7:0]
R12488
(30C8h)
WSEQ_Sequence_101
WSEQ_DATA_WIDTH100 [2:0]
WSEQ_ADDR100 [12:0]
0000F000h
WSEQ_DELAY100 [3:0]
WSEQ_DATA_START100 [3:0]
WSEQ_DATA100 [7:0]
R12490
(30CAh)
WSEQ_Sequence_102
WSEQ_DATA_WIDTH101 [2:0]
WSEQ_ADDR101 [12:0]
0000F000h
WSEQ_DELAY101 [3:0]
WSEQ_DATA_START101 [3:0]
WSEQ_DATA101 [7:0]
R12492
(30CCh)
WSEQ_Sequence_103
WSEQ_DATA_WIDTH102 [2:0]
WSEQ_ADDR102 [12:0]
0000F000h
WSEQ_DELAY102 [3:0]
WSEQ_DATA_START102 [3:0]
WSEQ_DATA102 [7:0]
R12494
(30CEh)
WSEQ_Sequence_104
WSEQ_DATA_WIDTH103 [2:0]
WSEQ_ADDR103 [12:0]
0000F000h
WSEQ_DELAY103 [3:0]
WSEQ_DATA_START103 [3:0]
WSEQ_DATA103 [7:0]
R12496
(30D0h)
WSEQ_Sequence_105
WSEQ_DATA_WIDTH104 [2:0]
WSEQ_ADDR104 [12:0]
0000F000h
WSEQ_DELAY104 [3:0]
WSEQ_DATA_START104 [3:0]
WSEQ_DATA104 [7:0]
R12498
(30D2h)
WSEQ_Sequence_106
WSEQ_DATA_WIDTH105 [2:0]
WSEQ_ADDR105 [12:0]
0000F000h
WSEQ_DELAY105 [3:0]
WSEQ_DATA_START105 [3:0]
WSEQ_DATA105 [7:0]
R12500
(30D4h)
WSEQ_Sequence_107
WSEQ_DATA_WIDTH106 [2:0]
WSEQ_ADDR106 [12:0]
0000F000h
WSEQ_DELAY106 [3:0]
WSEQ_DATA_START106 [3:0]
WSEQ_DATA106 [7:0]
R12502
(30D6h)
WSEQ_Sequence_108
WSEQ_DATA_WIDTH107 [2:0]
WSEQ_ADDR107 [12:0]
026D0101h
WSEQ_DELAY107 [3:0]
WSEQ_DATA_START107 [3:0]
WSEQ_DATA107 [7:0]
R12504
(30D8h)
WSEQ_Sequence_109
WSEQ_DATA_WIDTH108 [2:0]
WSEQ_ADDR108 [12:0]
A4AE101Dh
WSEQ_DELAY108 [3:0]
WSEQ_DATA_START108 [3:0]
WSEQ_DATA108 [7:0]
R12506
(30DAh)
WSEQ_Sequence_110
WSEQ_DATA_WIDTH109 [2:0]
WSEQ_ADDR109 [12:0]
A4AE0003h
WSEQ_DELAY109 [3:0]
WSEQ_DATA_START109 [3:0]
WSEQ_DATA109 [7:0]
R12508
(30DCh)
WSEQ_Sequence_111
WSEQ_DATA_WIDTH110 [2:0]
WSEQ_ADDR110 [12:0]
04AE1800h
WSEQ_DELAY110 [3:0]
WSEQ_DATA_START110 [3:0]
WSEQ_DATA110 [7:0]
R12510
(30DEh)
WSEQ_Sequence_112
WSEQ_DATA_WIDTH111 [2:0]
WSEQ_ADDR111 [12:0]
04024700h
WSEQ_DELAY111 [3:0]
WSEQ_DATA_START111 [3:0]
WSEQ_DATA111 [7:0]
R12512
(30E0h)
WSEQ_Sequence_113
WSEQ_DATA_WIDTH112 [2:0]
WSEQ_ADDR112 [12:0]
A4AE0003h
WSEQ_DELAY112 [3:0]
WSEQ_DATA_START112 [3:0]
WSEQ_DATA112 [7:0]
R12514
(30E2h)
WSEQ_Sequence_114
WSEQ_DATA_WIDTH113 [2:0]
WSEQ_ADDR113 [12:0]
026D0F00h
WSEQ_DELAY113 [3:0]
WSEQ_DATA_START113 [3:0]
WSEQ_DATA113 [7:0]
R12516
(30E4h)
WSEQ_Sequence_115
WSEQ_DATA_WIDTH114 [2:0]
WSEQ_ADDR114 [12:0]
04C7F301h
WSEQ_DELAY114 [3:0]
WSEQ_DATA_START114 [3:0]
WSEQ_DATA114 [7:0]
R12518
(30E6h)
WSEQ_Sequence_116
WSEQ_DATA_WIDTH115 [2:0]
WSEQ_ADDR115 [12:0]
0000F000h
WSEQ_DELAY115 [3:0]
WSEQ_DATA_START115 [3:0]
WSEQ_DATA115 [7:0]
R12520
(30E8h)
WSEQ_Sequence_117
WSEQ_DATA_WIDTH116 [2:0]
WSEQ_ADDR116 [12:0]
0000F000h
WSEQ_DELAY116 [3:0]
WSEQ_DATA_START116 [3:0]
WSEQ_DATA116 [7:0]
R12522
(30EAh)
WSEQ_Sequence_118
WSEQ_DATA_WIDTH117 [2:0]
WSEQ_ADDR117 [12:0]
0000F000h
WSEQ_DELAY117 [3:0]
WSEQ_DATA_START117 [3:0]
WSEQ_DATA117 [7:0]
R12524
(30ECh)
WSEQ_Sequence_119
WSEQ_DATA_WIDTH118 [2:0]
WSEQ_ADDR118 [12:0]
0000F000h
WSEQ_DELAY118 [3:0]
WSEQ_DATA_START118 [3:0]
WSEQ_DATA118 [7:0]
R12526
(30EEh)
WSEQ_Sequence_120
WSEQ_DATA_WIDTH119 [2:0]
WSEQ_ADDR119 [12:0]
0000F000h
WSEQ_DELAY119 [3:0]
WSEQ_DATA_START119 [3:0]
WSEQ_DATA119 [7:0]
R12528
(30F0h)
WSEQ_Sequence_121
WSEQ_DATA_WIDTH120 [2:0]
WSEQ_ADDR120 [12:0]
0000F000h
WSEQ_DELAY120 [3:0]
WSEQ_DATA_START120 [3:0]
WSEQ_DATA120 [7:0]
R12530
(30F2h)
WSEQ_Sequence_122
WSEQ_DATA_WIDTH121 [2:0]
WSEQ_ADDR121 [12:0]
0000F000h
WSEQ_DELAY121 [3:0]
WSEQ_DATA_START121 [3:0]
WSEQ_DATA121 [7:0]
R12532
(30F4h)
WSEQ_Sequence_123
WSEQ_DATA_WIDTH122 [2:0]
WSEQ_ADDR122 [12:0]
0000F000h
WSEQ_DELAY122 [3:0]
WSEQ_DATA_START122 [3:0]
WSEQ_DATA122 [7:0]
R12534
(30F6h)
WSEQ_Sequence_124
WSEQ_DATA_WIDTH123 [2:0]
WSEQ_ADDR123 [12:0]
0000F000h
WSEQ_DELAY123 [3:0]
WSEQ_DATA_START123 [3:0]
WSEQ_DATA123 [7:0]
R12536
(30F8h)
WSEQ_Sequence_125
WSEQ_DATA_WIDTH124 [2:0]
WSEQ_ADDR124 [12:0]
0000F000h
WSEQ_DELAY124 [3:0]
WSEQ_DATA_START124 [3:0]
WSEQ_DATA124 [7:0]
R12538
(30FAh)
WSEQ_Sequence_126
WSEQ_DATA_WIDTH125 [2:0]
WSEQ_ADDR125 [12:0]
0000F000h
WSEQ_DELAY125 [3:0]
WSEQ_DATA_START125 [3:0]
WSEQ_DATA125 [7:0]
R12540
(30FCh)
WSEQ_Sequence_127
WSEQ_DATA_WIDTH126 [2:0]
WSEQ_ADDR126 [12:0]
0000F000h
WSEQ_DELAY126 [3:0]
WSEQ_DATA_START126 [3:0]
WSEQ_DATA126 [7:0]
R12542
(30FEh)
WSEQ_Sequence_128
WSEQ_DATA_WIDTH127 [2:0]
WSEQ_ADDR127 [12:0]
0000F000h
WSEQ_DELAY127 [3:0]
WSEQ_DATA_START127 [3:0]
WSEQ_DATA127 [7:0]
R12544
(3100h)
WSEQ_Sequence_129
WSEQ_DATA_WIDTH128 [2:0]
WSEQ_ADDR128 [12:0]
00000000h
WSEQ_DELAY128 [3:0]
WSEQ_DATA_START128 [3:0]
WSEQ_DATA128 [7:0]
R12546
(3102h)
WSEQ_Sequence_130
WSEQ_DATA_WIDTH129 [2:0]
WSEQ_ADDR129 [12:0]
00000000h
WSEQ_DELAY129 [3:0]
WSEQ_DATA_START129 [3:0]
WSEQ_DATA129 [7:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com