Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 274 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 274 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 270Page - Cirrus Logic CS47L35 Datasheet HTML 271Page - Cirrus Logic CS47L35 Datasheet HTML 272Page - Cirrus Logic CS47L35 Datasheet HTML 273Page - Cirrus Logic CS47L35 Datasheet HTML 274Page - Cirrus Logic CS47L35 Datasheet HTML 275Page - Cirrus Logic CS47L35 Datasheet HTML 276Page - Cirrus Logic CS47L35 Datasheet HTML 277Page - Cirrus Logic CS47L35 Datasheet HTML 278Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 300 page
background image
274
DS1085F3
CS47L35
6 Register Map
R12692
(3194h)
WSEQ_Sequence_203
WSEQ_DATA_WIDTH202 [2:0]
WSEQ_ADDR202 [12:0]
00000000h
WSEQ_DELAY202 [3:0]
WSEQ_DATA_START202 [3:0]
WSEQ_DATA202 [7:0]
R12694
(3196h)
WSEQ_Sequence_204
WSEQ_DATA_WIDTH203 [2:0]
WSEQ_ADDR203 [12:0]
00000000h
WSEQ_DELAY203 [3:0]
WSEQ_DATA_START203 [3:0]
WSEQ_DATA203 [7:0]
R12696
(3198h)
WSEQ_Sequence_205
WSEQ_DATA_WIDTH204 [2:0]
WSEQ_ADDR204 [12:0]
00000000h
WSEQ_DELAY204 [3:0]
WSEQ_DATA_START204 [3:0]
WSEQ_DATA204 [7:0]
R12698
(319Ah)
WSEQ_Sequence_206
WSEQ_DATA_WIDTH205 [2:0]
WSEQ_ADDR205 [12:0]
00000000h
WSEQ_DELAY205 [3:0]
WSEQ_DATA_START205 [3:0]
WSEQ_DATA205 [7:0]
R12700
(319Ch)
WSEQ_Sequence_207
WSEQ_DATA_WIDTH206 [2:0]
WSEQ_ADDR206 [12:0]
00000000h
WSEQ_DELAY206 [3:0]
WSEQ_DATA_START206 [3:0]
WSEQ_DATA206 [7:0]
R12702
(319Eh)
WSEQ_Sequence_208
WSEQ_DATA_WIDTH207 [2:0]
WSEQ_ADDR207 [12:0]
00000000h
WSEQ_DELAY207 [3:0]
WSEQ_DATA_START207 [3:0]
WSEQ_DATA207 [7:0]
R12704
(31A0h)
WSEQ_Sequence_209
WSEQ_DATA_WIDTH208 [2:0]
WSEQ_ADDR208 [12:0]
00000000h
WSEQ_DELAY208 [3:0]
WSEQ_DATA_START208 [3:0]
WSEQ_DATA208 [7:0]
R12706
(31A2h)
WSEQ_Sequence_210
WSEQ_DATA_WIDTH209 [2:0]
WSEQ_ADDR209 [12:0]
00000000h
WSEQ_DELAY209 [3:0]
WSEQ_DATA_START209 [3:0]
WSEQ_DATA209 [7:0]
R12708
(31A4h)
WSEQ_Sequence_211
WSEQ_DATA_WIDTH210 [2:0]
WSEQ_ADDR210 [12:0]
00000000h
WSEQ_DELAY210 [3:0]
WSEQ_DATA_START210 [3:0]
WSEQ_DATA210 [7:0]
R12710
(31A6h)
WSEQ_Sequence_212
WSEQ_DATA_WIDTH211 [2:0]
WSEQ_ADDR211 [12:0]
00000000h
WSEQ_DELAY211 [3:0]
WSEQ_DATA_START211 [3:0]
WSEQ_DATA211 [7:0]
R12712
(31A8h)
WSEQ_Sequence_213
WSEQ_DATA_WIDTH212 [2:0]
WSEQ_ADDR212 [12:0]
00000000h
WSEQ_DELAY212 [3:0]
WSEQ_DATA_START212 [3:0]
WSEQ_DATA212 [7:0]
R12714
(31AAh)
WSEQ_Sequence_214
WSEQ_DATA_WIDTH213 [2:0]
WSEQ_ADDR213 [12:0]
00000000h
WSEQ_DELAY213 [3:0]
WSEQ_DATA_START213 [3:0]
WSEQ_DATA213 [7:0]
R12716
(31ACh)
WSEQ_Sequence_215
WSEQ_DATA_WIDTH214 [2:0]
WSEQ_ADDR214 [12:0]
00000000h
WSEQ_DELAY214 [3:0]
WSEQ_DATA_START214 [3:0]
WSEQ_DATA214 [7:0]
R12718
(31AEh)
WSEQ_Sequence_216
WSEQ_DATA_WIDTH215 [2:0]
WSEQ_ADDR215 [12:0]
00000000h
WSEQ_DELAY215 [3:0]
WSEQ_DATA_START215 [3:0]
WSEQ_DATA215 [7:0]
R12720
(31B0h)
WSEQ_Sequence_217
WSEQ_DATA_WIDTH216 [2:0]
WSEQ_ADDR216 [12:0]
00000000h
WSEQ_DELAY216 [3:0]
WSEQ_DATA_START216 [3:0]
WSEQ_DATA216 [7:0]
R12722
(31B2h)
WSEQ_Sequence_218
WSEQ_DATA_WIDTH217 [2:0]
WSEQ_ADDR217 [12:0]
00000000h
WSEQ_DELAY217 [3:0]
WSEQ_DATA_START217 [3:0]
WSEQ_DATA217 [7:0]
R12724
(31B4h)
WSEQ_Sequence_219
WSEQ_DATA_WIDTH218 [2:0]
WSEQ_ADDR218 [12:0]
00000000h
WSEQ_DELAY218 [3:0]
WSEQ_DATA_START218 [3:0]
WSEQ_DATA218 [7:0]
R12726
(31B6h)
WSEQ_Sequence_220
WSEQ_DATA_WIDTH219 [2:0]
WSEQ_ADDR219 [12:0]
00000000h
WSEQ_DELAY219 [3:0]
WSEQ_DATA_START219 [3:0]
WSEQ_DATA219 [7:0]
R12728
(31B8h)
WSEQ_Sequence_221
WSEQ_DATA_WIDTH220 [2:0]
WSEQ_ADDR220 [12:0]
00000000h
WSEQ_DELAY220 [3:0]
WSEQ_DATA_START220 [3:0]
WSEQ_DATA220 [7:0]
R12730
(31BAh)
WSEQ_Sequence_222
WSEQ_DATA_WIDTH221 [2:0]
WSEQ_ADDR221 [12:0]
00000000h
WSEQ_DELAY221 [3:0]
WSEQ_DATA_START221 [3:0]
WSEQ_DATA221 [7:0]
R12732
(31BCh)
WSEQ_Sequence_223
WSEQ_DATA_WIDTH222 [2:0]
WSEQ_ADDR222 [12:0]
00000000h
WSEQ_DELAY222 [3:0]
WSEQ_DATA_START222 [3:0]
WSEQ_DATA222 [7:0]
R12734
(31BEh)
WSEQ_Sequence_224
WSEQ_DATA_WIDTH223 [2:0]
WSEQ_ADDR223 [12:0]
00000000h
WSEQ_DELAY223 [3:0]
WSEQ_DATA_START223 [3:0]
WSEQ_DATA223 [7:0]
R12736
(31C0h)
WSEQ_Sequence_225
WSEQ_DATA_WIDTH224 [2:0]
WSEQ_ADDR224 [12:0]
FFFFFFFFh
WSEQ_DELAY224 [3:0]
WSEQ_DATA_START224 [3:0]
WSEQ_DATA224 [7:0]
R12738
(31C2h)
WSEQ_Sequence_226
WSEQ_DATA_WIDTH225 [2:0]
WSEQ_ADDR225 [12:0]
FFFFFFFFh
WSEQ_DELAY225 [3:0]
WSEQ_DATA_START225 [3:0]
WSEQ_DATA225 [7:0]
R12740
(31C4h)
WSEQ_Sequence_227
WSEQ_DATA_WIDTH226 [2:0]
WSEQ_ADDR226 [12:0]
FFFFFFFFh
WSEQ_DELAY226 [3:0]
WSEQ_DATA_START226 [3:0]
WSEQ_DATA226 [7:0]
R12742
(31C6h)
WSEQ_Sequence_228
WSEQ_DATA_WIDTH227 [2:0]
WSEQ_ADDR227 [12:0]
FFFFFFFFh
WSEQ_DELAY227 [3:0]
WSEQ_DATA_START227 [3:0]
WSEQ_DATA227 [7:0]
R12744
(31C8h)
WSEQ_Sequence_229
WSEQ_DATA_WIDTH228 [2:0]
WSEQ_ADDR228 [12:0]
FFFFFFFFh
WSEQ_DELAY228 [3:0]
WSEQ_DATA_START228 [3:0]
WSEQ_DATA228 [7:0]
R12746
(31CAh)
WSEQ_Sequence_230
WSEQ_DATA_WIDTH229 [2:0]
WSEQ_ADDR229 [12:0]
FFFFFFFFh
WSEQ_DELAY229 [3:0]
WSEQ_DATA_START229 [3:0]
WSEQ_DATA229 [7:0]
R12748
(31CCh)
WSEQ_Sequence_231
WSEQ_DATA_WIDTH230 [2:0]
WSEQ_ADDR230 [12:0]
FFFFFFFFh
WSEQ_DELAY230 [3:0]
WSEQ_DATA_START230 [3:0]
WSEQ_DATA230 [7:0]
R12750
(31CEh)
WSEQ_Sequence_232
WSEQ_DATA_WIDTH231 [2:0]
WSEQ_ADDR231 [12:0]
FFFFFFFFh
WSEQ_DELAY231 [3:0]
WSEQ_DATA_START231 [3:0]
WSEQ_DATA231 [7:0]
R12752
(31D0h)
WSEQ_Sequence_233
WSEQ_DATA_WIDTH232 [2:0]
WSEQ_ADDR232 [12:0]
FFFFFFFFh
WSEQ_DELAY232 [3:0]
WSEQ_DATA_START232 [3:0]
WSEQ_DATA232 [7:0]
R12754
(31D2h)
WSEQ_Sequence_234
WSEQ_DATA_WIDTH233 [2:0]
WSEQ_ADDR233 [12:0]
FFFFFFFFh
WSEQ_DELAY233 [3:0]
WSEQ_DATA_START233 [3:0]
WSEQ_DATA233 [7:0]
R12756
(31D4h)
WSEQ_Sequence_235
WSEQ_DATA_WIDTH234 [2:0]
WSEQ_ADDR234 [12:0]
FFFFFFFFh
WSEQ_DELAY234 [3:0]
WSEQ_DATA_START234 [3:0]
WSEQ_DATA234 [7:0]
R12758
(31D6h)
WSEQ_Sequence_236
WSEQ_DATA_WIDTH235 [2:0]
WSEQ_ADDR235 [12:0]
FFFFFFFFh
WSEQ_DELAY235 [3:0]
WSEQ_DATA_START235 [3:0]
WSEQ_DATA235 [7:0]
R12760
(31D8h)
WSEQ_Sequence_237
WSEQ_DATA_WIDTH236 [2:0]
WSEQ_ADDR236 [12:0]
FFFFFFFFh
WSEQ_DELAY236 [3:0]
WSEQ_DATA_START236 [3:0]
WSEQ_DATA236 [7:0]
R12762
(31DAh)
WSEQ_Sequence_238
WSEQ_DATA_WIDTH237 [2:0]
WSEQ_ADDR237 [12:0]
FFFFFFFFh
WSEQ_DELAY237 [3:0]
WSEQ_DATA_START237 [3:0]
WSEQ_DATA237 [7:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com