Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 264 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 264 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 260Page - Cirrus Logic CS47L35 Datasheet HTML 261Page - Cirrus Logic CS47L35 Datasheet HTML 262Page - Cirrus Logic CS47L35 Datasheet HTML 263Page - Cirrus Logic CS47L35 Datasheet HTML 264Page - Cirrus Logic CS47L35 Datasheet HTML 265Page - Cirrus Logic CS47L35 Datasheet HTML 266Page - Cirrus Logic CS47L35 Datasheet HTML 267Page - Cirrus Logic CS47L35 Datasheet HTML 268Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 300 page
background image
264
DS1085F3
CS47L35
6 Register Map
R5917
(171Dh)
GPIO15_CTRL_2
GP15_DIR GP15_PU GP15_PD GP15_
DRV_STR
0
000
00
000
000
F000h
R5918
(171Eh)
GPIO16_CTRL_1
GP16_LVL GP16_
OP_CFG
GP16_DB GP16_
POL
0
0
0
GP16_FN [8:0]
2001h
R5919
(171Fh)
GPIO16_CTRL_2
GP16_DIR GP16_PU GP16_PD GP16_
DRV_STR
0
000
00
000
000
F000h
R6144
(1800h)
IRQ1_Status_1
DSP_
SHARED_
WR_
COLL_
EINT1
00
CTRLIF_
ERR_
EINT1
0
0
SYSCLK_
FAIL_
EINT1
0
BOOT_
DONE_
EINT1
0
000
000
0000h
R6145
(1801h)
IRQ1_Status_2
00
000
00
FLL1_
LOCK_
EINT1
00
000
000
0000h
R6149
(1805h)
IRQ1_Status_6
00
000
00
MICDET_
EINT1
00
000
00
HPDET_
EINT1
0000h
R6150
(1806h)
IRQ1_Status_7
00
000
000
00
MICD_
CLAMP_
FALL_
EINT1
MICD_
CLAMP_
RISE_
EINT1
JD2_
FALL_
EINT1
JD2_
RISE_
EINT1
JD1_
FALL_
EINT1
JD1_
RISE_
EINT1
0000h
R6152
(1808h)
IRQ1_Status_9
00
000
000
00
000
0
DRC2_
SIG_DET_
EINT1
DRC1_
SIG_DET_
EINT1
0000h
R6154
(180Ah)
IRQ1_Status_11
DSP_
IRQ16_
EINT1
DSP_
IRQ15_
EINT1
DSP_
IRQ14_
EINT1
DSP_
IRQ13_
EINT1
DSP_
IRQ12_
EINT1
DSP_
IRQ11_
EINT1
DSP_
IRQ10_
EINT1
DSP_
IRQ9_
EINT1
DSP_
IRQ8_
EINT1
DSP_
IRQ7_
EINT1
DSP_
IRQ6_
EINT1
DSP_
IRQ5_
EINT1
DSP_
IRQ4_
EINT1
DSP_
IRQ3_
EINT1
DSP_
IRQ2_
EINT1
DSP_
IRQ1_
EINT1
0000h
R6155
(180Bh)
IRQ1_Status_12
00
000
000
0
SPKOUTL
_SC_
EINT1
00
HP2R_
SC_EINT1
HP2L_SC_
EINT1
HP1R_
SC_EINT1
HP1L_SC_
EINT1
0000h
R6156
(180Ch)
IRQ1_Status_13
00
000
000
0
SPKOUTL
_ENABLE_
DONE_
EINT1
000
0
HP1R_
ENABLE_
DONE_
EINT1
HP1L_
ENABLE_
DONE_
EINT1
0000h
R6157
(180Dh)
IRQ1_Status_14
00
000
000
0
SPKOUTL
_
DISABLE_
DONE_
EINT1
000
0
HP1R_
DISABLE_
DONE_
EINT1
HP1L_
DISABLE_
DONE_
EINT1
0000h
R6158
(180Eh)
IRQ1_Status_15
0
0
0
0
0
0
0
0
0
0
0
0
0
SPK_
OVERHEA
T_WARN_
EINT1
SPK_
OVERHEA
T_EINT1
SPK_
SHUTDO
WN_EINT1
0000h
R6160
(1810h)
IRQ1_Status_17
GPIO16_
EINT1
GPIO15_
EINT1
GPIO14_
EINT1
GPIO13_
EINT1
GPIO12_
EINT1
GPIO11_
EINT1
GPIO10_
EINT1
GPIO9_
EINT1
GPIO8_
EINT1
GPIO7_
EINT1
GPIO6_
EINT1
GPIO5_
EINT1
GPIO4_
EINT1
GPIO3_
EINT1
GPIO2_
EINT1
GPIO1_
EINT1
0000h
R6164
(1814h)
IRQ1_Status_21
00
000
000
00
00
TIMER4_
EINT1
TIMER3_
EINT1
TIMER2_
EINT1
TIMER1_
EINT1
0000h
R6165
(1815h)
IRQ1_Status_22
00
000
000
00
00
EVENT4_
NOT_
EMPTY_
EINT1
EVENT3_
NOT_
EMPTY_
EINT1
EVENT2_
NOT_
EMPTY_
EINT1
EVENT1_
NOT_
EMPTY_
EINT1
0000h
R6166
(1816h)
IRQ1_Status_23
00
000
000
00
00
EVENT4_
FULL_
EINT1
EVENT3_
FULL_
EINT1
EVENT2_
FULL_
EINT1
EVENT1_
FULL_
EINT1
0000h
R6167
(1817h)
IRQ1_Status_24
00
000
000
00
00
EVENT4_
WMARK_
EINT1
EVENT3_
WMARK_
EINT1
EVENT2_
WMARK_
EINT1
EVENT1_
WMARK_
EINT1
0000h
R6168
(1818h)
IRQ1_Status_25
00
000
000
00
000
DSP3_
DMA_
EINT1
DSP2_
DMA_
EINT1
DSP1_
DMA_
EINT1
0000h
R6170
(181Ah)
IRQ1_Status_27
00
000
000
00
000
DSP3_
START1_
EINT1
DSP2_
START1_
EINT1
DSP1_
START1_
EINT1
0000h
R6171
(181Bh)
IRQ1_Status_28
00
000
000
00
000
DSP3_
START2_
EINT1
DSP2_
START2_
EINT1
DSP1_
START2_
EINT1
0000h
R6173
(181Dh)
IRQ1_Status_30
00
000
000
00
000
DSP3_
BUSY_
EINT1
DSP2_
BUSY_
EINT1
DSP1_
BUSY_
EINT1
0000h
R6174
(181Eh)
IRQ1_Status_31
00
000
000
00
000
00
MIF1_
DONE_
EINT1
0000h
R6175
(181Fh)
IRQ1_Status_32
00
000
000
00
000
00
MIF1_
BLOCK_
EINT1
0000h
R6208
(1840h)
IRQ1_Mask_1
IM_DSP_
SHARED_
WR_
COLL_
EINT1
00
IM_
CTRLIF_
ERR_
EINT1
00
IM_
SYSCLK_
FAIL_
EINT1
1IM_BOOT_
DONE_
EINT1
0
000
000
9300h
R6209
(1841h)
IRQ1_Mask_2
00
000
00
IM_FLL1_
LOCK_
EINT1
00
000
000
0100h
R6213
(1845h)
IRQ1_Mask_6
00
000
00
IM_
MICDET_
EINT1
00
000
00
IM_
HPDET_
EINT1
0101h
R6214
(1846h)
IRQ1_Mask_7
00
000
000
00
IM_MICD_
CLAMP_
FALL_
EINT1
IM_MICD_
CLAMP_
RISE_
EINT1
IM_JD2_
FALL_
EINT1
IM_JD2_
RISE_
EINT1
IM_JD1_
FALL_
EINT1
IM_JD1_
RISE_
EINT1
003Fh
R6216
(1848h)
IRQ1_Mask_9
00
000
000
00
000
0
IM_DRC2_
SIG_DET_
EINT1
IM_DRC1_
SIG_DET_
EINT1
0003h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com