Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 260 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 260 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 256Page - Cirrus Logic CS47L35 Datasheet HTML 257Page - Cirrus Logic CS47L35 Datasheet HTML 258Page - Cirrus Logic CS47L35 Datasheet HTML 259Page - Cirrus Logic CS47L35 Datasheet HTML 260Page - Cirrus Logic CS47L35 Datasheet HTML 261Page - Cirrus Logic CS47L35 Datasheet HTML 262Page - Cirrus Logic CS47L35 Datasheet HTML 263Page - Cirrus Logic CS47L35 Datasheet HTML 264Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 300 page
background image
260
DS1085F3
CS47L35
6 Register Map
R3613
(E1Dh)
EQ1_14
EQ1_B4_A [15:0]
16F8h
R3614
(E1Eh)
EQ1_15
EQ1_B4_B [15:0]
F7D9h
R3615
(E1Fh)
EQ1_16
EQ1_B4_C [15:0]
040Ah
R3616
(E20h)
EQ1_17
EQ1_B4_PG [15:0]
1F14h
R3617
(E21h)
EQ1_18
EQ1_B5_A [15:0]
058Ch
R3618
(E22h)
EQ1_19
EQ1_B5_B [15:0]
0563h
R3619
(E23h)
EQ1_20
EQ1_B5_PG [15:0]
4000h
R3620
(E24h)
EQ1_21
EQ1_B1_C [15:0]
0B75h
R3622
(E26h)
EQ2_1
EQ2_B1_GAIN [4:0]
EQ2_B2_GAIN [4:0]
EQ2_B3_GAIN [4:0]
EQ2_ENA
6318h
R3623
(E27h)
EQ2_2
EQ2_B4_GAIN [4:0]
EQ2_B5_GAIN [4:0]
0
0
0
0
0
EQ2_B1_
MODE
6300h
R3624
(E28h)
EQ2_3
EQ2_B1_A [15:0]
0FC8h
R3625
(E29h)
EQ2_4
EQ2_B1_B [15:0]
03FEh
R3626
(E2Ah)
EQ2_5
EQ2_B1_PG [15:0]
00E0h
R3627
(E2Bh)
EQ2_6
EQ2_B2_A [15:0]
1EC4h
R3628
(E2Ch)
EQ2_7
EQ2_B2_B [15:0]
F136h
R3629
(E2Dh)
EQ2_8
EQ2_B2_C [15:0]
0409h
R3630
(E2Eh)
EQ2_9
EQ2_B2_PG [15:0]
04CCh
R3631
(E2Fh)
EQ2_10
EQ2_B3_A [15:0]
1C9Bh
R3632
(E30h)
EQ2_11
EQ2_B3_B [15:0]
F337h
R3633
(E31h)
EQ2_12
EQ2_B3_C [15:0]
040Bh
R3634
(E32h)
EQ2_13
EQ2_B3_PG [15:0]
0CBBh
R3635
(E33h)
EQ2_14
EQ2_B4_A [15:0]
16F8h
R3636
(E34h)
EQ2_15
EQ2_B4_B [15:0]
F7D9h
R3637
(E35h)
EQ2_16
EQ2_B4_C [15:0]
040Ah
R3638
(E36h)
EQ2_17
EQ2_B4_PG [15:0]
1F14h
R3639
(E37h)
EQ2_18
EQ2_B5_A [15:0]
058Ch
R3640
(E38h)
EQ2_19
EQ2_B5_B [15:0]
0563h
R3641
(E39h)
EQ2_20
EQ2_B5_PG [15:0]
4000h
R3642
(E3Ah)
EQ2_21
EQ2_B1_C [15:0]
0B75h
R3644
(E3Ch)
EQ3_1
EQ3_B1_GAIN [4:0]
EQ3_B2_GAIN [4:0]
EQ3_B3_GAIN [4:0]
EQ3_ENA
6318h
R3645
(E3Dh)
EQ3_2
EQ3_B4_GAIN [4:0]
EQ3_B5_GAIN [4:0]
0
0
0
0
0
EQ3_B1_
MODE
6300h
R3646
(E3Eh)
EQ3_3
EQ3_B1_A [15:0]
0FC8h
R3647
(E3Fh)
EQ3_4
EQ3_B1_B [15:0]
03FEh
R3648
(E40h)
EQ3_5
EQ3_B1_PG [15:0]
00E0h
R3649
(E41h)
EQ3_6
EQ3_B2_A [15:0]
1EC4h
R3650
(E42h)
EQ3_7
EQ3_B2_B [15:0]
F136h
R3651
(E43h)
EQ3_8
EQ3_B2_C [15:0]
0409h
R3652
(E44h)
EQ3_9
EQ3_B2_PG [15:0]
04CCh
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com