Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 258 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 258 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 254Page - Cirrus Logic CS47L35 Datasheet HTML 255Page - Cirrus Logic CS47L35 Datasheet HTML 256Page - Cirrus Logic CS47L35 Datasheet HTML 257Page - Cirrus Logic CS47L35 Datasheet HTML 258Page - Cirrus Logic CS47L35 Datasheet HTML 259Page - Cirrus Logic CS47L35 Datasheet HTML 260Page - Cirrus Logic CS47L35 Datasheet HTML 261Page - Cirrus Logic CS47L35 Datasheet HTML 262Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 300 page
background image
258
DS1085F3
CS47L35
6 Register Map
R2424
(978h)
DSP1AUX6MIX_Input_
1_Source
DSP1AUX
6MIX_STS
0
000
000
DSP1AUX6_SRC [7:0]
0000h
R2432
(980h)
DSP2LMIX_Input_1_
Source
DSP2LMIX
_STS1
0
000
000
DSP2LMIX_SRC1 [7:0]
0000h
R2433
(981h)
DSP2LMIX_Input_1_
Volume
00
000
000
DSP2LMIX_VOL1 [6:0]
0
0080h
R2434
(982h)
DSP2LMIX_Input_2_
Source
DSP2LMIX
_STS2
0
000
000
DSP2LMIX_SRC2 [7:0]
0000h
R2435
(983h)
DSP2LMIX_Input_2_
Volume
00
000
000
DSP2LMIX_VOL2 [6:0]
0
0080h
R2436
(984h)
DSP2LMIX_Input_3_
Source
DSP2LMIX
_STS3
0
000
000
DSP2LMIX_SRC3 [7:0]
0000h
R2437
(985h)
DSP2LMIX_Input_3_
Volume
00
000
000
DSP2LMIX_VOL3 [6:0]
0
0080h
R2438
(986h)
DSP2LMIX_Input_4_
Source
DSP2LMIX
_STS4
0
000
000
DSP2LMIX_SRC4 [7:0]
0000h
R2439
(987h)
DSP2LMIX_Input_4_
Volume
00
000
000
DSP2LMIX_VOL4 [6:0]
0
0080h
R2440
(988h)
DSP2RMIX_Input_1_
Source
DSP2RMI
X_STS1
0
000
000
DSP2RMIX_SRC1 [7:0]
0000h
R2441
(989h)
DSP2RMIX_Input_1_
Volume
00
000
000
DSP2RMIX_VOL1 [6:0]
0
0080h
R2442
(98Ah)
DSP2RMIX_Input_2_
Source
DSP2RMI
X_STS2
0
000
000
DSP2RMIX_SRC2 [7:0]
0000h
R2443
(98Bh)
DSP2RMIX_Input_2_
Volume
00
000
000
DSP2RMIX_VOL2 [6:0]
0
0080h
R2444
(98Ch)
DSP2RMIX_Input_3_
Source
DSP2RMI
X_STS3
0
000
000
DSP2RMIX_SRC3 [7:0]
0000h
R2445
(98Dh)
DSP2RMIX_Input_3_
Volume
00
000
000
DSP2RMIX_VOL3 [6:0]
0
0080h
R2446
(98Eh)
DSP2RMIX_Input_4_
Source
DSP2RMI
X_STS4
0
000
000
DSP2RMIX_SRC4 [7:0]
0000h
R2447
(98Fh)
DSP2RMIX_Input_4_
Volume
00
000
000
DSP2RMIX_VOL4 [6:0]
0
0080h
R2448
(990h)
DSP2AUX1MIX_Input_
1_Source
DSP2AUX
1MIX_STS
0
000
000
DSP2AUX1_SRC [7:0]
0000h
R2456
(998h)
DSP2AUX2MIX_Input_
1_Source
DSP2AUX
2MIX_STS
0
000
000
DSP2AUX2_SRC [7:0]
0000h
R2464
(9A0h)
DSP2AUX3MIX_Input_
1_Source
DSP2AUX
3MIX_STS
0
000
000
DSP2AUX3_SRC [7:0]
0000h
R2472
(9A8h)
DSP2AUX4MIX_Input_
1_Source
DSP2AUX
4MIX_STS
0
000
000
DSP2AUX4_SRC [7:0]
0000h
R2480
(9B0h)
DSP2AUX5MIX_Input_
1_Source
DSP2AUX
5MIX_STS
0
000
000
DSP2AUX5_SRC [7:0]
0000h
R2488
(9B8h)
DSP2AUX6MIX_Input_
1_Source
DSP2AUX
6MIX_STS
0
000
000
DSP2AUX6_SRC [7:0]
0000h
R2496
(9C0h)
DSP3LMIX_Input_1_
Source
DSP3LMIX
_STS1
0
000
000
DSP3LMIX_SRC1 [7:0]
0000h
R2497
(9C1h)
DSP3LMIX_Input_1_
Volume
00
000
000
DSP3LMIX_VOL1 [6:0]
0
0080h
R2498
(9C2h)
DSP3LMIX_Input_2_
Source
DSP3LMIX
_STS2
0
000
000
DSP3LMIX_SRC2 [7:0]
0000h
R2499
(9C3h)
DSP3LMIX_Input_2_
Volume
00
000
000
DSP3LMIX_VOL2 [6:0]
0
0080h
R2500
(9C4h)
DSP3LMIX_Input_3_
Source
DSP3LMIX
_STS3
0
000
000
DSP3LMIX_SRC3 [7:0]
0000h
R2501
(9C5h)
DSP3LMIX_Input_3_
Volume
00
000
000
DSP3LMIX_VOL3 [6:0]
0
0080h
R2502
(9C6h)
DSP3LMIX_Input_4_
Source
DSP3LMIX
_STS4
0
000
000
DSP3LMIX_SRC4 [7:0]
0000h
R2503
(9C7h)
DSP3LMIX_Input_4_
Volume
00
000
000
DSP3LMIX_VOL4 [6:0]
0
0080h
R2504
(9C8h)
DSP3RMIX_Input_1_
Source
DSP3RMI
X_STS1
0
000
000
DSP3RMIX_SRC1 [7:0]
0000h
R2505
(9C9h)
DSP3RMIX_Input_1_
Volume
00
000
000
DSP3RMIX_VOL1 [6:0]
0
0080h
R2506
(9CAh)
DSP3RMIX_Input_2_
Source
DSP3RMI
X_STS2
0
000
000
DSP3RMIX_SRC2 [7:0]
0000h
R2507
(9CBh)
DSP3RMIX_Input_2_
Volume
00
000
000
DSP3RMIX_VOL2 [6:0]
0
0080h
R2508
(9CCh)
DSP3RMIX_Input_3_
Source
DSP3RMI
X_STS3
0
000
000
DSP3RMIX_SRC3 [7:0]
0000h
R2509
(9CDh)
DSP3RMIX_Input_3_
Volume
00
000
000
DSP3RMIX_VOL3 [6:0]
0
0080h
R2510
(9CEh)
DSP3RMIX_Input_4_
Source
DSP3RMI
X_STS4
0
000
000
DSP3RMIX_SRC4 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com