Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 259 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 259 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 255Page - Cirrus Logic CS47L35 Datasheet HTML 256Page - Cirrus Logic CS47L35 Datasheet HTML 257Page - Cirrus Logic CS47L35 Datasheet HTML 258Page - Cirrus Logic CS47L35 Datasheet HTML 259Page - Cirrus Logic CS47L35 Datasheet HTML 260Page - Cirrus Logic CS47L35 Datasheet HTML 261Page - Cirrus Logic CS47L35 Datasheet HTML 262Page - Cirrus Logic CS47L35 Datasheet HTML 263Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 300 page
background image
DS1085F3
259
CS47L35
6 Register Map
R2511
(9CFh)
DSP3RMIX_Input_4_
Volume
00
000
000
DSP3RMIX_VOL4 [6:0]
0
0080h
R2512
(9D0h)
DSP3AUX1MIX_Input_
1_Source
DSP3AUX
1MIX_STS
0
000
000
DSP3AUX1_SRC [7:0]
0000h
R2520
(9D8h)
DSP3AUX2MIX_Input_
1_Source
DSP3AUX
2MIX_STS
0
000
000
DSP3AUX2_SRC [7:0]
0000h
R2528
(9E0h)
DSP3AUX3MIX_Input_
1_Source
DSP3AUX
3MIX_STS
0
000
000
DSP3AUX3_SRC [7:0]
0000h
R2536
(9E8h)
DSP3AUX4MIX_Input_
1_Source
DSP3AUX
4MIX_STS
0
000
000
DSP3AUX4_SRC [7:0]
0000h
R2544
(9F0h)
DSP3AUX5MIX_Input_
1_Source
DSP3AUX
5MIX_STS
0
000
000
DSP3AUX5_SRC [7:0]
0000h
R2552
(9F8h)
DSP3AUX6MIX_Input_
1_Source
DSP3AUX
6MIX_STS
0
000
000
DSP3AUX6_SRC [7:0]
0000h
R2816
(B00h)
ISRC1DEC1MIX_Input_
1_Source
ISRC1DEC
1MIX_STS
0
0
0
0
0
0
0
ISRC1DEC1_SRC [7:0]
0000h
R2824
(B08h)
ISRC1DEC2MIX_Input_
1_Source
ISRC1DEC
2MIX_STS
0
0
0
0
0
0
0
ISRC1DEC2_SRC [7:0]
0000h
R2832
(B10h)
ISRC1DEC3MIX_Input_
1_Source
ISRC1DEC
3MIX_STS
0
0
0
0
0
0
0
ISRC1DEC3_SRC [7:0]
0000h
R2840
(B18h)
ISRC1DEC4MIX_Input_
1_Source
ISRC1DEC
4MIX_STS
0
0
0
0
0
0
0
ISRC1DEC4_SRC [7:0]
0000h
R2848
(B20h)
ISRC1INT1MIX_Input_
1_Source
ISRC1INT
1MIX_STS
0
0
0
0
0
0
0
ISRC1INT1_SRC [7:0]
0000h
R2856
(B28h)
ISRC1INT2MIX_Input_
1_Source
ISRC1INT
2MIX_STS
0
0
0
0
0
0
0
ISRC1INT2_SRC [7:0]
0000h
R2864
(B30h)
ISRC1INT3MIX_Input_
1_Source
ISRC1INT
3MIX_STS
0
0
0
0
0
0
0
ISRC1INT3_SRC [7:0]
0000h
R2872
(B38h)
ISRC1INT4MIX_Input_
1_Source
ISRC1INT
4MIX_STS
0
0
0
0
0
0
0
ISRC1INT4_SRC [7:0]
0000h
R2880
(B40h)
ISRC2DEC1MIX_Input_
1_Source
ISRC2DEC
1MIX_STS
0
0
0
0
0
0
0
ISRC2DEC1_SRC [7:0]
0000h
R2888
(B48h)
ISRC2DEC2MIX_Input_
1_Source
ISRC2DEC
2MIX_STS
0
0
0
0
0
0
0
ISRC2DEC2_SRC [7:0]
0000h
R2896
(B50h)
ISRC2DEC3MIX_Input_
1_Source
ISRC2DEC
3MIX_STS
0
0
0
0
0
0
0
ISRC2DEC3_SRC [7:0]
0000h
R2904
(B58h)
ISRC2DEC4MIX_Input_
1_Source
ISRC2DEC
4MIX_STS
0
0
0
0
0
0
0
ISRC2DEC4_SRC [7:0]
0000h
R2912
(B60h)
ISRC2INT1MIX_Input_
1_Source
ISRC2INT
1MIX_STS
0
0
0
0
0
0
0
ISRC2INT1_SRC [7:0]
0000h
R2920
(B68h)
ISRC2INT2MIX_Input_
1_Source
ISRC2INT
2MIX_STS
0
0
0
0
0
0
0
ISRC2INT2_SRC [7:0]
0000h
R2928
(B70h)
ISRC2INT3MIX_Input_
1_Source
ISRC2INT
3MIX_STS
0
0
0
0
0
0
0
ISRC2INT3_SRC [7:0]
0000h
R2936
(B78h)
ISRC2INT4MIX_Input_
1_Source
ISRC2INT
4MIX_STS
0
0
0
0
0
0
0
ISRC2INT4_SRC [7:0]
0000h
R3584
(E00h)
FX_Ctrl1
0
FX_RATE [3:0]
000
00
000
000
0000h
R3585
(E01h)
FX_Ctrl2
FX_STS [11:0]
0
0
1
0
0002h
R3600
(E10h)
EQ1_1
EQ1_B1_GAIN [4:0]
EQ1_B2_GAIN [4:0]
EQ1_B3_GAIN [4:0]
EQ1_ENA
6318h
R3601
(E11h)
EQ1_2
EQ1_B4_GAIN [4:0]
EQ1_B5_GAIN [4:0]
0
0
0
0
0
EQ1_B1_
MODE
6300h
R3602
(E12h)
EQ1_3
EQ1_B1_A [15:0]
0FC8h
R3603
(E13h)
EQ1_4
EQ1_B1_B [15:0]
03FEh
R3604
(E14h)
EQ1_5
EQ1_B1_PG [15:0]
00E0h
R3605
(E15h)
EQ1_6
EQ1_B2_A [15:0]
1EC4h
R3606
(E16h)
EQ1_7
EQ1_B2_B [15:0]
F136h
R3607
(E17h)
EQ1_8
EQ1_B2_C [15:0]
0409h
R3608
(E18h)
EQ1_9
EQ1_B2_PG [15:0]
04CCh
R3609
(E19h)
EQ1_10
EQ1_B3_A [15:0]
1C9Bh
R3610
(E1Ah)
EQ1_11
EQ1_B3_B [15:0]
F337h
R3611
(E1Bh)
EQ1_12
EQ1_B3_C [15:0]
040Bh
R3612
(E1Ch)
EQ1_13
EQ1_B3_PG [15:0]
0CBBh
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com