Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 261 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 261 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 257Page - Cirrus Logic CS47L35 Datasheet HTML 258Page - Cirrus Logic CS47L35 Datasheet HTML 259Page - Cirrus Logic CS47L35 Datasheet HTML 260Page - Cirrus Logic CS47L35 Datasheet HTML 261Page - Cirrus Logic CS47L35 Datasheet HTML 262Page - Cirrus Logic CS47L35 Datasheet HTML 263Page - Cirrus Logic CS47L35 Datasheet HTML 264Page - Cirrus Logic CS47L35 Datasheet HTML 265Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 300 page
background image
DS1085F3
261
CS47L35
6 Register Map
R3653
(E45h)
EQ3_10
EQ3_B3_A [15:0]
1C9Bh
R3654
(E46h)
EQ3_11
EQ3_B3_B [15:0]
F337h
R3655
(E47h)
EQ3_12
EQ3_B3_C [15:0]
040Bh
R3656
(E48h)
EQ3_13
EQ3_B3_PG [15:0]
0CBBh
R3657
(E49h)
EQ3_14
EQ3_B4_A [15:0]
16F8h
R3658
(E4Ah)
EQ3_15
EQ3_B4_B [15:0]
F7D9h
R3659
(E4Bh)
EQ3_16
EQ3_B4_C [15:0]
040Ah
R3660
(E4Ch)
EQ3_17
EQ3_B4_PG [15:0]
1F14h
R3661
(E4Dh)
EQ3_18
EQ3_B5_A [15:0]
058Ch
R3662
(E4Eh)
EQ3_19
EQ3_B5_B [15:0]
0563h
R3663
(E4Fh)
EQ3_20
EQ3_B5_PG [15:0]
4000h
R3664
(E50h)
EQ3_21
EQ3_B1_C [15:0]
0B75h
R3666
(E52h)
EQ4_1
EQ4_B1_GAIN [4:0]
EQ4_B2_GAIN [4:0]
EQ4_B3_GAIN [4:0]
EQ4_ENA
6318h
R3667
(E53h)
EQ4_2
EQ4_B4_GAIN [4:0]
EQ4_B5_GAIN [4:0]
0
0
0
0
0
EQ4_B1_
MODE
6300h
R3668
(E54h)
EQ4_3
EQ4_B1_A [15:0]
0FC8h
R3669
(E55h)
EQ4_4
EQ4_B1_B [15:0]
03FEh
R3670
(E56h)
EQ4_5
EQ4_B1_PG [15:0]
00E0h
R3671
(E57h)
EQ4_6
EQ4_B2_A [15:0]
1EC4h
R3672
(E58h)
EQ4_7
EQ4_B2_B [15:0]
F136h
R3673
(E59h)
EQ4_8
EQ4_B2_C [15:0]
0409h
R3674
(E5Ah)
EQ4_9
EQ4_B2_PG [15:0]
04CCh
R3675
(E5Bh)
EQ4_10
EQ4_B3_A [15:0]
1C9Bh
R3676
(E5Ch)
EQ4_11
EQ4_B3_B [15:0]
F337h
R3677
(E5Dh)
EQ4_12
EQ4_B3_C [15:0]
040Bh
R3678
(E5Eh)
EQ4_13
EQ4_B3_PG [15:0]
0CBBh
R3679
(E5Fh)
EQ4_14
EQ4_B4_A [15:0]
16F8h
R3680
(E60h)
EQ4_15
EQ4_B4_B [15:0]
F7D9h
R3681
(E61h)
EQ4_16
EQ4_B4_C [15:0]
040Ah
R3682
(E62h)
EQ4_17
EQ4_B4_PG [15:0]
1F14h
R3683
(E63h)
EQ4_18
EQ4_B5_A [15:0]
058Ch
R3684
(E64h)
EQ4_19
EQ4_B5_B [15:0]
0563h
R3685
(E65h)
EQ4_20
EQ4_B5_PG [15:0]
4000h
R3686
(E66h)
EQ4_21
EQ4_B1_C [15:0]
0B75h
R3712
(E80h)
DRC1_ctrl1
DRC1_SIG_DET_RMS [4:0]
DRC1_SIG_DET_PK
[1:0]
DRC1_
NG_ENA
DRC1_
SIG_DET_
MODE
DRC1_
SIG_DET
DRC1_
KNEE2_
OP_ENA
DRC1_QR DRC1_
ANTICLIP
DRC1_
WSEQ_
SIG_DET_
ENA
DRC1L_
ENA
DRC1R_
ENA
0018h
R3713
(E81h)
DRC1_ctrl2
0
0
0
DRC1_ATK [3:0]
DRC1_DCY [3:0]
DRC1_MINGAIN [2:0]
DRC1_MAXGAIN [1:0]
0933h
R3714
(E82h)
DRC1_ctrl3
DRC1_NG_MINGAIN [3:0]
DRC1_NG_EXP [1:0] DRC1_QR_THR [1:0] DRC1_QR_DCY [1:0]
DRC1_HI_COMP [2:0]
DRC1_LO_COMP [2:0]
0018h
R3715
(E83h)
DRC1_ctrl4
0
0
0
0
0
DRC1_KNEE_IP [5:0]
DRC1_KNEE_OP [4:0]
0000h
R3716
(E84h)
DRC1_ctrl5
0
0
0
0
0
0
DRC1_KNEE2_IP [4:0]
DRC1_KNEE2_OP [4:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com