Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 263 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 263 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 259Page - Cirrus Logic CS47L35 Datasheet HTML 260Page - Cirrus Logic CS47L35 Datasheet HTML 261Page - Cirrus Logic CS47L35 Datasheet HTML 262Page - Cirrus Logic CS47L35 Datasheet HTML 263Page - Cirrus Logic CS47L35 Datasheet HTML 264Page - Cirrus Logic CS47L35 Datasheet HTML 265Page - Cirrus Logic CS47L35 Datasheet HTML 266Page - Cirrus Logic CS47L35 Datasheet HTML 267Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 300 page
background image
DS1085F3
263
CS47L35
6 Register Map
R4638
(121Eh)
Clock_enable_
overrides_16
00
000
000
00
000
0
FLL1_
ENA16
DSP_
CLK_
ENA16
0000h
R5632
(1600h)
ADSP2_IRQ0
00
000
000
00
000
0
DSP_IRQ2DSP_IRQ1
0000h
R5633
(1601h)
ADSP2_IRQ1
00
000
000
00
000
0
DSP_IRQ4DSP_IRQ3
0000h
R5634
(1602h)
ADSP2_IRQ2
00
000
000
00
000
0
DSP_IRQ6DSP_IRQ5
0000h
R5635
(1603h)
ADSP2_IRQ3
00
000
000
00
000
0
DSP_IRQ8DSP_IRQ7
0000h
R5636
(1604h)
ADSP2_IRQ4
00
000
000
00
000
0
DSP_
IRQ10
DSP_IRQ9
0000h
R5637
(1605h)
ADSP2_IRQ5
00
000
000
00
000
0
DSP_
IRQ12
DSP_
IRQ11
0000h
R5638
(1606h)
ADSP2_IRQ6
00
000
000
00
000
0
DSP_
IRQ14
DSP_
IRQ13
0000h
R5639
(1607h)
ADSP2_IRQ7
00
000
000
00
000
0
DSP_
IRQ16
DSP_
IRQ15
0000h
R5888
(1700h)
GPIO1_CTRL_1
GP1_LVL GP1_OP_
CFG
GP1_DB GP1_POL
0
0
0
GP1_FN [8:0]
2001h
R5889
(1701h)
GPIO1_CTRL_2
GP1_DIR GP1_PU GP1_PD
GP1_
DRV_STR
0
000
00
000
000
F000h
R5890
(1702h)
GPIO2_CTRL_1
GP2_LVL GP2_OP_
CFG
GP2_DB GP2_POL
0
0
0
GP2_FN [8:0]
2001h
R5891
(1703h)
GPIO2_CTRL_2
GP2_DIR GP2_PU GP2_PD
GP2_
DRV_STR
0
000
00
000
000
F000h
R5892
(1704h)
GPIO3_CTRL_1
GP3_LVL GP3_OP_
CFG
GP3_DB GP3_POL
0
0
0
GP3_FN [8:0]
2001h
R5893
(1705h)
GPIO3_CTRL_2
GP3_DIR GP3_PU GP3_PD
GP3_
DRV_STR
0
000
00
000
000
F000h
R5894
(1706h)
GPIO4_CTRL_1
GP4_LVL GP4_OP_
CFG
GP4_DB GP4_POL
0
0
0
GP4_FN [8:0]
2001h
R5895
(1707h)
GPIO4_CTRL_2
GP4_DIR GP4_PU GP4_PD
GP4_
DRV_STR
0
000
00
000
000
F000h
R5896
(1708h)
GPIO5_CTRL_1
GP5_LVL GP5_OP_
CFG
GP5_DB GP5_POL
0
0
0
GP5_FN [8:0]
2001h
R5897
(1709h)
GPIO5_CTRL_2
GP5_DIR GP5_PU GP5_PD
GP5_
DRV_STR
0
000
00
000
000
F000h
R5898
(170Ah)
GPIO6_CTRL_1
GP6_LVL GP6_OP_
CFG
GP6_DB GP6_POL
0
0
0
GP6_FN [8:0]
2001h
R5899
(170Bh)
GPIO6_CTRL_2
GP6_DIR GP6_PU GP6_PD
GP6_
DRV_STR
0
000
00
000
000
F000h
R5900
(170Ch)
GPIO7_CTRL_1
GP7_LVL GP7_OP_
CFG
GP7_DB GP7_POL
0
0
0
GP7_FN [8:0]
2001h
R5901
(170Dh)
GPIO7_CTRL_2
GP7_DIR GP7_PU GP7_PD
GP7_
DRV_STR
0
000
00
000
000
F000h
R5902
(170Eh)
GPIO8_CTRL_1
GP8_LVL GP8_OP_
CFG
GP8_DB GP8_POL
0
0
0
GP8_FN [8:0]
2001h
R5903
(170Fh)
GPIO8_CTRL_2
GP8_DIR GP8_PU GP8_PD
GP8_
DRV_STR
0
000
00
000
000
F000h
R5904
(1710h)
GPIO9_CTRL_1
GP9_LVL GP9_OP_
CFG
GP9_DB GP9_POL
0
0
0
GP9_FN [8:0]
2001h
R5905
(1711h)
GPIO9_CTRL_2
GP9_DIR GP9_PU GP9_PD
GP9_
DRV_STR
0
000
00
000
000
F000h
R5906
(1712h)
GPIO10_CTRL_1
GP10_LVL GP10_
OP_CFG
GP10_DB GP10_
POL
0
0
0
GP10_FN [8:0]
2001h
R5907
(1713h)
GPIO10_CTRL_2
GP10_DIR GP10_PU GP10_PD GP10_
DRV_STR
0
000
00
000
000
F000h
R5908
(1714h)
GPIO11_CTRL_1
GP11_LVL GP11_OP_
CFG
GP11_DB GP11_POL
0
0
0
GP11_FN [8:0]
2001h
R5909
(1715h)
GPIO11_CTRL_2
GP11_DIR GP11_PU GP11_PD GP11_
DRV_STR
0
000
00
000
000
F000h
R5910
(1716h)
GPIO12_CTRL_1
GP12_LVL GP12_
OP_CFG
GP12_DB GP12_
POL
0
0
0
GP12_FN [8:0]
2001h
R5911
(1717h)
GPIO12_CTRL_2
GP12_DIR GP12_PU GP12_PD GP12_
DRV_STR
0
000
00
000
000
F000h
R5912
(1718h)
GPIO13_CTRL_1
GP13_LVL GP13_
OP_CFG
GP13_DB GP13_
POL
0
0
0
GP13_FN [8:0]
2001h
R5913
(1719h)
GPIO13_CTRL_2
GP13_DIR GP13_PU GP13_PD GP13_
DRV_STR
0
000
00
000
000
F000h
R5914
(171Ah)
GPIO14_CTRL_1
GP14_LVL GP14_
OP_CFG
GP14_DB GP14_
POL
0
0
0
GP14_FN [8:0]
2001h
R5915
(171Bh)
GPIO14_CTRL_2
GP14_DIR GP14_PU GP14_PD GP14_
DRV_STR
0
000
00
000
000
F000h
R5916
(171Ch)
GPIO15_CTRL_1
GP15_LVL GP15_
OP_CFG
GP15_DB GP15_
POL
0
0
0
GP15_FN [8:0]
2001h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com