Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 257 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 257 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 253Page - Cirrus Logic CS47L35 Datasheet HTML 254Page - Cirrus Logic CS47L35 Datasheet HTML 255Page - Cirrus Logic CS47L35 Datasheet HTML 256Page - Cirrus Logic CS47L35 Datasheet HTML 257Page - Cirrus Logic CS47L35 Datasheet HTML 258Page - Cirrus Logic CS47L35 Datasheet HTML 259Page - Cirrus Logic CS47L35 Datasheet HTML 260Page - Cirrus Logic CS47L35 Datasheet HTML 261Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 300 page
background image
DS1085F3
257
CS47L35
6 Register Map
R2319
(90Fh)
HPLP2MIX_Input_4_
Volume
00
000
000
LHPF2MIX_VOL4 [6:0]
0
0080h
R2320
(910h)
HPLP3MIX_Input_1_
Source
LHPF3MIX
_STS1
0
000
000
LHPF3MIX_SRC1 [7:0]
0000h
R2321
(911h)
HPLP3MIX_Input_1_
Volume
00
000
000
LHPF3MIX_VOL1 [6:0]
0
0080h
R2322
(912h)
HPLP3MIX_Input_2_
Source
LHPF3MIX
_STS2
0
000
000
LHPF3MIX_SRC2 [7:0]
0000h
R2323
(913h)
HPLP3MIX_Input_2_
Volume
00
000
000
LHPF3MIX_VOL2 [6:0]
0
0080h
R2324
(914h)
HPLP3MIX_Input_3_
Source
LHPF3MIX
_STS3
0
000
000
LHPF3MIX_SRC3 [7:0]
0000h
R2325
(915h)
HPLP3MIX_Input_3_
Volume
00
000
000
LHPF3MIX_VOL3 [6:0]
0
0080h
R2326
(916h)
HPLP3MIX_Input_4_
Source
LHPF3MIX
_STS4
0
000
000
LHPF3MIX_SRC4 [7:0]
0000h
R2327
(917h)
HPLP3MIX_Input_4_
Volume
00
000
000
LHPF3MIX_VOL4 [6:0]
0
0080h
R2328
(918h)
HPLP4MIX_Input_1_
Source
LHPF4MIX
_STS1
0
000
000
LHPF4MIX_SRC1 [7:0]
0000h
R2329
(919h)
HPLP4MIX_Input_1_
Volume
00
000
000
LHPF4MIX_VOL1 [6:0]
0
0080h
R2330
(91Ah)
HPLP4MIX_Input_2_
Source
LHPF4MIX
_STS2
0
000
000
LHPF4MIX_SRC2 [7:0]
0000h
R2331
(91Bh)
HPLP4MIX_Input_2_
Volume
00
000
000
LHPF4MIX_VOL2 [6:0]
0
0080h
R2332
(91Ch)
HPLP4MIX_Input_3_
Source
LHPF4MIX
_STS3
0
000
000
LHPF4MIX_SRC3 [7:0]
0000h
R2333
(91Dh)
HPLP4MIX_Input_3_
Volume
00
000
000
LHPF4MIX_VOL3 [6:0]
0
0080h
R2334
(91Eh)
HPLP4MIX_Input_4_
Source
LHPF4MIX
_STS4
0
000
000
LHPF4MIX_SRC4 [7:0]
0000h
R2335
(91Fh)
HPLP4MIX_Input_4_
Volume
00
000
000
LHPF4MIX_VOL4 [6:0]
0
0080h
R2368
(940h)
DSP1LMIX_Input_1_
Source
DSP1LMIX
_STS1
0
000
000
DSP1LMIX_SRC1 [7:0]
0000h
R2369
(941h)
DSP1LMIX_Input_1_
Volume
00
000
000
DSP1LMIX_VOL1 [6:0]
0
0080h
R2370
(942h)
DSP1LMIX_Input_2_
Source
DSP1LMIX
_STS2
0
000
000
DSP1LMIX_SRC2 [7:0]
0000h
R2371
(943h)
DSP1LMIX_Input_2_
Volume
00
000
000
DSP1LMIX_VOL2 [6:0]
0
0080h
R2372
(944h)
DSP1LMIX_Input_3_
Source
DSP1LMIX
_STS3
0
000
000
DSP1LMIX_SRC3 [7:0]
0000h
R2373
(945h)
DSP1LMIX_Input_3_
Volume
00
000
000
DSP1LMIX_VOL3 [6:0]
0
0080h
R2374
(946h)
DSP1LMIX_Input_4_
Source
DSP1LMIX
_STS4
0
000
000
DSP1LMIX_SRC4 [7:0]
0000h
R2375
(947h)
DSP1LMIX_Input_4_
Volume
00
000
000
DSP1LMIX_VOL4 [6:0]
0
0080h
R2376
(948h)
DSP1RMIX_Input_1_
Source
DSP1RMI
X_STS1
0
000
000
DSP1RMIX_SRC1 [7:0]
0000h
R2377
(949h)
DSP1RMIX_Input_1_
Volume
00
000
000
DSP1RMIX_VOL1 [6:0]
0
0080h
R2378
(94Ah)
DSP1RMIX_Input_2_
Source
DSP1RMI
X_STS2
0
000
000
DSP1RMIX_SRC2 [7:0]
0000h
R2379
(94Bh)
DSP1RMIX_Input_2_
Volume
00
000
000
DSP1RMIX_VOL2 [6:0]
0
0080h
R2380
(94Ch)
DSP1RMIX_Input_3_
Source
DSP1RMI
X_STS3
0
000
000
DSP1RMIX_SRC3 [7:0]
0000h
R2381
(94Dh)
DSP1RMIX_Input_3_
Volume
00
000
000
DSP1RMIX_VOL3 [6:0]
0
0080h
R2382
(94Eh)
DSP1RMIX_Input_4_
Source
DSP1RMI
X_STS4
0
000
000
DSP1RMIX_SRC4 [7:0]
0000h
R2383
(94Fh)
DSP1RMIX_Input_4_
Volume
00
000
000
DSP1RMIX_VOL4 [6:0]
0
0080h
R2384
(950h)
DSP1AUX1MIX_Input_
1_Source
DSP1AUX
1MIX_STS
0
000
000
DSP1AUX1_SRC [7:0]
0000h
R2392
(958h)
DSP1AUX2MIX_Input_
1_Source
DSP1AUX
2MIX_STS
0
000
000
DSP1AUX2_SRC [7:0]
0000h
R2400
(960h)
DSP1AUX3MIX_Input_
1_Source
DSP1AUX
3MIX_STS
0
000
000
DSP1AUX3_SRC [7:0]
0000h
R2408
(968h)
DSP1AUX4MIX_Input_
1_Source
DSP1AUX
4MIX_STS
0
000
000
DSP1AUX4_SRC [7:0]
0000h
R2416
(970h)
DSP1AUX5MIX_Input_
1_Source
DSP1AUX
5MIX_STS
0
000
000
DSP1AUX5_SRC [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com