Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 254 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 254 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 250Page - Cirrus Logic CS47L35 Datasheet HTML 251Page - Cirrus Logic CS47L35 Datasheet HTML 252Page - Cirrus Logic CS47L35 Datasheet HTML 253Page - Cirrus Logic CS47L35 Datasheet HTML 254Page - Cirrus Logic CS47L35 Datasheet HTML 255Page - Cirrus Logic CS47L35 Datasheet HTML 256Page - Cirrus Logic CS47L35 Datasheet HTML 257Page - Cirrus Logic CS47L35 Datasheet HTML 258Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 300 page
background image
254
DS1085F3
CS47L35
6 Register Map
R2001
(7D1h)
SLIMTX3MIX_Input_1_
Volume
0
0
0
0
0
0
0
0
SLIMTX3MIX_VOL1 [6:0]
0
0080h
R2002
(7D2h)
SLIMTX3MIX_Input_2_
Source
SLIMTX3M
IX_STS2
0
0
0
0
0
0
0
SLIMTX3MIX_SRC2 [7:0]
0000h
R2003
(7D3h)
SLIMTX3MIX_Input_2_
Volume
0
0
0
0
0
0
0
0
SLIMTX3MIX_VOL2 [6:0]
0
0080h
R2004
(7D4h)
SLIMTX3MIX_Input_3_
Source
SLIMTX3M
IX_STS3
0
0
0
0
0
0
0
SLIMTX3MIX_SRC3 [7:0]
0000h
R2005
(7D5h)
SLIMTX3MIX_Input_3_
Volume
0
0
0
0
0
0
0
0
SLIMTX3MIX_VOL3 [6:0]
0
0080h
R2006
(7D6h)
SLIMTX3MIX_Input_4_
Source
SLIMTX3M
IX_STS4
0
0
0
0
0
0
0
SLIMTX3MIX_SRC4 [7:0]
0000h
R2007
(7D7h)
SLIMTX3MIX_Input_4_
Volume
0
0
0
0
0
0
0
0
SLIMTX3MIX_VOL4 [6:0]
0
0080h
R2008
(7D8h)
SLIMTX4MIX_Input_1_
Source
SLIMTX4M
IX_STS1
0
0
0
0
0
0
0
SLIMTX4MIX_SRC1 [7:0]
0000h
R2009
(7D9h)
SLIMTX4MIX_Input_1_
Volume
0
0
0
0
0
0
0
0
SLIMTX4MIX_VOL1 [6:0]
0
0080h
R2010
(7DAh)
SLIMTX4MIX_Input_2_
Source
SLIMTX4M
IX_STS2
0
0
0
0
0
0
0
SLIMTX4MIX_SRC2 [7:0]
0000h
R2011
(7DBh)
SLIMTX4MIX_Input_2_
Volume
0
0
0
0
0
0
0
0
SLIMTX4MIX_VOL2 [6:0]
0
0080h
R2012
(7DCh)
SLIMTX4MIX_Input_3_
Source
SLIMTX4M
IX_STS3
0
0
0
0
0
0
0
SLIMTX4MIX_SRC3 [7:0]
0000h
R2013
(7DDh)
SLIMTX4MIX_Input_3_
Volume
0
0
0
0
0
0
0
0
SLIMTX4MIX_VOL3 [6:0]
0
0080h
R2014
(7DEh)
SLIMTX4MIX_Input_4_
Source
SLIMTX4M
IX_STS4
0
0
0
0
0
0
0
SLIMTX4MIX_SRC4 [7:0]
0000h
R2015
(7DFh)
SLIMTX4MIX_Input_4_
Volume
0
0
0
0
0
0
0
0
SLIMTX4MIX_VOL4 [6:0]
0
0080h
R2016
(7E0h)
SLIMTX5MIX_Input_1_
Source
SLIMTX5M
IX_STS1
0
0
0
0
0
0
0
SLIMTX5MIX_SRC1 [7:0]
0000h
R2017
(7E1h)
SLIMTX5MIX_Input_1_
Volume
0
0
0
0
0
0
0
0
SLIMTX5MIX_VOL1 [6:0]
0
0080h
R2018
(7E2h)
SLIMTX5MIX_Input_2_
Source
SLIMTX5M
IX_STS2
0
0
0
0
0
0
0
SLIMTX5MIX_SRC2 [7:0]
0000h
R2019
(7E3h)
SLIMTX5MIX_Input_2_
Volume
0
0
0
0
0
0
0
0
SLIMTX5MIX_VOL2 [6:0]
0
0080h
R2020
(7E4h)
SLIMTX5MIX_Input_3_
Source
SLIMTX5M
IX_STS3
0
0
0
0
0
0
0
SLIMTX5MIX_SRC3 [7:0]
0000h
R2021
(7E5h)
SLIMTX5MIX_Input_3_
Volume
0
0
0
0
0
0
0
0
SLIMTX5MIX_VOL3 [6:0]
0
0080h
R2022
(7E6h)
SLIMTX5MIX_Input_4_
Source
SLIMTX5M
IX_STS4
0
0
0
0
0
0
0
SLIMTX5MIX_SRC4 [7:0]
0000h
R2023
(7E7h)
SLIMTX5MIX_Input_4_
Volume
0
0
0
0
0
0
0
0
SLIMTX5MIX_VOL4 [6:0]
0
0080h
R2024
(7E8h)
SLIMTX6MIX_Input_1_
Source
SLIMTX6M
IX_STS1
0
0
0
0
0
0
0
SLIMTX6MIX_SRC1 [7:0]
0000h
R2025
(7E9h)
SLIMTX6MIX_Input_1_
Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL1 [6:0]
0
0080h
R2026
(7EAh)
SLIMTX6MIX_Input_2_
Source
SLIMTX6M
IX_STS2
0
0
0
0
0
0
0
SLIMTX6MIX_SRC2 [7:0]
0000h
R2027
(7EBh)
SLIMTX6MIX_Input_2_
Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL2 [6:0]
0
0080h
R2028
(7ECh)
SLIMTX6MIX_Input_3_
Source
SLIMTX6M
IX_STS3
0
0
0
0
0
0
0
SLIMTX6MIX_SRC3 [7:0]
0000h
R2029
(7EDh)
SLIMTX6MIX_Input_3_
Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL3 [6:0]
0
0080h
R2030
(7EEh)
SLIMTX6MIX_Input_4_
Source
SLIMTX6M
IX_STS4
0
0
0
0
0
0
0
SLIMTX6MIX_SRC4 [7:0]
0000h
R2031
(7EFh)
SLIMTX6MIX_Input_4_
Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL4 [6:0]
0
0080h
R2048
(800h)
SPDIF1TX1MIX_Input_
1_Source
SPDIF1TX
1MIX_STS
0
0
0
0
0
0
0
SPDIF1TX1MIX_SRC [7:0]
0000h
R2049
(801h)
SPDIF1TX1MIX_Input_
1_Volume
00
000
000
SPDIF1TX1MIX_VOL [6:0]
0
0080h
R2056
(808h)
SPDIF1TX2MIX_Input_
1_Source
SPDIF1TX
2MIX_STS
0
0
0
0
0
0
0
SPDIF1TX2MIX_SRC [7:0]
0000h
R2057
(809h)
SPDIF1TX2MIX_Input_
1_Volume
00
000
000
SPDIF1TX2MIX_VOL [6:0]
0
0080h
R2176
(880h)
EQ1MIX_Input_1_
Source
EQ1MIX_
STS1
0
0
0
0
0
0
0
EQ1MIX_SRC1 [7:0]
0000h
R2177
(881h)
EQ1MIX_Input_1_
Volume
00
000
000
EQ1MIX_VOL1 [6:0]
0
0080h
R2178
(882h)
EQ1MIX_Input_2_
Source
EQ1MIX_
STS2
0
0
0
0
0
0
0
EQ1MIX_SRC2 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com