Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 253 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 253 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 249Page - Cirrus Logic CS47L35 Datasheet HTML 250Page - Cirrus Logic CS47L35 Datasheet HTML 251Page - Cirrus Logic CS47L35 Datasheet HTML 252Page - Cirrus Logic CS47L35 Datasheet HTML 253Page - Cirrus Logic CS47L35 Datasheet HTML 254Page - Cirrus Logic CS47L35 Datasheet HTML 255Page - Cirrus Logic CS47L35 Datasheet HTML 256Page - Cirrus Logic CS47L35 Datasheet HTML 257Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 300 page
background image
DS1085F3
253
CS47L35
6 Register Map
R1867
(74Bh)
AIF2TX2MIX_Input_2_
Volume
00
000
000
AIF2TX2MIX_VOL2 [6:0]
0
0080h
R1868
(74Ch)
AIF2TX2MIX_Input_3_
Source
AIF2TX2MI
X_STS3
0
000
000
AIF2TX2MIX_SRC3 [7:0]
0000h
R1869
(74Dh)
AIF2TX2MIX_Input_3_
Volume
00
000
000
AIF2TX2MIX_VOL3 [6:0]
0
0080h
R1870
(74Eh)
AIF2TX2MIX_Input_4_
Source
AIF2TX2MI
X_STS4
0
000
000
AIF2TX2MIX_SRC4 [7:0]
0000h
R1871
(74Fh)
AIF2TX2MIX_Input_4_
Volume
00
000
000
AIF2TX2MIX_VOL4 [6:0]
0
0080h
R1920
(780h)
AIF3TX1MIX_Input_1_
Source
AIF3TX1MI
X_STS1
0
000
000
AIF3TX1MIX_SRC1 [7:0]
0000h
R1921
(781h)
AIF3TX1MIX_Input_1_
Volume
00
000
000
AIF3TX1MIX_VOL1 [6:0]
0
0080h
R1922
(782h)
AIF3TX1MIX_Input_2_
Source
AIF3TX1MI
X_STS2
0
000
000
AIF3TX1MIX_SRC2 [7:0]
0000h
R1923
(783h)
AIF3TX1MIX_Input_2_
Volume
00
000
000
AIF3TX1MIX_VOL2 [6:0]
0
0080h
R1924
(784h)
AIF3TX1MIX_Input_3_
Source
AIF3TX1MI
X_STS3
0
000
000
AIF3TX1MIX_SRC3 [7:0]
0000h
R1925
(785h)
AIF3TX1MIX_Input_3_
Volume
00
000
000
AIF3TX1MIX_VOL3 [6:0]
0
0080h
R1926
(786h)
AIF3TX1MIX_Input_4_
Source
AIF3TX1MI
X_STS4
0
000
000
AIF3TX1MIX_SRC4 [7:0]
0000h
R1927
(787h)
AIF3TX1MIX_Input_4_
Volume
00
000
000
AIF3TX1MIX_VOL4 [6:0]
0
0080h
R1928
(788h)
AIF3TX2MIX_Input_1_
Source
AIF3TX2MI
X_STS1
0
000
000
AIF3TX2MIX_SRC1 [7:0]
0000h
R1929
(789h)
AIF3TX2MIX_Input_1_
Volume
00
000
000
AIF3TX2MIX_VOL1 [6:0]
0
0080h
R1930
(78Ah)
AIF3TX2MIX_Input_2_
Source
AIF3TX2MI
X_STS2
0
000
000
AIF3TX2MIX_SRC2 [7:0]
0000h
R1931
(78Bh)
AIF3TX2MIX_Input_2_
Volume
00
000
000
AIF3TX2MIX_VOL2 [6:0]
0
0080h
R1932
(78Ch)
AIF3TX2MIX_Input_3_
Source
AIF3TX2MI
X_STS3
0
000
000
AIF3TX2MIX_SRC3 [7:0]
0000h
R1933
(78Dh)
AIF3TX2MIX_Input_3_
Volume
00
000
000
AIF3TX2MIX_VOL3 [6:0]
0
0080h
R1934
(78Eh)
AIF3TX2MIX_Input_4_
Source
AIF3TX2MI
X_STS4
0
000
000
AIF3TX2MIX_SRC4 [7:0]
0000h
R1935
(78Fh)
AIF3TX2MIX_Input_4_
Volume
00
000
000
AIF3TX2MIX_VOL4 [6:0]
0
0080h
R1984
(7C0h)
SLIMTX1MIX_Input_1_
Source
SLIMTX1M
IX_STS1
0
0
0
0
0
0
0
SLIMTX1MIX_SRC1 [7:0]
0000h
R1985
(7C1h)
SLIMTX1MIX_Input_1_
Volume
0
0
0
0
0
0
0
0
SLIMTX1MIX_VOL1 [6:0]
0
0080h
R1986
(7C2h)
SLIMTX1MIX_Input_2_
Source
SLIMTX1M
IX_STS2
0
0
0
0
0
0
0
SLIMTX1MIX_SRC2 [7:0]
0000h
R1987
(7C3h)
SLIMTX1MIX_Input_2_
Volume
0
0
0
0
0
0
0
0
SLIMTX1MIX_VOL2 [6:0]
0
0080h
R1988
(7C4h)
SLIMTX1MIX_Input_3_
Source
SLIMTX1M
IX_STS3
0
0
0
0
0
0
0
SLIMTX1MIX_SRC3 [7:0]
0000h
R1989
(7C5h)
SLIMTX1MIX_Input_3_
Volume
0
0
0
0
0
0
0
0
SLIMTX1MIX_VOL3 [6:0]
0
0080h
R1990
(7C6h)
SLIMTX1MIX_Input_4_
Source
SLIMTX1M
IX_STS4
0
0
0
0
0
0
0
SLIMTX1MIX_SRC4 [7:0]
0000h
R1991
(7C7h)
SLIMTX1MIX_Input_4_
Volume
0
0
0
0
0
0
0
0
SLIMTX1MIX_VOL4 [6:0]
0
0080h
R1992
(7C8h)
SLIMTX2MIX_Input_1_
Source
SLIMTX2M
IX_STS1
0
0
0
0
0
0
0
SLIMTX2MIX_SRC1 [7:0]
0000h
R1993
(7C9h)
SLIMTX2MIX_Input_1_
Volume
0
0
0
0
0
0
0
0
SLIMTX2MIX_VOL1 [6:0]
0
0080h
R1994
(7CAh)
SLIMTX2MIX_Input_2_
Source
SLIMTX2M
IX_STS2
0
0
0
0
0
0
0
SLIMTX2MIX_SRC2 [7:0]
0000h
R1995
(7CBh)
SLIMTX2MIX_Input_2_
Volume
0
0
0
0
0
0
0
0
SLIMTX2MIX_VOL2 [6:0]
0
0080h
R1996
(7CCh)
SLIMTX2MIX_Input_3_
Source
SLIMTX2M
IX_STS3
0
0
0
0
0
0
0
SLIMTX2MIX_SRC3 [7:0]
0000h
R1997
(7CDh)
SLIMTX2MIX_Input_3_
Volume
0
0
0
0
0
0
0
0
SLIMTX2MIX_VOL3 [6:0]
0
0080h
R1998
(7CEh)
SLIMTX2MIX_Input_4_
Source
SLIMTX2M
IX_STS4
0
0
0
0
0
0
0
SLIMTX2MIX_SRC4 [7:0]
0000h
R1999
(7CFh)
SLIMTX2MIX_Input_4_
Volume
0
0
0
0
0
0
0
0
SLIMTX2MIX_VOL4 [6:0]
0
0080h
R2000
(7D0h)
SLIMTX3MIX_Input_1_
Source
SLIMTX3M
IX_STS1
0
0
0
0
0
0
0
SLIMTX3MIX_SRC1 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com