Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 249 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 249 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 245Page - Cirrus Logic CS47L35 Datasheet HTML 246Page - Cirrus Logic CS47L35 Datasheet HTML 247Page - Cirrus Logic CS47L35 Datasheet HTML 248Page - Cirrus Logic CS47L35 Datasheet HTML 249Page - Cirrus Logic CS47L35 Datasheet HTML 250Page - Cirrus Logic CS47L35 Datasheet HTML 251Page - Cirrus Logic CS47L35 Datasheet HTML 252Page - Cirrus Logic CS47L35 Datasheet HTML 253Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 300 page
background image
DS1085F3
249
CS47L35
6 Register Map
R1408
(580h)
AIF3_BCLK_Ctrl
00
000
000
AIF3_
BCLK_INV
AIF3_
BCLK_
FRC
AIF3_
BCLK_
MSTR
AIF3_BCLK_FREQ [4:0]
000Ch
R1409
(581h)
AIF3_Tx_Pin_Ctrl
00
000
000
00
AIF3TX_
DAT_TRI
00
000
0000h
R1410
(582h)
AIF3_Rx_Pin_Ctrl
00
000
000
00
00
AIF3_
LRCLK_
ADV
AIF3_
LRCLK_
INV
AIF3_
LRCLK_
FRC
AIF3_
LRCLK_
MSTR
0000h
R1411
(583h)
AIF3_Rate_Ctrl
0
AIF3_RATE [3:0]
000
0
AIF3_TRI
000
000
0000h
R1412
(584h)
AIF3_Format
00
000
000
00
000
AIF3_FMT [2:0]
0000h
R1414
(586h)
AIF3_Rx_BCLK_Rate
0
0
0
AIF3_BCPF [12:0]
0040h
R1415
(587h)
AIF3_Frame_Ctrl_1
0
0
AIF3TX_WL [5:0]
AIF3TX_SLOT_LEN [7:0]
1818h
R1416
(588h)
AIF3_Frame_Ctrl_2
0
0
AIF3RX_WL [5:0]
AIF3RX_SLOT_LEN [7:0]
1818h
R1417
(589h)
AIF3_Frame_Ctrl_3
00
000
000
00
AIF3TX1_SLOT [5:0]
0000h
R1418
(58Ah)
AIF3_Frame_Ctrl_4
00
000
000
00
AIF3TX2_SLOT [5:0]
0001h
R1425
(591h)
AIF3_Frame_Ctrl_11
00
000
000
00
AIF3RX1_SLOT [5:0]
0000h
R1426
(592h)
AIF3_Frame_Ctrl_12
00
000
000
00
AIF3RX2_SLOT [5:0]
0001h
R1433
(599h)
AIF3_Tx_Enables
00
000
000
00
000
0
AIF3TX2_
ENA
AIF3TX1_
ENA
0000h
R1434
(59Ah)
AIF3_Rx_Enables
00
000
000
00
000
0
AIF3RX2_
ENA
AIF3RX1_
ENA
0000h
R1474
(5C2h)
SPD1_TX_Control
00
SPD1_
VAL2
SPD1_
VAL1
0
0
0
0
SPD1_RATE [3:0]
0
0
0
SPD1_
ENA
0000h
R1475
(5C3h)
SPD1_TX_Channel_
Status_1
SPD1_CATCODE [7:0]
SPD1_CHSTMODE
[1:0]
SPD1_PREEMPH [2:0]
SPD1_
NOCOPY
SPD1_
NOAUDIO
SPD1_
PRO
0000h
R1476
(5C4h)
SPD1_TX_Channel_
Status_2
SPD1_FREQ [3:0]
SPD1_CHNUM2 [3:0]
SPD1_CHNUM1 [3:0]
SPD1_SRCNUM [3:0]
0001h
R1477
(5C5h)
SPD1_TX_Channel_
Status_3
0
0
0
0
SPD1_ORGSAMP [3:0]
SPD1_TXWL [2:0]
SPD1_
MAXWL
SPD1_CS31_30 [1:0] SPD1_CLKACU [1:0]
0000h
R1490
(5D2h)
SLIMbus_RX_Ports0
0
0
SLIMRX2_PORT_ADDR [5:0]
0
0
SLIMRX1_PORT_ADDR [5:0]
0100h
R1491
(5D3h)
SLIMbus_RX_Ports1
0
0
SLIMRX4_PORT_ADDR [5:0]
0
0
SLIMRX3_PORT_ADDR [5:0]
0302h
R1492
(5D4h)
SLIMbus_RX_Ports2
0
0
SLIMRX6_PORT_ADDR [5:0]
0
0
SLIMRX5_PORT_ADDR [5:0]
0504h
R1494
(5D6h)
SLIMbus_TX_Ports0
0
0
SLIMTX2_PORT_ADDR [5:0]
0
0
SLIMTX1_PORT_ADDR [5:0]
0908h
R1495
(5D7h)
SLIMbus_TX_Ports1
0
0
SLIMTX4_PORT_ADDR [5:0]
0
0
SLIMTX3_PORT_ADDR [5:0]
0B0Ah
R1496
(5D8h)
SLIMbus_TX_Ports2
0
0
SLIMTX6_PORT_ADDR [5:0]
0
0
SLIMTX5_PORT_ADDR [5:0]
0D0Ch
R1507
(5E3h)
SLIMbus_Framer_Ref_
Gear
00
000
000
00
00
SLIMCLK_REF_GEAR [3:0]
0000h
R1509
(5E5h)
SLIMbus_Rates_1
0
SLIMRX2_RATE [3:0]
0
0
0
0
SLIMRX1_RATE [3:0]
0
0
0
0000h
R1510
(5E6h)
SLIMbus_Rates_2
0
SLIMRX4_RATE [3:0]
0
0
0
0
SLIMRX3_RATE [3:0]
0
0
0
0000h
R1511
(5E7h)
SLIMbus_Rates_3
0
SLIMRX6_RATE [3:0]
0
0
0
0
SLIMRX5_RATE [3:0]
0
0
0
0000h
R1513
(5E9h)
SLIMbus_Rates_5
0
SLIMTX2_RATE [3:0]
0
0
0
0
SLIMTX1_RATE [3:0]
0
0
0
0000h
R1514
(5EAh)
SLIMbus_Rates_6
0
SLIMTX4_RATE [3:0]
0
0
0
0
SLIMTX3_RATE [3:0]
0
0
0
0000h
R1515
(5EBh)
SLIMbus_Rates_7
0
SLIMTX6_RATE [3:0]
0
0
0
0
SLIMTX5_RATE [3:0]
0
0
0
0000h
R1520
(5F0h)
Slimbus_Pad_Ctrl
00
000
000
00
000
0
SLIMDAT_
DRV_STR
SLIMCLK_
DRV_STR
0003h
R1525
(5F5h)
SLIMbus_RX_Channel_
Enable
00
000
000
00
SLIMRX6_
ENA
SLIMRX5_
ENA
SLIMRX4_
ENA
SLIMRX3_
ENA
SLIMRX2_
ENA
SLIMRX1_
ENA
0000h
R1526
(5F6h)
SLIMbus_TX_Channel_
Enable
00
000
000
00
SLIMTX6_
ENA
SLIMTX5_
ENA
SLIMTX4_
ENA
SLIMTX3_
ENA
SLIMTX2_
ENA
SLIMTX1_
ENA
0000h
R1527
(5F7h)
SLIMbus_RX_Port_
Status
00
000
000
00
SLIMRX6_
PORT_
STS
SLIMRX5_
PORT_
STS
SLIMRX4_
PORT_
STS
SLIMRX3_
PORT_
STS
SLIMRX2_
PORT_
STS
SLIMRX1_
PORT_
STS
0000h
R1528
(5F8h)
SLIMbus_TX_Port_
Status
00
000
000
00
SLIMTX6_
PORT_
STS
SLIMTX5_
PORT_
STS
SLIMTX4_
PORT_
STS
SLIMTX3_
PORT_
STS
SLIMTX2_
PORT_
STS
SLIMTX1_
PORT_
STS
0000h
R1600
(640h)
PWM1MIX_Input_1_
Source
PWM1MIX
_STS1
0
000
000
PWM1MIX_SRC1 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com