Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 251 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 251 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 247Page - Cirrus Logic CS47L35 Datasheet HTML 248Page - Cirrus Logic CS47L35 Datasheet HTML 249Page - Cirrus Logic CS47L35 Datasheet HTML 250Page - Cirrus Logic CS47L35 Datasheet HTML 251Page - Cirrus Logic CS47L35 Datasheet HTML 252Page - Cirrus Logic CS47L35 Datasheet HTML 253Page - Cirrus Logic CS47L35 Datasheet HTML 254Page - Cirrus Logic CS47L35 Datasheet HTML 255Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 300 page
background image
DS1085F3
251
CS47L35
6 Register Map
R1719
(6B7h)
OUT4LMIX_Input_4_
Volume
00
000
000
OUT4LMIX_VOL4 [6:0]
0
0080h
R1728
(6C0h)
OUT5LMIX_Input_1_
Source
OUT5LMIX
_STS1
0
0
0
0
0
0
0
OUT5LMIX_SRC1 [7:0]
0000h
R1729
(6C1h)
OUT5LMIX_Input_1_
Volume
00
000
000
OUT5LMIX_VOL1 [6:0]
0
0080h
R1730
(6C2h)
OUT5LMIX_Input_2_
Source
OUT5LMIX
_STS2
0
0
0
0
0
0
0
OUT5LMIX_SRC2 [7:0]
0000h
R1731
(6C3h)
OUT5LMIX_Input_2_
Volume
00
000
000
OUT5LMIX_VOL2 [6:0]
0
0080h
R1732
(6C4h)
OUT5LMIX_Input_3_
Source
OUT5LMIX
_STS3
0
0
0
0
0
0
0
OUT5LMIX_SRC3 [7:0]
0000h
R1733
(6C5h)
OUT5LMIX_Input_3_
Volume
00
000
000
OUT5LMIX_VOL3 [6:0]
0
0080h
R1734
(6C6h)
OUT5LMIX_Input_4_
Source
OUT5LMIX
_STS4
0
0
0
0
0
0
0
OUT5LMIX_SRC4 [7:0]
0000h
R1735
(6C7h)
OUT5LMIX_Input_4_
Volume
00
000
000
OUT5LMIX_VOL4 [6:0]
0
0080h
R1736
(6C8h)
OUT5RMIX_Input_1_
Source
OUT5RMI
X_STS1
0
000
000
OUT5RMIX_SRC1 [7:0]
0000h
R1737
(6C9h)
OUT5RMIX_Input_1_
Volume
00
000
000
OUT5RMIX_VOL1 [6:0]
0
0080h
R1738
(6CAh)
OUT5RMIX_Input_2_
Source
OUT5RMI
X_STS2
0
000
000
OUT5RMIX_SRC2 [7:0]
0000h
R1739
(6CBh)
OUT5RMIX_Input_2_
Volume
00
000
000
OUT5RMIX_VOL2 [6:0]
0
0080h
R1740
(6CCh)
OUT5RMIX_Input_3_
Source
OUT5RMI
X_STS3
0
000
000
OUT5RMIX_SRC3 [7:0]
0000h
R1741
(6CDh)
OUT5RMIX_Input_3_
Volume
00
000
000
OUT5RMIX_VOL3 [6:0]
0
0080h
R1742
(6CEh)
OUT5RMIX_Input_4_
Source
OUT5RMI
X_STS4
0
000
000
OUT5RMIX_SRC4 [7:0]
0000h
R1743
(6CFh)
OUT5RMIX_Input_4_
Volume
00
000
000
OUT5RMIX_VOL4 [6:0]
0
0080h
R1792
(700h)
AIF1TX1MIX_Input_1_
Source
AIF1TX1MI
X_STS1
0
000
000
AIF1TX1MIX_SRC1 [7:0]
0000h
R1793
(701h)
AIF1TX1MIX_Input_1_
Volume
00
000
000
AIF1TX1MIX_VOL1 [6:0]
0
0080h
R1794
(702h)
AIF1TX1MIX_Input_2_
Source
AIF1TX1MI
X_STS2
0
000
000
AIF1TX1MIX_SRC2 [7:0]
0000h
R1795
(703h)
AIF1TX1MIX_Input_2_
Volume
00
000
000
AIF1TX1MIX_VOL2 [6:0]
0
0080h
R1796
(704h)
AIF1TX1MIX_Input_3_
Source
AIF1TX1MI
X_STS3
0
000
000
AIF1TX1MIX_SRC3 [7:0]
0000h
R1797
(705h)
AIF1TX1MIX_Input_3_
Volume
00
000
000
AIF1TX1MIX_VOL3 [6:0]
0
0080h
R1798
(706h)
AIF1TX1MIX_Input_4_
Source
AIF1TX1MI
X_STS4
0
000
000
AIF1TX1MIX_SRC4 [7:0]
0000h
R1799
(707h)
AIF1TX1MIX_Input_4_
Volume
00
000
000
AIF1TX1MIX_VOL4 [6:0]
0
0080h
R1800
(708h)
AIF1TX2MIX_Input_1_
Source
AIF1TX2MI
X_STS1
0
000
000
AIF1TX2MIX_SRC1 [7:0]
0000h
R1801
(709h)
AIF1TX2MIX_Input_1_
Volume
00
000
000
AIF1TX2MIX_VOL1 [6:0]
0
0080h
R1802
(70Ah)
AIF1TX2MIX_Input_2_
Source
AIF1TX2MI
X_STS2
0
000
000
AIF1TX2MIX_SRC2 [7:0]
0000h
R1803
(70Bh)
AIF1TX2MIX_Input_2_
Volume
00
000
000
AIF1TX2MIX_VOL2 [6:0]
0
0080h
R1804
(70Ch)
AIF1TX2MIX_Input_3_
Source
AIF1TX2MI
X_STS3
0
000
000
AIF1TX2MIX_SRC3 [7:0]
0000h
R1805
(70Dh)
AIF1TX2MIX_Input_3_
Volume
00
000
000
AIF1TX2MIX_VOL3 [6:0]
0
0080h
R1806
(70Eh)
AIF1TX2MIX_Input_4_
Source
AIF1TX2MI
X_STS4
0
000
000
AIF1TX2MIX_SRC4 [7:0]
0000h
R1807
(70Fh)
AIF1TX2MIX_Input_4_
Volume
00
000
000
AIF1TX2MIX_VOL4 [6:0]
0
0080h
R1808
(710h)
AIF1TX3MIX_Input_1_
Source
AIF1TX3MI
X_STS1
0
000
000
AIF1TX3MIX_SRC1 [7:0]
0000h
R1809
(711h)
AIF1TX3MIX_Input_1_
Volume
00
000
000
AIF1TX3MIX_VOL1 [6:0]
0
0080h
R1810
(712h)
AIF1TX3MIX_Input_2_
Source
AIF1TX3MI
X_STS2
0
000
000
AIF1TX3MIX_SRC2 [7:0]
0000h
R1811
(713h)
AIF1TX3MIX_Input_2_
Volume
00
000
000
AIF1TX3MIX_VOL2 [6:0]
0
0080h
R1812
(714h)
AIF1TX3MIX_Input_3_
Source
AIF1TX3MI
X_STS3
0
000
000
AIF1TX3MIX_SRC3 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com