Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 255 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 255 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 251Page - Cirrus Logic CS47L35 Datasheet HTML 252Page - Cirrus Logic CS47L35 Datasheet HTML 253Page - Cirrus Logic CS47L35 Datasheet HTML 254Page - Cirrus Logic CS47L35 Datasheet HTML 255Page - Cirrus Logic CS47L35 Datasheet HTML 256Page - Cirrus Logic CS47L35 Datasheet HTML 257Page - Cirrus Logic CS47L35 Datasheet HTML 258Page - Cirrus Logic CS47L35 Datasheet HTML 259Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 300 page
background image
DS1085F3
255
CS47L35
6 Register Map
R2179
(883h)
EQ1MIX_Input_2_
Volume
00
000
000
EQ1MIX_VOL2 [6:0]
0
0080h
R2180
(884h)
EQ1MIX_Input_3_
Source
EQ1MIX_
STS3
0
0
0
0
0
0
0
EQ1MIX_SRC3 [7:0]
0000h
R2181
(885h)
EQ1MIX_Input_3_
Volume
00
000
000
EQ1MIX_VOL3 [6:0]
0
0080h
R2182
(886h)
EQ1MIX_Input_4_
Source
EQ1MIX_
STS4
0
0
0
0
0
0
0
EQ1MIX_SRC4 [7:0]
0000h
R2183
(887h)
EQ1MIX_Input_4_
Volume
00
000
000
EQ1MIX_VOL4 [6:0]
0
0080h
R2184
(888h)
EQ2MIX_Input_1_
Source
EQ2MIX_
STS1
0
0
0
0
0
0
0
EQ2MIX_SRC1 [7:0]
0000h
R2185
(889h)
EQ2MIX_Input_1_
Volume
00
000
000
EQ2MIX_VOL1 [6:0]
0
0080h
R2186
(88Ah)
EQ2MIX_Input_2_
Source
EQ2MIX_
STS2
0
0
0
0
0
0
0
EQ2MIX_SRC2 [7:0]
0000h
R2187
(88Bh)
EQ2MIX_Input_2_
Volume
00
000
000
EQ2MIX_VOL2 [6:0]
0
0080h
R2188
(88Ch)
EQ2MIX_Input_3_
Source
EQ2MIX_
STS3
0
0
0
0
0
0
0
EQ2MIX_SRC3 [7:0]
0000h
R2189
(88Dh)
EQ2MIX_Input_3_
Volume
00
000
000
EQ2MIX_VOL3 [6:0]
0
0080h
R2190
(88Eh)
EQ2MIX_Input_4_
Source
EQ2MIX_
STS4
0
0
0
0
0
0
0
EQ2MIX_SRC4 [7:0]
0000h
R2191
(88Fh)
EQ2MIX_Input_4_
Volume
00
000
000
EQ2MIX_VOL4 [6:0]
0
0080h
R2192
(890h)
EQ3MIX_Input_1_
Source
EQ3MIX_
STS1
0
0
0
0
0
0
0
EQ3MIX_SRC1 [7:0]
0000h
R2193
(891h)
EQ3MIX_Input_1_
Volume
00
000
000
EQ3MIX_VOL1 [6:0]
0
0080h
R2194
(892h)
EQ3MIX_Input_2_
Source
EQ3MIX_
STS2
0
0
0
0
0
0
0
EQ3MIX_SRC2 [7:0]
0000h
R2195
(893h)
EQ3MIX_Input_2_
Volume
00
000
000
EQ3MIX_VOL2 [6:0]
0
0080h
R2196
(894h)
EQ3MIX_Input_3_
Source
EQ3MIX_
STS3
0
0
0
0
0
0
0
EQ3MIX_SRC3 [7:0]
0000h
R2197
(895h)
EQ3MIX_Input_3_
Volume
00
000
000
EQ3MIX_VOL3 [6:0]
0
0080h
R2198
(896h)
EQ3MIX_Input_4_
Source
EQ3MIX_
STS4
0
0
0
0
0
0
0
EQ3MIX_SRC4 [7:0]
0000h
R2199
(897h)
EQ3MIX_Input_4_
Volume
00
000
000
EQ3MIX_VOL4 [6:0]
0
0080h
R2200
(898h)
EQ4MIX_Input_1_
Source
EQ4MIX_
STS1
0
0
0
0
0
0
0
EQ4MIX_SRC1 [7:0]
0000h
R2201
(899h)
EQ4MIX_Input_1_
Volume
00
000
000
EQ4MIX_VOL1 [6:0]
0
0080h
R2202
(89Ah)
EQ4MIX_Input_2_
Source
EQ4MIX_
STS2
0
0
0
0
0
0
0
EQ4MIX_SRC2 [7:0]
0000h
R2203
(89Bh)
EQ4MIX_Input_2_
Volume
00
000
000
EQ4MIX_VOL2 [6:0]
0
0080h
R2204
(89Ch)
EQ4MIX_Input_3_
Source
EQ4MIX_
STS3
0
0
0
0
0
0
0
EQ4MIX_SRC3 [7:0]
0000h
R2205
(89Dh)
EQ4MIX_Input_3_
Volume
00
000
000
EQ4MIX_VOL3 [6:0]
0
0080h
R2206
(89Eh)
EQ4MIX_Input_4_
Source
EQ4MIX_
STS4
0
0
0
0
0
0
0
EQ4MIX_SRC4 [7:0]
0000h
R2207
(89Fh)
EQ4MIX_Input_4_
Volume
00
000
000
EQ4MIX_VOL4 [6:0]
0
0080h
R2240
(8C0h)
DRC1LMIX_Input_1_
Source
DRC1LMIX
_STS1
0
0
0
0
0
0
0
DRC1LMIX_SRC1 [7:0]
0000h
R2241
(8C1h)
DRC1LMIX_Input_1_
Volume
00
000
000
DRC1LMIX_VOL1 [6:0]
0
0080h
R2242
(8C2h)
DRC1LMIX_Input_2_
Source
DRC1LMIX
_STS2
0
0
0
0
0
0
0
DRC1LMIX_SRC2 [7:0]
0000h
R2243
(8C3h)
DRC1LMIX_Input_2_
Volume
00
000
000
DRC1LMIX_VOL2 [6:0]
0
0080h
R2244
(8C4h)
DRC1LMIX_Input_3_
Source
DRC1LMIX
_STS3
0
0
0
0
0
0
0
DRC1LMIX_SRC3 [7:0]
0000h
R2245
(8C5h)
DRC1LMIX_Input_3_
Volume
00
000
000
DRC1LMIX_VOL3 [6:0]
0
0080h
R2246
(8C6h)
DRC1LMIX_Input_4_
Source
DRC1LMIX
_STS4
0
0
0
0
0
0
0
DRC1LMIX_SRC4 [7:0]
0000h
R2247
(8C7h)
DRC1LMIX_Input_4_
Volume
00
000
000
DRC1LMIX_VOL4 [6:0]
0
0080h
R2248
(8C8h)
DRC1RMIX_Input_1_
Source
DRC1RMI
X_STS1
0
000
000
DRC1RMIX_SRC1 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com