Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 252 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 252 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 248Page - Cirrus Logic CS47L35 Datasheet HTML 249Page - Cirrus Logic CS47L35 Datasheet HTML 250Page - Cirrus Logic CS47L35 Datasheet HTML 251Page - Cirrus Logic CS47L35 Datasheet HTML 252Page - Cirrus Logic CS47L35 Datasheet HTML 253Page - Cirrus Logic CS47L35 Datasheet HTML 254Page - Cirrus Logic CS47L35 Datasheet HTML 255Page - Cirrus Logic CS47L35 Datasheet HTML 256Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 300 page
background image
252
DS1085F3
CS47L35
6 Register Map
R1813
(715h)
AIF1TX3MIX_Input_3_
Volume
00
000
000
AIF1TX3MIX_VOL3 [6:0]
0
0080h
R1814
(716h)
AIF1TX3MIX_Input_4_
Source
AIF1TX3MI
X_STS4
0
000
000
AIF1TX3MIX_SRC4 [7:0]
0000h
R1815
(717h)
AIF1TX3MIX_Input_4_
Volume
00
000
000
AIF1TX3MIX_VOL4 [6:0]
0
0080h
R1816
(718h)
AIF1TX4MIX_Input_1_
Source
AIF1TX4MI
X_STS1
0
000
000
AIF1TX4MIX_SRC1 [7:0]
0000h
R1817
(719h)
AIF1TX4MIX_Input_1_
Volume
00
000
000
AIF1TX4MIX_VOL1 [6:0]
0
0080h
R1818
(71Ah)
AIF1TX4MIX_Input_2_
Source
AIF1TX4MI
X_STS2
0
000
000
AIF1TX4MIX_SRC2 [7:0]
0000h
R1819
(71Bh)
AIF1TX4MIX_Input_2_
Volume
00
000
000
AIF1TX4MIX_VOL2 [6:0]
0
0080h
R1820
(71Ch)
AIF1TX4MIX_Input_3_
Source
AIF1TX4MI
X_STS3
0
000
000
AIF1TX4MIX_SRC3 [7:0]
0000h
R1821
(71Dh)
AIF1TX4MIX_Input_3_
Volume
00
000
000
AIF1TX4MIX_VOL3 [6:0]
0
0080h
R1822
(71Eh)
AIF1TX4MIX_Input_4_
Source
AIF1TX4MI
X_STS4
0
000
000
AIF1TX4MIX_SRC4 [7:0]
0000h
R1823
(71Fh)
AIF1TX4MIX_Input_4_
Volume
00
000
000
AIF1TX4MIX_VOL4 [6:0]
0
0080h
R1824
(720h)
AIF1TX5MIX_Input_1_
Source
AIF1TX5MI
X_STS1
0
000
000
AIF1TX5MIX_SRC1 [7:0]
0000h
R1825
(721h)
AIF1TX5MIX_Input_1_
Volume
00
000
000
AIF1TX5MIX_VOL1 [6:0]
0
0080h
R1826
(722h)
AIF1TX5MIX_Input_2_
Source
AIF1TX5MI
X_STS2
0
000
000
AIF1TX5MIX_SRC2 [7:0]
0000h
R1827
(723h)
AIF1TX5MIX_Input_2_
Volume
00
000
000
AIF1TX5MIX_VOL2 [6:0]
0
0080h
R1828
(724h)
AIF1TX5MIX_Input_3_
Source
AIF1TX5MI
X_STS3
0
000
000
AIF1TX5MIX_SRC3 [7:0]
0000h
R1829
(725h)
AIF1TX5MIX_Input_3_
Volume
00
000
000
AIF1TX5MIX_VOL3 [6:0]
0
0080h
R1830
(726h)
AIF1TX5MIX_Input_4_
Source
AIF1TX5MI
X_STS4
0
000
000
AIF1TX5MIX_SRC4 [7:0]
0000h
R1831
(727h)
AIF1TX5MIX_Input_4_
Volume
00
000
000
AIF1TX5MIX_VOL4 [6:0]
0
0080h
R1832
(728h)
AIF1TX6MIX_Input_1_
Source
AIF1TX6MI
X_STS1
0
000
000
AIF1TX6MIX_SRC1 [7:0]
0000h
R1833
(729h)
AIF1TX6MIX_Input_1_
Volume
00
000
000
AIF1TX6MIX_VOL1 [6:0]
0
0080h
R1834
(72Ah)
AIF1TX6MIX_Input_2_
Source
AIF1TX6MI
X_STS2
0
000
000
AIF1TX6MIX_SRC2 [7:0]
0000h
R1835
(72Bh)
AIF1TX6MIX_Input_2_
Volume
00
000
000
AIF1TX6MIX_VOL2 [6:0]
0
0080h
R1836
(72Ch)
AIF1TX6MIX_Input_3_
Source
AIF1TX6MI
X_STS3
0
000
000
AIF1TX6MIX_SRC3 [7:0]
0000h
R1837
(72Dh)
AIF1TX6MIX_Input_3_
Volume
00
000
000
AIF1TX6MIX_VOL3 [6:0]
0
0080h
R1838
(72Eh)
AIF1TX6MIX_Input_4_
Source
AIF1TX6MI
X_STS4
0
000
000
AIF1TX6MIX_SRC4 [7:0]
0000h
R1839
(72Fh)
AIF1TX6MIX_Input_4_
Volume
00
000
000
AIF1TX6MIX_VOL4 [6:0]
0
0080h
R1856
(740h)
AIF2TX1MIX_Input_1_
Source
AIF2TX1MI
X_STS1
0
000
000
AIF2TX1MIX_SRC1 [7:0]
0000h
R1857
(741h)
AIF2TX1MIX_Input_1_
Volume
00
000
000
AIF2TX1MIX_VOL1 [6:0]
0
0080h
R1858
(742h)
AIF2TX1MIX_Input_2_
Source
AIF2TX1MI
X_STS2
0
000
000
AIF2TX1MIX_SRC2 [7:0]
0000h
R1859
(743h)
AIF2TX1MIX_Input_2_
Volume
00
000
000
AIF2TX1MIX_VOL2 [6:0]
0
0080h
R1860
(744h)
AIF2TX1MIX_Input_3_
Source
AIF2TX1MI
X_STS3
0
000
000
AIF2TX1MIX_SRC3 [7:0]
0000h
R1861
(745h)
AIF2TX1MIX_Input_3_
Volume
00
000
000
AIF2TX1MIX_VOL3 [6:0]
0
0080h
R1862
(746h)
AIF2TX1MIX_Input_4_
Source
AIF2TX1MI
X_STS4
0
000
000
AIF2TX1MIX_SRC4 [7:0]
0000h
R1863
(747h)
AIF2TX1MIX_Input_4_
Volume
00
000
000
AIF2TX1MIX_VOL4 [6:0]
0
0080h
R1864
(748h)
AIF2TX2MIX_Input_1_
Source
AIF2TX2MI
X_STS1
0
000
000
AIF2TX2MIX_SRC1 [7:0]
0000h
R1865
(749h)
AIF2TX2MIX_Input_1_
Volume
00
000
000
AIF2TX2MIX_VOL1 [6:0]
0
0080h
R1866
(74Ah)
AIF2TX2MIX_Input_2_
Source
AIF2TX2MI
X_STS2
0
000
000
AIF2TX2MIX_SRC2 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com