Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 256 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 256 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 252Page - Cirrus Logic CS47L35 Datasheet HTML 253Page - Cirrus Logic CS47L35 Datasheet HTML 254Page - Cirrus Logic CS47L35 Datasheet HTML 255Page - Cirrus Logic CS47L35 Datasheet HTML 256Page - Cirrus Logic CS47L35 Datasheet HTML 257Page - Cirrus Logic CS47L35 Datasheet HTML 258Page - Cirrus Logic CS47L35 Datasheet HTML 259Page - Cirrus Logic CS47L35 Datasheet HTML 260Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 300 page
background image
256
DS1085F3
CS47L35
6 Register Map
R2249
(8C9h)
DRC1RMIX_Input_1_
Volume
00
000
000
DRC1RMIX_VOL1 [6:0]
0
0080h
R2250
(8CAh)
DRC1RMIX_Input_2_
Source
DRC1RMI
X_STS2
0
000
000
DRC1RMIX_SRC2 [7:0]
0000h
R2251
(8CBh)
DRC1RMIX_Input_2_
Volume
00
000
000
DRC1RMIX_VOL2 [6:0]
0
0080h
R2252
(8CCh)
DRC1RMIX_Input_3_
Source
DRC1RMI
X_STS3
0
000
000
DRC1RMIX_SRC3 [7:0]
0000h
R2253
(8CDh)
DRC1RMIX_Input_3_
Volume
00
000
000
DRC1RMIX_VOL3 [6:0]
0
0080h
R2254
(8CEh)
DRC1RMIX_Input_4_
Source
DRC1RMI
X_STS4
0
000
000
DRC1RMIX_SRC4 [7:0]
0000h
R2255
(8CFh)
DRC1RMIX_Input_4_
Volume
00
000
000
DRC1RMIX_VOL4 [6:0]
0
0080h
R2256
(8D0h)
DRC2LMIX_Input_1_
Source
DRC2LMIX
_STS1
0
0
0
0
0
0
0
DRC2LMIX_SRC1 [7:0]
0000h
R2257
(8D1h)
DRC2LMIX_Input_1_
Volume
00
000
000
DRC2LMIX_VOL1 [6:0]
0
0080h
R2258
(8D2h)
DRC2LMIX_Input_2_
Source
DRC2LMIX
_STS2
0
0
0
0
0
0
0
DRC2LMIX_SRC2 [7:0]
0000h
R2259
(8D3h)
DRC2LMIX_Input_2_
Volume
00
000
000
DRC2LMIX_VOL2 [6:0]
0
0080h
R2260
(8D4h)
DRC2LMIX_Input_3_
Source
DRC2LMIX
_STS3
0
0
0
0
0
0
0
DRC2LMIX_SRC3 [7:0]
0000h
R2261
(8D5h)
DRC2LMIX_Input_3_
Volume
00
000
000
DRC2LMIX_VOL3 [6:0]
0
0080h
R2262
(8D6h)
DRC2LMIX_Input_4_
Source
DRC2LMIX
_STS4
0
0
0
0
0
0
0
DRC2LMIX_SRC4 [7:0]
0000h
R2263
(8D7h)
DRC2LMIX_Input_4_
Volume
00
000
000
DRC2LMIX_VOL4 [6:0]
0
0080h
R2264
(8D8h)
DRC2RMIX_Input_1_
Source
DRC2RMI
X_STS1
0
000
000
DRC2RMIX_SRC1 [7:0]
0000h
R2265
(8D9h)
DRC2RMIX_Input_1_
Volume
00
000
000
DRC2RMIX_VOL1 [6:0]
0
0080h
R2266
(8DAh)
DRC2RMIX_Input_2_
Source
DRC2RMI
X_STS2
0
000
000
DRC2RMIX_SRC2 [7:0]
0000h
R2267
(8DBh)
DRC2RMIX_Input_2_
Volume
00
000
000
DRC2RMIX_VOL2 [6:0]
0
0080h
R2268
(8DCh)
DRC2RMIX_Input_3_
Source
DRC2RMI
X_STS3
0
000
000
DRC2RMIX_SRC3 [7:0]
0000h
R2269
(8DDh)
DRC2RMIX_Input_3_
Volume
00
000
000
DRC2RMIX_VOL3 [6:0]
0
0080h
R2270
(8DEh)
DRC2RMIX_Input_4_
Source
DRC2RMI
X_STS4
0
000
000
DRC2RMIX_SRC4 [7:0]
0000h
R2271
(8DFh)
DRC2RMIX_Input_4_
Volume
00
000
000
DRC2RMIX_VOL4 [6:0]
0
0080h
R2304
(900h)
HPLP1MIX_Input_1_
Source
LHPF1MIX
_STS1
0
000
000
LHPF1MIX_SRC1 [7:0]
0000h
R2305
(901h)
HPLP1MIX_Input_1_
Volume
00
000
000
LHPF1MIX_VOL1 [6:0]
0
0080h
R2306
(902h)
HPLP1MIX_Input_2_
Source
LHPF1MIX
_STS2
0
000
000
LHPF1MIX_SRC2 [7:0]
0000h
R2307
(903h)
HPLP1MIX_Input_2_
Volume
00
000
000
LHPF1MIX_VOL2 [6:0]
0
0080h
R2308
(904h)
HPLP1MIX_Input_3_
Source
LHPF1MIX
_STS3
0
000
000
LHPF1MIX_SRC3 [7:0]
0000h
R2309
(905h)
HPLP1MIX_Input_3_
Volume
00
000
000
LHPF1MIX_VOL3 [6:0]
0
0080h
R2310
(906h)
HPLP1MIX_Input_4_
Source
LHPF1MIX
_STS4
0
000
000
LHPF1MIX_SRC4 [7:0]
0000h
R2311
(907h)
HPLP1MIX_Input_4_
Volume
00
000
000
LHPF1MIX_VOL4 [6:0]
0
0080h
R2312
(908h)
HPLP2MIX_Input_1_
Source
LHPF2MIX
_STS1
0
000
000
LHPF2MIX_SRC1 [7:0]
0000h
R2313
(909h)
HPLP2MIX_Input_1_
Volume
00
000
000
LHPF2MIX_VOL1 [6:0]
0
0080h
R2314
(90Ah)
HPLP2MIX_Input_2_
Source
LHPF2MIX
_STS2
0
000
000
LHPF2MIX_SRC2 [7:0]
0000h
R2315
(90Bh)
HPLP2MIX_Input_2_
Volume
00
000
000
LHPF2MIX_VOL2 [6:0]
0
0080h
R2316
(90Ch)
HPLP2MIX_Input_3_
Source
LHPF2MIX
_STS3
0
000
000
LHPF2MIX_SRC3 [7:0]
0000h
R2317
(90Dh)
HPLP2MIX_Input_3_
Volume
00
000
000
LHPF2MIX_VOL3 [6:0]
0
0080h
R2318
(90Eh)
HPLP2MIX_Input_4_
Source
LHPF2MIX
_STS4
0
000
000
LHPF2MIX_SRC4 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com