Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 284 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 284 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 280Page - Cirrus Logic CS47L35 Datasheet HTML 281Page - Cirrus Logic CS47L35 Datasheet HTML 282Page - Cirrus Logic CS47L35 Datasheet HTML 283Page - Cirrus Logic CS47L35 Datasheet HTML 284Page - Cirrus Logic CS47L35 Datasheet HTML 285Page - Cirrus Logic CS47L35 Datasheet HTML 286Page - Cirrus Logic CS47L35 Datasheet HTML 287Page - Cirrus Logic CS47L35 Datasheet HTML 288Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 300 page
background image
284
DS1085F3
CS47L35
6 Register Map
R296534
(48656h)
EVENTLOG4_CH12_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH12_
DB
EVENTLO
G4_CH12_
POL
0
0
0
0
0
EVENTLOG4_CH12_SEL [8:0]
R296536
(48658h)
EVENTLOG4_CH13_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH13_
DB
EVENTLO
G4_CH13_
POL
0
0
0
0
0
EVENTLOG4_CH13_SEL [8:0]
R296538
(4865Ah)
EVENTLOG4_CH14_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH14_
DB
EVENTLO
G4_CH14_
POL
0
0
0
0
0
EVENTLOG4_CH14_SEL [8:0]
R296540
(4865Ch)
EVENTLOG4_CH15_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH15_
DB
EVENTLO
G4_CH15_
POL
0
0
0
0
0
EVENTLOG4_CH15_SEL [8:0]
R296542
(4865Eh)
EVENTLOG4_CH16_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G4_CH16_
DB
EVENTLO
G4_CH16_
POL
0
0
0
0
0
EVENTLOG4_CH16_SEL [8:0]
R296576
(48680h)
EVENTLOG4_FIFO0_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO0_
POL
0
0
0
EVENTLOG4_FIFO0_ID [8:0]
R296578
(48682h)
EVENTLOG4_FIFO0_
TIME
EVENTLOG4_FIFO0_TIME [31:16]
00000000h
EVENTLOG4_FIFO0_TIME [15:0]
R296580
(48684h)
EVENTLOG4_FIFO1_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO1_
POL
0
0
0
EVENTLOG4_FIFO1_ID [8:0]
R296582
(48686h)
EVENTLOG4_FIFO1_
TIME
EVENTLOG4_FIFO1_TIME [31:16]
00000000h
EVENTLOG4_FIFO1_TIME [15:0]
R296584
(48688h)
EVENTLOG4_FIFO2_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO2_
POL
0
0
0
EVENTLOG4_FIFO2_ID [8:0]
R296586
(4868Ah)
EVENTLOG4_FIFO2_
TIME
EVENTLOG4_FIFO2_TIME [31:16]
00000000h
EVENTLOG4_FIFO2_TIME [15:0]
R296588
(4868Ch)
EVENTLOG4_FIFO3_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO3_
POL
0
0
0
EVENTLOG4_FIFO3_ID [8:0]
R296590
(4868Eh)
EVENTLOG4_FIFO3_
TIME
EVENTLOG4_FIFO3_TIME [31:16]
00000000h
EVENTLOG4_FIFO3_TIME [15:0]
R296592
(48690h)
EVENTLOG4_FIFO4_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO4_
POL
0
0
0
EVENTLOG4_FIFO4_ID [8:0]
R296594
(48692h)
EVENTLOG4_FIFO4_
TIME
EVENTLOG4_FIFO4_TIME [31:16]
00000000h
EVENTLOG4_FIFO4_TIME [15:0]
R296596
(48694h)
EVENTLOG4_FIFO5_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO5_
POL
0
0
0
EVENTLOG4_FIFO5_ID [8:0]
R296598
(48696h)
EVENTLOG4_FIFO5_
TIME
EVENTLOG4_FIFO5_TIME [31:16]
00000000h
EVENTLOG4_FIFO5_TIME [15:0]
R296600
(48698h)
EVENTLOG4_FIFO6_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO6_
POL
0
0
0
EVENTLOG4_FIFO6_ID [8:0]
R296602
(4869Ah)
EVENTLOG4_FIFO6_
TIME
EVENTLOG4_FIFO6_TIME [31:16]
00000000h
EVENTLOG4_FIFO6_TIME [15:0]
R296604
(4869Ch)
EVENTLOG4_FIFO7_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO7_
POL
0
0
0
EVENTLOG4_FIFO7_ID [8:0]
R296606
(4869Eh)
EVENTLOG4_FIFO7_
TIME
EVENTLOG4_FIFO7_TIME [31:16]
00000000h
EVENTLOG4_FIFO7_TIME [15:0]
R296608
(486A0h)
EVENTLOG4_FIFO8_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G4_
FIFO8_
POL
0
0
0
EVENTLOG4_FIFO8_ID [8:0]
R296610
(486A2h)
EVENTLOG4_FIFO8_
TIME
EVENTLOG4_FIFO8_TIME [31:16]
00000000h
EVENTLOG4_FIFO8_TIME [15:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com