Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 291 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 291 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 287Page - Cirrus Logic CS47L35 Datasheet HTML 288Page - Cirrus Logic CS47L35 Datasheet HTML 289Page - Cirrus Logic CS47L35 Datasheet HTML 290Page - Cirrus Logic CS47L35 Datasheet HTML 291Page - Cirrus Logic CS47L35 Datasheet HTML 292Page - Cirrus Logic CS47L35 Datasheet HTML 293Page - Cirrus Logic CS47L35 Datasheet HTML 294Page - Cirrus Logic CS47L35 Datasheet HTML 295Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 300 page
background image
DS1085F3
291
CS47L35
6 Register Map
R331968
(510C0h)
RA_SPARE_A12_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A12_IN_
USE_STS
RA_
SPARE_
A12_
SHARE
0
000
000
00
RA_SPARE_A12_OWNER [4:0]
R331970
(510C2h)
RA_SPARE_A12_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A12_IN_USE_SET [4:0]
R331972
(510C4h)
RA_SPARE_A12_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
0
0
0
RA_SPARE_A12_IN_USE_CLR [4:0]
R331976
(510C8h)
RA_SPARE_A12_
Thread_Ctrl_Debug_1
RA_SPARE_A12_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A12_IN_USE_DBG0 [15:0]
R331984
(510D0h)
RA_SPARE_A13_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A13_IN_
USE_STS
RA_
SPARE_
A13_
SHARE
0
000
000
00
RA_SPARE_A13_OWNER [4:0]
R331986
(510D2h)
RA_SPARE_A13_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A13_IN_USE_SET [4:0]
R331988
(510D4h)
RA_SPARE_A13_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
0
0
0
RA_SPARE_A13_IN_USE_CLR [4:0]
R331992
(510D8h)
RA_SPARE_A13_
Thread_Ctrl_Debug_1
RA_SPARE_A13_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A13_IN_USE_DBG0 [15:0]
R332000
(510E0h)
RA_SPARE_A14_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A14_IN_
USE_STS
RA_
SPARE_
A14_
SHARE
0
000
000
00
RA_SPARE_A14_OWNER [4:0]
R332002
(510E2h)
RA_SPARE_A14_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A14_IN_USE_SET [4:0]
R332004
(510E4h)
RA_SPARE_A14_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
0
0
0
RA_SPARE_A14_IN_USE_CLR [4:0]
R332008
(510E8h)
RA_SPARE_A14_
Thread_Ctrl_Debug_1
RA_SPARE_A14_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A14_IN_USE_DBG0 [15:0]
R332016
(510F0h)
RA_SPARE_A15_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A15_IN_
USE_STS
RA_
SPARE_
A15_
SHARE
0
000
000
00
RA_SPARE_A15_OWNER [4:0]
R332018
(510F2h)
RA_SPARE_A15_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A15_IN_USE_SET [4:0]
R332020
(510F4h)
RA_SPARE_A15_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
0
0
0
RA_SPARE_A15_IN_USE_CLR [4:0]
R332024
(510F8h)
RA_SPARE_A15_
Thread_Ctrl_Debug_1
RA_SPARE_A15_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A15_IN_USE_DBG0 [15:0]
R332032
(51100h)
RA_SPARE_A16_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A16_IN_
USE_STS
RA_
SPARE_
A16_
SHARE
0
000
000
00
RA_SPARE_A16_OWNER [4:0]
R332034
(51102h)
RA_SPARE_A16_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A16_IN_USE_SET [4:0]
R332036
(51104h)
RA_SPARE_A16_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
0
0
0
RA_SPARE_A16_IN_USE_CLR [4:0]
R332040
(51108h)
RA_SPARE_A16_
Thread_Ctrl_Debug_1
RA_SPARE_A16_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A16_IN_USE_DBG0 [15:0]
R332800
(51400h)
RA_SPARE_B_Thread_
Ctrl_1
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
RA_SPARE_B_STS [7:0]
R332804
(51404h)
RA_SPARE_B_Thread_
Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
00
RA_SPARE_B_SHARE_STS [7:0]
R332808
(51408h)
RA_SPARE_B_Thread_
Ctrl_3
0
0
0
000
000
00
000
00
00000008h
0
0
0
000
000
0
RA_SPARE_B_NUM [5:0]
R332816
(51410h)
RA_SPARE_B1_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
B1_IN_
USE_STS
RA_
SPARE_
B1_
SHARE
0
000
000
00
RA_SPARE_B1_OWNER [4:0]
R332818
(51412h)
RA_SPARE_B1_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B1_IN_USE_SET [4:0]
R332820
(51414h)
RA_SPARE_B1_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B1_IN_USE_CLR [4:0]
R332824
(51418h)
RA_SPARE_B1_
Thread_Ctrl_Debug_1
RA_SPARE_B1_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_B1_IN_USE_DBG0 [15:0]
R332832
(51420h)
RA_SPARE_B2_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
B2_IN_
USE_STS
RA_
SPARE_
B2_
SHARE
0
000
000
00
RA_SPARE_B2_OWNER [4:0]
R332834
(51422h)
RA_SPARE_B2_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_B2_IN_USE_SET [4:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com