Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 290 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 290 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 286Page - Cirrus Logic CS47L35 Datasheet HTML 287Page - Cirrus Logic CS47L35 Datasheet HTML 288Page - Cirrus Logic CS47L35 Datasheet HTML 289Page - Cirrus Logic CS47L35 Datasheet HTML 290Page - Cirrus Logic CS47L35 Datasheet HTML 291Page - Cirrus Logic CS47L35 Datasheet HTML 292Page - Cirrus Logic CS47L35 Datasheet HTML 293Page - Cirrus Logic CS47L35 Datasheet HTML 294Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 300 page
background image
290
DS1085F3
CS47L35
6 Register Map
R331856
(51050h)
RA_SPARE_A5_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A5_IN_
USE_STS
RA_
SPARE_
A5_
SHARE
0
000
000
00
RA_SPARE_A5_OWNER [4:0]
R331858
(51052h)
RA_SPARE_A5_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A5_IN_USE_SET [4:0]
R331860
(51054h)
RA_SPARE_A5_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A5_IN_USE_CLR [4:0]
R331864
(51058h)
RA_SPARE_A5_
Thread_Ctrl_Debug_1
RA_SPARE_A5_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A5_IN_USE_DBG0 [15:0]
R331872
(51060h)
RA_SPARE_A6_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A6_IN_
USE_STS
RA_
SPARE_
A6_
SHARE
0
000
000
00
RA_SPARE_A6_OWNER [4:0]
R331874
(51062h)
RA_SPARE_A6_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A6_IN_USE_SET [4:0]
R331876
(51064h)
RA_SPARE_A6_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A6_IN_USE_CLR [4:0]
R331880
(51068h)
RA_SPARE_A6_
Thread_Ctrl_Debug_1
RA_SPARE_A6_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A6_IN_USE_DBG0 [15:0]
R331888
(51070h)
RA_SPARE_A7_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A7_IN_
USE_STS
RA_
SPARE_
A7_
SHARE
0
000
000
00
RA_SPARE_A7_OWNER [4:0]
R331890
(51072h)
RA_SPARE_A7_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A7_IN_USE_SET [4:0]
R331892
(51074h)
RA_SPARE_A7_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A7_IN_USE_CLR [4:0]
R331896
(51078h)
RA_SPARE_A7_
Thread_Ctrl_Debug_1
RA_SPARE_A7_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A7_IN_USE_DBG0 [15:0]
R331904
(51080h)
RA_SPARE_A8_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A8_IN_
USE_STS
RA_
SPARE_
A8_
SHARE
0
000
000
00
RA_SPARE_A8_OWNER [4:0]
R331906
(51082h)
RA_SPARE_A8_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A8_IN_USE_SET [4:0]
R331908
(51084h)
RA_SPARE_A8_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A8_IN_USE_CLR [4:0]
R331912
(51088h)
RA_SPARE_A8_
Thread_Ctrl_Debug_1
RA_SPARE_A8_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A8_IN_USE_DBG0 [15:0]
R331920
(51090h)
RA_SPARE_A9_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A9_IN_
USE_STS
RA_
SPARE_
A9_
SHARE
0
000
000
00
RA_SPARE_A9_OWNER [4:0]
R331922
(51092h)
RA_SPARE_A9_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A9_IN_USE_SET [4:0]
R331924
(51094h)
RA_SPARE_A9_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A9_IN_USE_CLR [4:0]
R331928
(51098h)
RA_SPARE_A9_
Thread_Ctrl_Debug_1
RA_SPARE_A9_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A9_IN_USE_DBG0 [15:0]
R331936
(510A0h)
RA_SPARE_A10_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A10_IN_
USE_STS
RA_
SPARE_
A10_
SHARE
0
000
000
00
RA_SPARE_A10_OWNER [4:0]
R331938
(510A2h)
RA_SPARE_A10_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A10_IN_USE_SET [4:0]
R331940
(510A4h)
RA_SPARE_A10_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
0
0
0
0
0
0
0
0
RA_SPARE_A10_IN_USE_CLR [4:0]
R331944
(510A8h)
RA_SPARE_A10_
Thread_Ctrl_Debug_1
RA_SPARE_A10_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A10_IN_USE_DBG0 [15:0]
R331952
(510B0h)
RA_SPARE_A11_
Thread_Ctrl_1
0
0
0
000
000
00
000
00
00000000h
RA_
SPARE_
A11_IN_
USE_STS
RA_
SPARE_
A11_
SHARE
0
000
000
00
RA_SPARE_A11_OWNER [4:0]
R331954
(510B2h)
RA_SPARE_A11_
Thread_Ctrl_2
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A11_IN_USE_SET [4:0]
R331956
(510B4h)
RA_SPARE_A11_
Thread_Ctrl_3
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
RA_SPARE_A11_IN_USE_CLR [4:0]
R331960
(510B8h)
RA_SPARE_A11_
Thread_Ctrl_Debug_1
RA_SPARE_A11_IN_USE_DBG0 [31:16]
00000000h
RA_SPARE_A11_IN_USE_DBG0 [15:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com