Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 18 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 14Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 15Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 16Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 17Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 18Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
18
NXP Semiconductors
Electrical characteristics
3
Electrical characteristics
This section provides the device and module-level electrical characteristics for the i.MX 8M Plus family
of processors.
3.1
Chip-level conditions
This section provides the device-level electrical characteristics for the IC. See Table 8 for a quick reference
to the individual tables and sections.
3.1.1
Absolute maximum ratings
CAUTION
Stresses beyond those listed under Table 9 may affect reliability or cause
permanent damage to the device. These are stress ratings only. Functional
operation of the device at these or any other conditions beyond those
indicated in the operating ranges or parameters tables is not implied.
Table 8. i.MX 8M Plus chip-level conditions
For these characteristics, …
Topic appears …
Absolute maximum ratings
on page 18
Thermal resistance
on page 20
Operating ranges
on page 23
External clock sources
on page 28
Estimated power supply maximum currents
on page 31
Power modes
on page 32
Power supplies requirements and restrictions
on page 34
Table 9. Absolute maximum ratings
Parameter description
Symbol
Min
Max
Unit
Notes
Core supply voltages
VDD_ARM
VDD_SOC
-0.3
1.15
V
—
GPIO supply voltage
NVCC_SD1, NVCC_SD2,
NVCC_NAND, NVCC_JTAG,
NVCC_ENET,
NVCC_SAI1_SAI5,
NVCC_SAI2_SAI3_SPDIF,
NVCC_ECSPI_HDMI,
NVCC_GPIO,
NVCC_I2C_UART,
NVCC_CLK
-0.3
3.8
V
—
SNVS IO supply voltage
NVCC_SNVS_1P8
-0.3
2.15
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com