Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 38 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 36Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 37Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 38Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 39Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 40Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 41Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
38
NXP Semiconductors
Electrical characteristics
3.4.2
DDR I/O DC electrical characteristics
The DDR I/O pads support LPDDR 4 and DDR4 operational modes. The DDR Memory Controller
(DDRMC) is compliant with JEDEC-compliant SDRAMs.
DDRMC operation is contingent upon the board’s DDR design adherence to the DDR design and layout
requirements stated in the hardware development guide for the i.MX 8M Plus application processor.
3.4.3
LVDS I/O DC parameters
The LVDS interface complies with TIA/EIA 644-A standard. See TIA/EIA STANDARD 644-A,
“Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits” for details.
Table 26. GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
VOH (1.8 V)
IOH = 1.6/3.2/6.4/9.6 mA (1.8 V)
IOH = 2/4/8/12 mA (3.3 V)
0.8 x VDD
—
VDD
V
VOH (3.3 V)
0.8 x VDD
—
VDD
V
Low-level output voltage
VOL (1.8 V)
IOL = 1.6/3.2/6.4/9.6 mA (1.8 V)
IOL = 2/4/8/12 mA (3.3 V)
0
—
0.2 x VDD
V
VOL (3.3 V)
0
—
0.2 x VDD
V
High-level input voltage
VIH
—
0.7 x VDD
—
VDD + 0.3
V
Low-level input voltage
VIL
—
-0.3
—
0.3 x VDD
V
Pull-up resistor
—
VDD = 1.65 - 1.95V
Temp = 0 - 95 oC
12
22
49
K
Pull-down resistor
—
13
23
48
K
Pull-up resistor
—
VDD = 3.0 - 3.6V
Temp = 0 - 95 oC
18
37
72
K
Pull-down resistor
—
24
43
87
K
High level input current
IIH
—
-4
—
4
µA
Low level input current
IIL
—
-0.7
—
0.7
µA
Table 27. Additional leakage parameters
Parameter
Symbol
Pins
Min
Max
Unit
High level input current
IIH
USBx_Dx
-30
30
µA
MIPI_CSI
-4
4
ONOFF, POR_B
-1
1
Low level input current
IIL
USBx_Dx
-6
6
µA
MIPI_CSI, ONOFF, POR_B
-0.7
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com