Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 48 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 44Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 45Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 46Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 47Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 48Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 49Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 50Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 51Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
48
NXP Semiconductors
Electrical characteristics
3.8.2
Ultra-high-speed SD/SDIO/MMC host interface (uSDHC) AC
timing
This section describes the electrical information of the uSDHC, which includes SD/eMMC5.1 (single data
rate) timing, eMMC5.1/SD3.0 (dual data rate) timing and SDR50/SDR104 AC timing.
3.8.2.1
SD3.0/eMMC5.1 (single data rate) AC timing
Figure 15 depicts the timing of SD3.0/eMMC5.1, and Table 39 lists the SD3.0/eMMC5.1 timing
characteristics.
Figure 15. SD3.0/eMMC5.1 (SDR) timing
CS8 ECSPIx_MOSI Hold Time
tHmosi
4—
ns
CS9 ECSPIx_MISO Propagation Delay (CLOAD =20pF)
tPDmiso
419
ns
Table 39. SD3.0/eMMC5.1 (SDR) interface timing specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (Low Speed)
fPP
1
0
400
kHz
Clock Frequency (SD/SDIO Full Speed/High Speed)
fPP
2
0
25/50
MHz
Clock Frequency (MMC Full Speed/High Speed)
fPP
3
0
20/52
MHz
Clock Frequency (Identification Mode)
fOD
100
400
kHz
SD2
Clock Low Time
tWL
7—
ns
SD3
Clock High Time
tWH
7—
ns
Table 38. ECSPI Slave mode timing parameters (continued) (Sheet 2 of 2)
ID
Parameter
Symbol
Min
Max
Unit
SD1
SD3
SD5
SD4
SD7
SDx_CLK
SD2
SD8
SD6
Output from uSDHC to card
Input from card to uSDHC
SDx_DATA[7:0]
SDx_DATA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com