Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 37 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 36Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 37Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 38Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 39Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 40Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
37
3.4
I/O DC parameters
This section includes the DC parameters of the following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate I/O (DDR) for LPDDR4 and DDR4 modes
•
LVDS I/O
3.4.1
General purpose I/O (GPIO) DC parameters
Table 26 shows DC parameters for GPIO pads. The parameters in Table 26 are guaranteed per the
operating ranges in Table 12, unless otherwise noted.
SYS_PLL1
Clock output range
800 MHz
Reference clock
24 MHz
Lock time
70
µs
SYS_PLL2
Clock output range
1 GHz
Reference clock
24 MHz
Lock time
70
µs
SYS_PLL3
Clock output range
600 MHz — 1 GHz
Reference clock
24 MHz
Lock time
70
µs
ARM_PLL
Clock output range
800 MHz —1800 MHz
Reference clock
24 MHz
Lock time
70
µs
DRAM_PLL1
Clock output range
400 MHz — 1067 MHz
Reference clock
24 MHz
Lock time
50
µs
GPU_PLL
Clock output range
800 MHz —1000 MHz
Reference clock
24 MHz
Lock time
70
µs
VPU_PLL
Clock output range
400 MHz — 800 MHz
Reference clock
24 MHz
Lock time
70
µs
Table 25. PLL electrical parameters (continued)
PLL type
Parameter
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com