Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 29 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 25Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 26Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 27Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 28Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 29Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 30Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
29
•
RTC_XTALO is connected to NVCC_SNVS_1P8 (1.8 V) through a 100 Kohm resistor.
i.MX 8M Plus has an integrated ring oscillator that allows the system to have an immediate clock. This
clock automatically switches to OSC32K XTAL when available. Additionally, if the clock monitor
determines that the OSC32K oscillation is not present, then the source of the 32 kHz clock will
automatically switch to the internal ring oscillator of lesser frequency accuracy.
CAUTION
The internal ring oscillator is not meant to be used in customer applications,
due to gross frequency variation over wafer processing, temperature, and
supply voltage. These variations will cause timing issues to many different
circuits that use the internal ring oscillator for reference; and, if this timing
is critical, application issues will occur. To prevent application issues, it is
recommended to only use an external crystal or an accurate external clock.
If this recommendation is not followed, NXP cannot guarantee full
compliance of any circuit using this clock.
Table 15 shows the external input clock for OSC32K.
When connecting to 24 MHz clock, following connections are recommended:
•
1.8 V square waveform to XTALI_24M
•
XTALO_24M is connected to VDD_24M_XTAL_1P8 through a 400 ohm resistor.
Table 16 shows the external input clock for 24 MHz.
3.1.6.1
On-chip OSC32K
This block implements an amplifier that when combined with a suitable quartz crystal and external load
Table 15. External input clock for OSC32K
Symbol
Min
Typ
Max
Unit
Frequency
f
—
32.768
—
kHz
RTC_XTALI
VIH
0.7 x NVCC_SNVS_1P8
—
NVCC_SNVS_1P8
V
VIL
0
—
0.3 x NVCC_SNVS_1P8
V
IIH
-12
—
12
µA
IIL
-12
—
12
µA
Table 16. External input clock for 24 MHz
Symbol
Min
Typ
Max
Unit
Frequency
f
—
24
—
MHz
XTALI_24M
VIH
0.7 x Vdd
—Vdd + 0.3
V
VIL
-0.3
—
0.3 x Vdd
V
IIH
-12
—
12
µA
IIL
-12
—
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com