Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 40 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 36Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 37Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 38Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 39Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 40Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 41Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 42Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 43Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
40
NXP Semiconductors
Electrical characteristics
3.5.2
DDR I/O AC electrical characteristics
The DDR I/O pads support LPDDR 4 and DDR4 operational modes. The DDR Memory Controller
(DDRMC) is compliant with JEDEC-compliant SDRAMs.
DDRMC operation is contingent upon the board’s DDR design adherence to the DDR design and layout
requirements stated in the hardware development guide for the i.MX 8M Plus application processor.
3.5.3
LVDS I/O AC Parameters
The differential output transition time waveform is shown in Figure 9.
Table 30. Maximum frequency of operation for output
Parameter
Maximum Frequency (MHz)
VDD = 1.8 V
VDD = 3.3 V
dse[2:0]
sre[1:0]
Driver type
CL = 10 pF
CL = 20 pF
CL = 10 pF
CL = 20 pF
00X
0X
1x Slow Slew
150
80
120
65
00X
1X
1x Fast Slew
150
80
120
65
10X
0X
2x Slow Slew
160
90
150
80
10X
1X
2x Fast Slew
160
90
150
80
01X
0X
4x Slow Slew
200
100
180
90
01X
1X
4x Fast Slew
200
100
180
90
11X
0X
6x Slow Slew
250
130
200
100
11X
1X
6x Fast Slew
250
130
200
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com