Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 24 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 23Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 24Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 25Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 26Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 27Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
24
NXP Semiconductors
Electrical characteristics
PCIe PHY supply voltage
VDD_PCI_0P8
0.805
0.850
0.900
V
Digital supply for PCIe PHY,
nominal mode
0.900
0.950
1.000
V
Digital supply for PCIe PHY,
overdrive mode
VDD_PCI_1P8
1.710
1.800
1.890
V
1.8 V supply for PCIe PHY
HDMI supply voltage
VDD_HDMI_0P8
0.805
0.850
0.900
V
Digital supply for HDMI PHY,
nominal mode
0.900
0.950
1.000
V
Digital supply for HDMI PHY,
overdrive mode
VDD_HDMI_1P8
1.710
1.800
1.890
V
Digital supply for HDMI PHY,
overdrive mode
LVDS supply voltage
VDD_LVDS_1P8
1.710
1.800
1.890
V
1.8 V supply for LVDS PHY
MIPI PHY supply voltage
VDD_MIPI_0P8
0.805
0.850
0.900
V
Digital supply for MIPI PHY,
nominal mode
0.900
0.950
1.000
V
Digital supply for MIPI PHY,
overdrive mode
VDD_MIPI_1P8
1.710
1.800
1.890
V
1.8 V supply for MIPI PHY
Arm PLL supply voltage
VDD_ARM_PLL_0P8
0.805
0.850
0.900
V
0.85 V supply for Arm PLL,
nominal mode
0.900
0.950
1.000
V
0.95 V supply for Arm PLL,
overdrive mode
VDD_ARM_PLL_1P8
1.710
1.800
1.890
V
1.8 V supply for Arm PLL
DRAM PLL supply voltage
VDD_DRAM_PLL_0P8
0.805
0.850
0.900
V
0.85 V supply for Arm PLL,
nominal mode
0.900
0.950
1.000
V
0.95 V supply for Arm PLL,
overdrive mode
VDD_DRAM_PLL_1P8
1.710
1.800
1.890
V
1.8 V supply for DRAM PLL
SAI PLL supply voltage
VDD_SAI_PLL_0P8
0.805
0.850
0.900
V
0.85 V supply for SAI PLL,
nominal mode
0.900
0.950
1.000
V
0.95 V supply for SAI PLL,
overdrive mode
VDD_SAI_PLL_1P8
1.710
1.800
1.890
V
1.8 V supply for SAI PLL
AVPLL supply voltage
VDD_AVPLL_1P8
1.710
1.800
1.890
V
1.8 V supply for AVPLL
EARC supply voltage
VDD_EARC_1P8
1.710
1.800
1.890
V
1.8 V supply for EARC
Table 12. Operating ranges (continued)
Parameter description
Symbol
Min
Typ
Max1,2
Unit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com