Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 22 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 18Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 23Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 24Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 25Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
22
NXP Semiconductors
Electrical characteristics
Figure 3. Power architecture of i.MX 8M Plus family of processors
Cortex A53 Platform
CPU #0
L1 Cache
CPU #1
L1 Cache
L2 Controll er & SCU
PMIC
VDD_ARM
VDD_SOC
VDD_SNVS_0P8
L2 Cache Memory
NVCC_XXX
NVCC_XXX
VDD_ANA_0P8
CPU #2
L1 Cache
CPU #3
L1 Cache
VDD_USB_3P3
NVCC_SNVS
VDD_USB_0P8
NVCC_DRAM
VDD_DRAM_PLL_0P8
SUPERMIX, ANAMIX,
CCMSRCGPCMIX
SNVS_LP Logic
SNVS IO
eFuse
3.3V GPIO PAD
1.8V GPIO PAD
PLL
Temperature Sensor
XTAL
MIPI PHYs
USB PHYs
DRAM PHY
DRAM PLL
0.8 /0.9 V
Digital
3. 3V IO
0.8 /0.9 /1.0V
Digital
1. 8V IO
Optional 1. 8V
Analog
1. 8V SNVS
1. 1/1. 2/1.35V
DRAM IO
VDD_ANAx_1P8
VDD_USB_1P8
VDDA_1P8_TSENSE
PVCC_1P8
GC520L
GPU
MIX
ISP, Dewarp
MEDIAMI X
PVCC_SNVS
NOC Wrapper
SoC Top-level
EFUSE_VDD18
EFUSE_VQPS
PVCC_XXX
PVCC_XXX
VDD_ANAx_1P8
VDDA_1P8_PLL
VDDD_0P8_PLL
NVCC_SNVS_1P8
Shared Logic
VDD_ARM_PLL_1P8
VDD_ARM_PLL_0P8
ARM PLL
GC7000UL
PCIe PHY
VDD_MIPI_1P8
VDD_MIPI_0P8
VDD_PCIE_1P8
VDD_PCIE_0P8
G1 Decoder
VPU
MIX
Shared Logic
G2 Decoder
VC8000E Encoder
VI P Nano-Si
MLMIX
LVDS PHYs
VDD_LVDS_1P8
HDMIMIX
LCD, HDMI Controller
HD
-relate logic
VDD_HDMI_0P8
VDD_HDMI_1P8
HDMI PHY
Audio peri pheral s
AUDI OMI X
Optional
Filter
LCD, ISI , MIPI Controller
0. 8V LDO
Regulator
VDD_DRAM_PLL_1P8
Optional
Regulator
Optional
Battery
PCIe, USB Controller s
HSIO MIX
1. 2V LDO
Regulator
VDD_MIPI_1P2
DRAM Contr ol ler
DDRMIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com