Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 4Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 5Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 6Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 7Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 8Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 9Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 11Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
8
NXP Semiconductors
i.MX 8M Plus introduction
Figure 2. Part number nomenclature—i.MX 8M Plus family of processors
MIMX8ML@+VN$$%A
Package type – all ROHS
Part number series
Data Sheet Temperature
Core frequency – Arm® A53
Part differentiator
Part differentiator
@
i.MX 8M Plus Quad
4x Arm® Cortex®-A53,
VPU, NPU, ISP, HiFi 4
8
i.MX 8M Plus Quad
4x Arm® Cortex®-A53,
VPU, ISP
6
i.MX 8M Plus QuadLite
4x Arm® Cortex®-A53
4
i.MX 8M Plus Dual
2x Arm® Cortex®-A53,
VPU, NPU, ISP, HiFi 4
3
Temperature Tj
+
Consumer: 0 to +95°C
D
Industrial: -40 to 105°C
C
A53 core frequency
$$
1.8 GHz
LZ
1.6 GHz
KZ
Package type
ROHS
FCBGA548
15 x 15 mm, 0.5 mm pitch
VN
Qualification level
Samples
P
Mass Production
M
Special
S
Part number Series
Description
IMX8ML
i.MX 8M Plus
Silicon Revision
Fusing Options
Silicon Rev
A
Rev A1
B
Fusing
%
-A
Qualification level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com